Part Number Hot Search : 
PCD3755A ISD1416 PESD5V 6N40CF AN1555N VKA3125N 24LC128 IFPA300
Product Description
Full Text Search
 

To Download SNMP-1000-B12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial computer peripherals features snmp-1000-e1b1e snmp-1000-e2b1e snmp-1000-b optional intelligent snmp/http system manager introduction the snmp-1000-b is a platform independent system management module that can detect system operating conditions and notify users to take necessary action to avert system failure through multiple communication protocols. with the snmp-1000-b installed, system monitoring and management can be integrated into an existing snmp-based network management environment. the snmp-1000-b also has a built-in web-based administration interface which allows users to monitor system operation from any place with internet connectivity. the snmp-1000-b adds another dimension of reliability to your most critical applications. powerful, easy to use the snmp-1000-b can detect a wide variety of internal system conditions, including temperature, voltage, fan rotation, power su pply or cpu operations such as watchdog timer output. through its i2c interface it can even monitor cpu temperature and voltages of advantechs full-sized cpu cards. depending on the alarm severity or user setup, it can generate several different alarm outputs, including snmp traps, e-mails, paging, acoustic signals, system resets, and digital output. through the easy-to-use web-based user interface, users can set the alarm criteria and select alarm outputs for each sensor input independently to meet user requirements. the backup battery enables the snmp-1000-b to perform its alarm function even during total system power failure. web-enabled, no driver needed the onboard 10/100 mbps fast ethernet interface enables the snmp-1000-b to be connected to your existing network, independent from the systems connection. it supports multiple network protocols such as tcp/ip, snmp, http and telnet, allowing you to manage your systems simply by using a web browser. no special software driver is needed thus eliminating compatibility issues with different operating systems. online upgrade and batch setup you can upgrade the frmware online by using the included setup utility. there is no need to go to a remote site and disassemble the chassis to collect each snmp-1000-b module or card for frmware upgrade. the setup utility also supports batch setup function, which allows you to save a confguration and duplicate it to many other snmp-1000-b modules and cards. this function saves tremendous time and effort when you have a number of snmp-1000-b units installed in your environment. flexible modular hardware design the modular design of the snmp-1000-b allows it to be easily customized to ft into any system. the ultra compact module is only 41 mm wide and 94 mm long (1.61" x 3.70"). it can be mounted on standard or customized carrier boards to plug into any standard pci/isa slot. ? monitoring system fans, temperature, voltage, power supply, cpu fan, cpu temperature, vcore, watchdog timer, etc. ? standalone system monitoring: no driver needed, os-independent ? remote alarm notifcation through snmp/http, e-mail or pager ? easy status monitoring through ethernet using a browser ? highly reliable: function will keep working even if the system or power fails ? modular design eases system integration and customization all product specifications are subject to change without notice last updated : 17-jul-2012
www.advantech.com/products online download firmware specifcations system status monitoring and management real-time health status monitoring: provides real-time status display in http/java graphical format history log up to 600 records. data can be downloaded through network or sent by e-mail display alarm event records alarm notifcation e-mail: can set up to 4 addresses to receive e-mails snmp trap: notify up to 8 snmp administrators pager notifcation: dial out through external modem to send messages to up to 8 pagers audible alarm sound supported protocols tcp, udp, ip, icmp, dhcp, bootp, arp, snmp, http, telnet management function web-based remote confgure, control and monitor remote reset, power down and power up remote digital output signal control remote message display control firmware upgrade from serial port and ethernet port modem dial in (console mode only) sensor specifcations voltage input +5 v dc , -5 v dc , +5 v sb , +3.3 v dc , +12 v dc , -12 v dc temperature input 9 (one for on-board sensor, 8 for external sensors) sensor lm75 interface i2c range -30 ~ 125 c (-22 ~ 257 f) fan speed input 9 (7 for snmp-1000-e2b1e) range 700 ~ 10000 rpm power input 4 (1 for snmp-1000-e2b1e) range high > 2.4 v dc , low < 0.8 v dc cpu card health interface i2c input cpu vcore, cpu fan, cpu temperature (up to 2 cpus), +5 v dc , -5 v dc , vi/o, +12 v dc , -12 v dc compatibility pca-6186, 6187, 6008, 6010, 6011, 6012 pce-5120, 5124, 5125, 5126 aimb-742 digital input/ output input 8 (snmp-1000-e1b1e only) output 4 (3 for snmp-1000-e2b1e) system specifcations processor system cpu 80188 compatible environment firmware 512 kb embedded flash rom memory 512 kb sram ethernet interface 10/100 mbps serial port interface rs-232 baud rate 9600 bps miscellaneous buzzer support yes detect time-out signal of system yes watchdog timer yes battery charge time 3 hr battery type li-ion capacity 1800 mah (fully charged gives 45 ~ 50 minutes operation, depending on system confguration) battery life 1 year @ 20 c, 80% capacity after 500 cycles of charge and discharge power requirements typical 5 v @ 550 ma operating non-operating temperature 0 ~ 60 c (-32 ~ 140 f) -20 ~ 70 c (4 ~ 158 f) humidity - 5 ~ 95% rh non-condensing physical characteristics dimensions kernel module: 40.5 x 93 mm (1.59" x 3.66") carrier board: 55 x 115 mm (2.17" x 4.53") pci/isa i/o extension module: 175 x 107 mm (6.89" x 4.21") ordering information part number description snmp-1000-e1b1e snmp/http system manager development kit, including the kernel module mounted on a pci/isa carrier board, 3 sets of temperature sensors, and cables snmp-1000-e2b1e snmp/http system manager card for acp series chassis, including the kernel module * compatible with advantech chassis series: ipc-622, ipc-623, ipc-7143, ipc-7220 and all acp series chassis (except acp-1010bp with limited condition) snmp-1000-b


▲Up To Search▲   

 
Price & Availability of SNMP-1000-B12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X