Part Number Hot Search : 
MPC2003 1N4148WS 2SK2679 X9401 5KE350CA AOZ101 HC373 HZ4C2
Product Description
Full Text Search
 

To Download SMJD-2V16W1P3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  z - power led x10490 z - power led x10490 technical data sheet rohs ssc customer drawn approval approval specification acrich2 C downlight 120v 17w smjd - 2v16w1p3 1
z - power led x10490 z - power led x10490 technical data sheet rohs acrich2 C 120v 17w downlight acrich2 description features applications 2 ? down light ? factory ceiling light ? industrial light ? connects directly to ac line voltage ? high power efficiency ? high power factor ? low thd ? long life time ? simple bom ? miniaturization ? lead free product ? rohs compliant the acrich 2 series of products are designed to be driven directly off of ac line voltage, therefore they do not need the standard converter essential for conventional general lighting products. the converter or driver found in most general lighting products can limit the overall life of the product, but with the acrich 2 series of products the life of the product can more closely be estimated from the led itself. this will also allow for a much smaller form factor from an overall fixture design allowing for higher creativity in the fixture. the modules have a high power factor which can contribute to a higher energy savings in the end application.
z - power led x10490 z - power led x10490 technical data sheet rohs contents 1. characteristics of 12 0 v 17 w downlight --- --- --- --- --- --- --- --- --- 4 2. thermal resistance of 12 0 v 17 w downlight --- --- --- --- --- --- --- 7 3. color spectrum --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- -- 8 4. power characteristics --- --- --- --- --- --- --- --- --- --- --- --- --- --- -- 10 5. radiation pattern --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 11 6. color & binning --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- -- 12 7. marking --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 15 8. outline dimensions --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 16 9. circuit drawing --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 17 10. packing --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 18 11. cautions for use --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 19 12. handling of silicone resin for leds --- --- --- --- --- --- --- --- --- --- 19 13. handling with regards to static electricity --- --- --- --- --- --- --- --- 20 14. storage before use --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 20 15. guidelines for properly working with acrich module -- --- --- --- --- 20 3
z - power led x10490 z - power led x10490 technical data sheet rohs 1. characteristics of 120v 17w downlight parameter symbol value unit min typ max luminous flux [2] v [3] 1360 1420 lm correlated color temperature [4] cct 5300 5600 6000 k cri r a 80 82 - - operating voltage [5] v opt 120 vrms [1] power dissipation p d 16.5 17.0 17.5 w operating frequency freq 50 / 60 hz power factor pf over 0.95 - view angle 2 1/2 120 deg. 1 - 1 - 1. electro - optical characteristics of smjd - 2v16w1p3 - b rank parameter symbol value unit min typ max luminous flux [2] v [3] 1310 1370 - lm correlated color temperature cct 4700 5000 5300 k cri r a 80 82 - - operating voltage [5] v opt 120 vrms [1] power dissipation p d 16.5 17.0 17.5 w operating frequency freq 50 / 60 hz power factor pf over 0.95 - view angle 2 1/2 120 deg. 1 - 1 - 2. electro - optical characteristics of smjd - 2v16w1p3 - c rank 4
z - power led x10490 z - power led x10490 technical data sheet rohs 5 parameter symbol value unit min typ max luminous flux [2] v [3] 1260 1320 - lm correlated color temperature [4] cct 3700 4000 4200 k cri r a 80 82 - - operating voltage [5] v opt 120 vrms [1] power dissipation p d 16.5 17.0 17.5 w operating frequency freq 50 / 60 hz power factor pf over 0.95 - view angle 2 1/2 120 deg. 1 - 1 - 3. electro - optical characteristics of smjd - 2v16w1p3 - e rank parameter symbol value unit min typ max luminous flux [2] v [3] 1230 1290 - lm correlated color temperature [4] cct 2900 3000 3200 k cri r a 80 82 - - operating voltage [5] v opt 120 vrms [1] power dissipation p d 16.5 17.0 17.5 w operating frequency freq 50 / 60 hz power factor pf over 0.95 - view angle 2 1/2 120 deg. 1 - 1 - 4. electro - optical characteristics of smjd - 2v16w1p3 - g rank
z - power led x10490 z - power led x10490 technical data sheet rohs 6 parameter symbol value unit min typ max luminous flux [2] v [3] 1200 1260 - lm correlated color temperature [4] cct 2600 2700 2900 k cri r a 80 82 - - operating voltage [5] v opt 120 vrms [1] power dissipation p d 16.5 17.0 17.5 w operating frequency freq 50 / 60 hz power factor pf over 0.95 - view angle 2 1/2 120 deg. 1 - 1 - 5. electro - optical characteristics of smjd - 2v16w1p3 - h rank 1 - 2. absolute maximum ratings of 120v 17w downlight parameter symbol value unit max. voltage v opt 140 vrms power dissipation p d 23 w operating temperature t opr - 30 ~ 85 oc storage temperature t stg - 40 ~ 100 oc esd sensitivity - 4,000v hbm - * notes : [1] at 120v rms, ta=25 [2] acrich 2 series maintain the tolerance of ? 10% on flux and power measurements. [3] v is the total luminous flux output measured with an integrated sphere. [4] correlated color temperature is derived from the cie 1931 chromaticity diagram. [5] operating voltage doesn't indicate the maximum voltage which customers use but means tolerable voltage according to each countrys voltage variation rate. it is recommended that the solder pad temperature should be below 70 .
z - power led x10490 z - power led x10490 technical data sheet rohs 7 part package power dissipation [w] maximum junction temp[ ] r j - s [ /w] acrich2 led saw8kg0b max 0.5 125 27 acrich2 ic max 1.0 125 16.4 the acrich2 led has a thermal resistance of 27 /w from junction of the led to the led lead. the maximum junction temperature of the acrich2 led package is 125 , therefore the maximum lead temperature t s_max is t s_max = t j_max - ( r q j - s * p d ) = 125 - (27 /w * 0.5w) = 111.5 although this is the maximum lead temperature, it is recommended to keep the lead temperature under 70 the acrich2 ic has a 16.4degc/w thermal resistance from junction to the top surface. the maximum junction temperature ( t t_max ) of the ic is 125 , therefore the maximum temperature of the top of the ic is t t_max = t j_max - ( y j - t * p d ) = 125 - (16.4 /w * 1.0w) = 108.6 2. thermal resistance of 120v 17w down light
z - power led x10490 z - power led x10490 technical data sheet rohs warm white relative spectral distribution vs. wavelength characteristic neutral white relative spectral distribution vs. wavelength characteristic 8 3. color spectrum 0 0.2 0.4 0.6 0.8 1 1.2 300 400 500 600 700 800 relative spectral power distribution wavelength[nm] relative spectral power distribution at ta=25oc 0 0.2 0.4 0.6 0.8 1 1.2 300 400 500 600 700 800 relative spectral power distribution wavelength[nm] relative spectral power distribution at ta=25oc
z - power led x10490 z - power led x10490 technical data sheet rohs cool white relative spectral distribution vs. wavelength characteristic 9 0 0.2 0.4 0.6 0.8 1 1.2 300 400 500 600 700 800 relative spectral power distribution wavelength[nm] relative spectral power distribution at ta=25oc
z - power led x10490 z - power led x10490 technical data sheet rohs 10 4. power characteristic 0.00 0.20 0.40 0.60 0.80 1.00 1.20 1.40 100 110 120 130 140 150 160 relative luminous flux voltage[v] relative luminous flux distribution vs. voltage at ta=25oc 0.00 0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 100 110 120 130 140 150 160 relative power distribution voltage[v] relative power distribution vs. voltage at ta=25oc 0.00 0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 100 110 120 130 140 150 160 relative power distribution voltage[v] relative power distribution vs. voltage at ta=25oc 0.00 0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 100 110 120 130 140 150 160 relative power distribution voltage[v] relative power distribution vs. voltage at ta=25oc
z - power led x10490 z - power led x10490 technical data sheet rohs 11 5. radiation pattern
z - power led x10490 z - power led x10490 technical data sheet rohs 6. color & binning bin code x y bin code x y bin code x y g0 0.4299 0.4165 g1 0.4430 0.4212 g2 0.4248 0.4048 0.4248 0.4048 0.4374 0.4093 0.4198 0.3931 0.4374 0.4093 0.4499 0.4138 0.4317 0.3973 0.4430 0.4212 0.4562 0.4260 0.4374 0.4093 g3 0.4374 0.4093 g4 0.4198 0.3931 g5 0.4317 0.3973 0.4317 0.3973 0.4147 0.3814 0.4259 0.3853 0.4436 0.4015 0.4259 0.3853 0.4373 0.3893 0.4499 0.4138 0.4317 0.3973 0.4436 0.4015 h0 0.4562 0.4260 h1 0.4687 0.4289 h2 0.4499 0.4138 0.4499 0.4138 0.4620 0.4166 0.4436 0.4015 0.4620 0.4166 0.4740 0.4194 0.4551 0.4042 0.4687 0.4289 0.4810 0.4319 0.4620 0.4166 h3 0.4620 0.4166 h4 0.4436 0.4015 h5 0.4551 0.4042 0.4551 0.4042 0.4373 0.3893 0.4483 0.3919 0.4666 0.4069 0.4483 0.3919 0.4593 0.3944 0.4740 0.4194 0.4551 0.4042 0.4666 0.4069 6 - 1. warm white binning structure (2,600k to 3,200k) 12 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.44 0.40 0.41 0.42 0.43 0.44 0.45 0.46 0.47 0.48 0.49 ciey ciex g0 g1 g2 g3 g4 g5 h0 h1 h2 h3 h4 h5
z - power led x10490 z - power led x10490 technical data sheet rohs 6 - 2. neutral white binning structure (3,700k to 4,200k) bin code x y bin code x y bin code x y e0 0.3736 0.3874 e1 0.3869 0.3958 e2 0.3714 0.3775 0.3714 0.3775 0.3842 0.3855 0.3692 0.3677 0.3841 0.3855 0.3970 0.3935 0.3813 0.3751 0.3869 0.3958 0.4006 0.4044 0.3842 0.3855 e3 0.3842 0.3855 e4 0.3692 0.3677 e5 0.3813 0.3751 0.3813 0.3751 0.3670 0.3578 0.3783 0.3646 0.3934 0.3825 0.3783 0.3646 0.3898 0.3716 0.3970 0.3935 0.3813 0.3751 0.3934 0.3825 13 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.35 0.36 0.37 0.38 0.39 0.40 0.41 ciey ciex e0 e1 e2 e3 e4 e5
z - power led x10490 z - power led x10490 technical data sheet rohs 6 - 3. cool white binning structure (4,700k to 6,000k) 14 bin code x y bin code x y bin code x y b0 0.3207 0.3462 b1 0.3292 0.3539 b2 0.3212 0.3389 0.3212 0.3389 0.3293 0.3461 0.3217 0.3316 0.3293 0.3461 0.3373 0.3534 0.3293 0.3384 0.3292 0.3539 0.3376 0.3616 0.3293 0.3461 b3 0.3293 0.3461 b4 0.3217 0.3316 b5 0.3293 0.3384 0.3293 0.3384 0.3222 0.3243 0.3294 0.3306 0.3369 0.3451 0.3294 0.3306 0.3366 0.3369 0.3373 0.3534 0.3293 0.3384 0.3369 0.3451 c0 0.3376 0.3616 c1 0.3463 0.3687 c2 0.3373 0.3534 0.3373 0.3534 0.3456 0.3601 0.3369 0.3451 0.3456 0.3601 0.3539 0.3669 0.3448 0.3514 0.3463 0.3687 0.3552 0.3760 0.3456 0.3601 c3 0.3456 0.3601 c4 0.3369 0.3451 c5 0.3448 0.3514 0.3448 0.3514 0.3366 0.3369 0.3440 0.3428 0.3526 0.3578 0.3440 0.3428 0.3514 0.3487 0.3539 0.3669 0.3448 0.3514 0.3526 0.3578 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.31 0.32 0.33 0.34 0.35 0.36 ciey ciex b0 b1 b2 b3 b4 b5 c0 c1 c2 c3 c4 c5
z - power led x10490 z - power led x10490 technical data sheet rohs yymmdd - year / month / date aabb - led pkg flux rank / color bin rank 7. marking 15
z - power led x10490 z - power led x10490 technical data sheet rohs 8. outline dimensions C 120v 17w downlight 16 * notes : [1] all dimensions are in millimeters. (tolerance : 0.2) [2] scale : none [3] the appearance and specifications of the product may be changed for improvement without notice
z - power led x10490 z - power led x10490 technical data sheet rohs 9. circuit drawing 17
z - power led x10490 z - power led x10490 technical data sheet rohs ? 1box : 20 pcs per tray x max 10 layer = max 200 pcs about 6.5kg ? 10. packing 18
z - power led x10490 z - power led x10490 technical data sheet rohs 19 11. cautions for use ? p l e a s e r e v i e w t h e a c r i c h 2 m o du l e a pp l i c at i o n n ot e f o r po r per p r ot ec t i v e circuitry usage ? please note, acrich products run off of high voltage, therefore caution should be taken when working near acrich products. ? do not touch any of the circuit board, components or terminals with body or metal while circuit is active. ? please do not add or change wires while acrich circuit is active ? long time exposure to sunlight or uv can cause the lens to discolor. ? please do not use adhesives to attach the led that outgas organic vapor. ? please do not use together with the materials containing sulfur. ? please do not assemble in conditions of high moisture and/or oxidizing gas such as cl, h2s,nh3,so2,nox,etc. ? please do not make any modification on module. ? please be cautious when soldering to board so as not to create a short between different trace patterns. 12. handling of silicone resin for leds ? acrich series is encapsulated with silicone resin for high optical efficiency. ? p l e a s e do n o t t o u c h the s i l i c o n e r e s i n a r e a w i t h s h a r p o b j e c t s s u c h as pincette(tweezers). ? finger prints on silicone resin area may affect the performance. ? please store leds in covered containers to prevent dust accumulation as this may affect performance. ? excessive force more than 3000 gf to the silicone lens can result in fatal or permanent damage with leds. ? pleas e do not cover the s ilicone res in ar ea with an y other res i ns such as epoxy, urethane, etc.
z - power led x10490 z - power led x10490 technical data sheet rohs 20 13. handling with regards to static electricity ? the acrich2 modules use an integrated circuit (ic) which can be damaged when exposed to static electricity. please handle using equipment that prevents static electricity. do not touch unless esd protection is used. ? the acrich2 modules should also not be installed in end equipment with out esd protection. 14. storage before use ? do not impact or place pressure on this product because even a small amount of pressure can damage the product. the product should also not be placed in high temperatures, high humidity or direct sunlight since the device is sensitive to these conditions. (1) when storing devices for a long period of time before usage, please following these guidelines: * the devices should be stored in the anti - static bag that it was shipped in from seoul - semiconductor with opening. * if the anti - static bag has been opened, re - seal preventing air and moisture from being present in the bag. ? discharge the lighting system a minimum of 2 - 3 times prior to working with the module. ? use only properly rated test equipment and tools for the rated voltage and current of the product being tested. ? it is strongly suggested to wear rubber insulated gloves and rubber bottom shoes. ? do not wear any conductive items (such as jewelry) which could accidentally contact electric circuits. ? perform several tests with power off and the lighting system unplugged. ? faults, lightning, or switching transients can cause voltage surges in excess of the normal ratings. ? internal component failure can cause excessive voltages. ? stored or residual electricity in long wire could be hazardous. ? make sure proper discharge prior to starting work. 15. guidelines for properly working with acrich modules.


▲Up To Search▲   

 
Price & Availability of SMJD-2V16W1P3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X