Part Number Hot Search : 
Q6270 6041A 30BF20 DM9701F BR262 XFGIB10 D62121 SK301
Product Description
Full Text Search
 

To Download PE91032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pasternack enterprises, inc. ? p.o. box 16759, irvine, ca 92623 phone: (866) 727-8376 or (949) 261-1920 ? fax: (949) 261-7451 sales@pasternack.com ? techsupport@pasternack.com version c - revision - ? 2011 pasternack enterprises all rights reserved. 1 n male to 7/16 din female low pim, low vswr precision adapters ? pim levels <-165 dbc ? low vswr levels up to 8 ghz. ? tri-metal albaloy coating - durable surface with good corrosion protection - abrasion resistance - superior electrical contact properties. ? available is various connector combinations - 7/16 din in-series - type n in-series - 7/16 din to type n and sma in-between series ? 4-hole fange and bulkhead-mounted styles available ? ideal choice for use in portable pim testing confguration connector 1 n male connector 2 7/16 din female adapter design precision body style straight electrical specifcations frequency range (ghz) dc to 8 impedance (ohms) 50 vswr, max 1.222:1 dielectric withstanding voltage (vrms) 1000 passive intermodulation ((<-) dbc @ 2 x 20 watts) -165 frequency 1 frequency (ghz) dc to 1 vswr 1.032:1 return loss (db) 36 frequency 2 frequency (ghz) 1 to 4 vswr 1.119:1 return loss (db) 25 frequency 3 frequency (ghz) 4 to 8 vswr 1.222:1 return loss (db) 20 precision n male to 7/16 din female adapter low pim, low vswr PE91032 click the following link for the additional product information: precision n male to 7/16 din female adapter low pim, low vswr PE91032
pasternack enterprises, inc. ? p.o. box 16759, irvine, ca 92623 phone: (866) 727-8376 or (949) 261-1920 ? fax: (949) 261-7451 sales@pasternack.com ? techsupport@pasternack.com version c - revision - ? 2011 pasternack enterprises all rights reserved. 2 mechanical specifcations temperature operating range (deg c) -55 to +155 weight (lbs) 0.19 length (inches) 1.64 width/dia. (inches) 1.142 dielectric type ptfe connector 1 n male hex size (mm) 21 torque (in-lb) 15 mating cycles 500 inner conductor material and plating brass, silver, 5m outer conductor material and plating brass, tri metal C albaloy, 2.54m coupling nut material and plating brass, tri metal C albaloy, 2.54m connector 2 7/16 din female mating cycles 500 inner conductor material and plating beryllium copper, silver, 5m outer conductor material and plating brass, tri metal C albaloy, 2.54m compliance certifcations (visit www.pasternack.com for current document) rohs compliant yes, by exemption other data url: http://www.pasternack.com/n-male-7-16-female-straight-adapter-PE91032-p.aspx precision n male to 7/16 din female adapter low pim, low vswr from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry. PE91032 precision n male to 7/16 din female adapter low pim, low vswr
version c - revision - ? 2011 pasternack enterprises all rights reserved. 3 PE91032 cad drawing precision n male to 7/16 din female adapter low pim, low vswr


▲Up To Search▲   

 
Price & Availability of PE91032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X