Part Number Hot Search : 
FR120 124JDR AK439312 SS159EUA 10H100CT SSF1009 CFSKNG TWH060
Product Description
Full Text Search
 

To Download MSB02001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  terminal blocks and connectors for printed circuit boards msb iso 9001 iso 14001 bs ohsas 18001:2007 rohs 2002/95/ec e3 green electronics
sauro electronic connectors www.sauro.net standard products terminal blocks 0 10 1 ? 20 30 mm in msb brief description functional characteristics dimensional class: low standard colour: green height: 10 mm (.394 in) max approved wire sections: solid: 1.5 mm 2 (imq); 16 awg (ul) stranded 1 mm2 (imq); 16 awg (ul) solid and stranded for 55 and ?t? version 1.5 mm2 (iec en); 14 awg (ul) clamp opening size: 2.5 x 1.7 mm (.098 x .067 in) 2.5 x 1.9 mm (.098 x .075 in) 55 version 2.45 x 1.98 mm (.096 x .078 in) ?t? version versions: side stackable, modular single mould poles: from 2 to 25 pitches: metric 5 mm, 10 mm (.197 in, .394 in) imperial 5.08 mm, 10.16 mm (.200 in, .400 in) solderable at a temperature up to 270c / 518f although the msb series of terminal blocks is small in size it offers a high number of connection possibilities ; in fact it can wire up to 1.5mm2 (15 awg) and consequently a certi ed current range of 17.5a can be reached. it is available in 5 mm (.197 in) and 10 mm (.394 in) metric pitches and 5.08 mm (.200 in) and 10.16 mm (.400 in) imperial pitches, in monolithic blocks from 2 to 25 poles, with insertion of the wire parallel to the pcb, inclined at 55 or at 90 standard or in "t" version. all the housings are modular, therefore it is possible to mounted on the pcb the monolithic terminal blocks from 2 to 25 poles separately, or to compose the basic terminal blocks until any number of poles is obtained. by taking advantage of this particular characteristic a minimum stock of basic terminal blocks can be kept. it is simple to manage product, warehouse and assembly with the kit packages because several versions can be achieved with only one code, the part-numbers being signi cantly reduced and the risk of making mistakes is also reduced. msb with pegs the straight 2 pole msb is also available with clamping pegs moulded in the plastic housing to secure it to the pcb. with this solution the nominal tightening torque can be applied and the most restrictive guidelines set by the international standards (vde) are passed. 90 version modular straight version modular straight version modular 55 version modular 55 version side stackable ?t? version with central pin modular from 2 to 9 poles bsc__00_-0r for rising clamp straight, modular straight, side stackable 270c s 270c s 270c s 270c s rohs 2002/95/ec 270c s 270c s 270c s 56
standard products sauro electronic connectors www.sauro.net msb electrical characteristics* approvals mechanical characteristics recommended/highest tightening torque 0.5/0.6 nm (4.42/5.31 lbf in) pcb thickness: max. 2.4 mm (.094 in) pcb hole diameter: min. 1.1 mm (.043 in) / 1.3 mm (.051 in) for "t" version stripping length 5 6 mm (.197 .24 in) operating temperature range -40 c +110 c (-40 f +230 f) climatic category 40/110/21 according to en 60068-1 solid wire section 3016 awg (ul)* 0.051.5 mm2 (imq)* 3014 awg (ul)* 0.051.5 mm2 (iec en)* 55 and "t" versions stranded wire section 3016 awg (ul)* 0.051 mm2 (imq)* 3014 awg (ul)* 0.051.5 mm2 (iec en)* 55 and "t" versions rated voltage for 5 mm (.197 in) and 5.08 mm (.200 in) 300 v (ul)* rated voltage for 10 mm (.394 in) and 10.16 mm (.400 in) 750 v (imq)* rated current 17.5 a (imq)* contact resistance <15 m? insulation resistance >10 9 ? (500v dc) *all the above mentioned data refer to the highest values amongst the certi? ed ones . v voltage, i current values and tightening torque are related to the norms to be applied to the product and to its use. iec: 250 v - t 110 - 17.5 a - 1.5 mm 2 solid (13.5 a - 1 mm 2 stranded) for 5 mm and 5.08 mm pitch en 60998 250 v - t 110 - 17.5 a - 1.5 mm 2 solid and stranded for 55 and "t" versions and 5 mm and 5.08 mm pitch 750 v - t 110 - 17.5 a - 1.5 mm 2 solid (13.5 a - 1 mm 2 stranded) for 10 mm and 10.16 mm pitch 750 v - t 110 - 17.5 a - 1.5 mm 2 solid and stranded for 55 and "t" versions and 10 mm and 10.16 mm pitch ul: 300 v - 13.5 a (factory wiring), 10 a (? eld wiring) - 3016 awg - 6 lbfin for 5 mm, 5.08 mm pitch file e167476 300 v - 17.5 a (factory wiring), 15 a (? eld wiring) - 3014 awg - 6 lbf in for 55 and "t" versions 5 mm, 5.08 mm pitch 600 v - 13.5 a (factory wiring), 10 a (? eld wiring) - 3016 awg - 6 lbfin for 10 mm and 10.16 mm pitch 600 v - 17.5 a (factory wiring), 15 a (? eld wiring) - 3014 awg - 6 lbfin for 55 and "t" versions 10 mm and 10.16 mm pitch a pplication values for end-use equipment have to be in accordance to ul norms and applicable to them. vde: 250 v - 13.5 a - t 110 - 1 mm 2 for 5 mm and 5.08 mm pitch file n. 40022744 750 v - 13.5 a - t 110 - 1 mm 2 for 10 mm and 10.16 mm pitch imq: 250 v - t 110 - 17.5 a - 1.5 mm 2 solid (13.5 a - 1 mm 2 stranded) for 5 mm and 5.08 mm pitch file: ec318 750 v - t 110 - 17.5 a - 1.5 mm 2 solid (13.5 a - 1 mm 2 stranded) for 10 mm and 10.16 mm pitch m3 nickel plated copper alloy screw. polyamide housing. standard colour: green. v0 self-extinguishing according to ul 94. chlorinated solvents resistant, with no phosphor, dioxin or detrimental to health halogens. nickel plated copper alloy clamp easy to solder lead-free tin-plated copper alloy pin. characteristics of components see also certi? cations, page 4 vde: 250 v - 13.5 a - t 110 - 1 mm imq: 250 v - t 110 - 17.5 a - 1.5 mm iec: en 60998 250 v - t 110 - 17.5 a - 1.5 mm 750 v - t 110 - 17.5 a - 1.5 mm 750 v - t 110 - 17.5 a - 1.5 mm 56 57
sauro electronic connectors www.sauro.net standard products terminal blocks *w [kg]: approximate weight per box in kg **industrial packaging: add ?-00000e? at standard code msb msb__006 straight, modular 10.16 mm / .400? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 01 msb01006 800 0,82 2500 2,55 02 msb02006 500 1,02 2500 5,10 03 msb03006 300 0,92 1750 5,36 04 msb04006 200 0,82 1000 4,08 05 msb05006 150 0,77 750 3,83 06 msb06006 125 0,77 500 3,06 07 msb07006 100 0,71 500 3,57 08 msb08006 100 0,82 500 4,08 09 msb09006 100 0,92 500 4,59 10 msb10006 100 1,02 500 5,10 11 msb11006 100 1,12 250 2,81 12 msb12006 100 1,22 250 3,06 13 msb13006 75 0,99 250 3,32 msb__005 straight, modular 5.08 mm / .200? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02005 800 1,42 2500 4,45 03 msb03005 500 1,34 2500 6,68 04 msb04005 400 1,42 2000 7,12 05 msb05005 300 1,34 1750 7,79 06 msb06005 250 1,34 1500 8,01 07 msb07005 200 1,25 1000 6,23 08 msb08005 175 1,25 750 5,34 09 msb09005 150 1,20 750 6,01 10 msb10005 125 1,11 500 4,45 11 msb11005 125 1,22 500 4,90 12 msb12005 100 1,07 500 5,34 13 msb13005 100 1,16 500 5,79 14 msb14005 100 1,25 500 6,23 15 msb15005 100 1,34 500 6,68 16 msb16005 100 1,42 500 7,12 17 msb17005 100 1,51 500 7,57 18 msb18005 100 1,60 500 8,01 19 msb19005 100 1,69 500 8,46 20 msb20005 100 1,78 500 8,90 21 msb21005 100 1,87 250 4,67 22 msb22005 100 1,96 250 4,90 23 msb23005 100 2,05 250 5,12 24 msb24005 100 2,14 250 5,34 25 msb25005 75 1,67 250 5,56 msb__002 straight, modular 10 mm / .394? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 01 msb01002 800 0,82 2500 2,55 02 msb02002 500 1,02 2500 5,10 03 msb03002 300 0,92 1750 5,36 04 msb04002 200 0,82 1000 4,08 05 msb05002 150 0,77 750 3,83 06 msb06002 125 0,77 500 3,06 07 msb07002 100 0,71 500 3,57 08 msb08002 100 0,82 500 4,08 09 msb09002 100 0,92 500 4,59 10 msb10002 100 1,02 500 5,10 11 msb11002 100 1,12 250 2,81 12 msb12002 100 1,22 250 3,06 13 msb13002 75 0,99 250 3,32 msb__001 straight, modular 5 mm / .197? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 MSB02001 800 1,42 2500 4,45 03 msb03001 500 1,34 2500 6,68 04 msb04001 400 1,42 2000 7,12 05 msb05001 300 1,34 1750 7,79 06 msb06001 250 1,34 1500 8,01 07 msb07001 200 1,25 1000 6,23 08 msb08001 175 1,25 750 5,34 09 msb09001 150 1,20 750 6,01 10 msb10001 125 1,11 500 4,45 11 msb11001 125 1,22 500 4,90 12 msb12001 100 1,07 500 5,34 13 msb13001 100 1,16 500 5,79 14 msb14001 100 1,25 500 6,23 15 msb15001 100 1,34 500 6,68 16 msb16001 100 1,42 500 7,12 17 msb17001 100 1,51 500 7,57 18 msb18001 100 1,60 500 8,01 19 msb19001 100 1,69 500 8,46 20 msb20001 100 1,78 500 8,90 21 msb21001 100 1,87 250 4,67 22 msb22001 100 1,96 250 4,90 23 msb23001 100 2,05 250 5,12 24 msb24001 100 2,14 250 5,34 25 msb25001 75 1,67 250 5,56 wire entry wire entry wire entry wire entry l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1)
standard products sauro electronic connectors www.sauro.net msb msb__096 90, modular 10.16 mm / .400? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 01 msb01096 800 0,82 2500 2,55 02 msb02096 500 1,02 2500 5,10 03 msb03096 300 0,92 1750 5,36 04 msb04096 200 0,82 1000 4,08 05 msb05096 150 0,77 750 3,83 06 msb06096 125 0,77 500 3,06 07 msb07096 100 0,71 500 3,57 08 msb08096 100 0,82 500 4,08 09 msb09096 100 0,92 500 4,59 10 msb10096 100 1,02 500 5,10 11 msb11096 100 1,12 250 2,81 12 msb12096 100 1,22 250 3,06 13 msb13096 75 0,99 250 3,32 msb__095 90, modular 5.08 mm / .200? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02095 800 1,42 2500 4,45 03 msb03095 500 1,34 2500 6,68 04 msb04095 400 1,42 2000 7,12 05 msb05095 300 1,34 1750 7,79 06 msb06095 250 1,34 1500 8,01 07 msb07095 200 1,25 1000 6,23 08 msb08095 175 1,25 750 5,34 09 msb09095 150 1,20 750 6,01 10 msb10095 125 1,11 500 4,45 11 msb11095 125 1,22 500 4,90 12 msb12095 100 1,07 500 5,34 13 msb13095 100 1,16 500 5,79 14 msb14095 100 1,25 500 6,23 15 msb15095 100 1,34 500 6,68 16 msb16095 100 1,42 500 7,12 17 msb17095 100 1,51 500 7,57 18 msb18095 100 1,60 500 8,01 19 msb19095 100 1,69 500 8,46 20 msb20095 100 1,78 500 8,90 21 msb21095 100 1,87 250 4,67 22 msb22095 100 1,96 250 4,90 23 msb23095 100 2,05 250 5,12 24 msb24095 100 2,14 250 5,34 25 msb25095 75 1,67 250 5,56 msb__092 90, modular 10 mm / .394? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 01 msb01092 800 0,82 2500 2,55 02 msb02092 500 1,02 2500 5,10 03 msb03092 300 0,92 1750 5,36 04 msb04092 200 0,82 1000 4,08 05 msb05092 150 0,77 750 3,83 06 msb06092 125 0,77 500 3,06 07 msb07092 100 0,71 500 3,57 08 msb08092 100 0,82 500 4,08 09 msb09092 100 0,92 500 4,59 10 msb10092 100 1,02 500 5,10 11 msb11092 100 1,12 250 2,81 12 msb12092 100 1,22 250 3,06 13 msb13092 75 0,99 250 3,32 msb__091 90, modular 5 mm / .197? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02091 800 1,42 2500 4,45 03 msb03091 500 1,34 2500 6,68 04 msb04091 400 1,42 2000 7,12 05 msb05091 300 1,34 1750 7,79 06 msb06091 250 1,34 1500 8,01 07 msb07091 200 1,25 1000 6,23 08 msb08091 175 1,25 750 5,34 09 msb09091 150 1,20 750 6,01 10 msb10091 125 1,11 500 4,45 11 msb11091 125 1,22 500 4,90 12 msb12091 100 1,07 500 5,34 13 msb13091 100 1,16 500 5,79 14 msb14091 100 1,25 500 6,23 15 msb15091 100 1,34 500 6,68 16 msb16091 100 1,42 500 7,12 17 msb17091 100 1,51 500 7,57 18 msb18091 100 1,60 500 8,01 19 msb19091 100 1,69 500 8,46 20 msb20091 100 1,78 500 8,90 21 msb21091 100 1,87 250 4,67 22 msb22091 100 1,96 250 4,90 23 msb23091 100 2,05 250 5,12 24 msb24091 100 2,14 250 5,34 25 msb25091 75 1,67 250 5,56 wire entry wire entry wire entry wire entry l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) modular version, combinable 2 poles
sauro electronic connectors www.sauro.net standard products terminal blocks *w [kg]: approximate weight per box in kg **industrial packaging: add ?-00000e? at standard code msb msb__046 55, modular 10.16 mm / .400? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 01 msb01046 800 1,03 2000 2,58 02 msb02046 500 1,29 2000 5,16 03 msb03046 300 1,16 750 2,90 04 msb04046 200 1,03 500 2,58 max 4 poles can be combined msb__045 55, modular 5.08 mm / .200? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02045 800 1,65 2000 4,12 03 msb03045 500 1,55 1750 5,41 04 msb04045 400 1,65 1000 4,12 05 msb05045 300 1,55 750 3,86 06 msb06045 250 1,55 500 3,09 07 msb07045 200 1,44 500 3,61 08 msb08045 175 1,44 500 4,12 max 8 poles can be combined msb__042 55, modular 10 mm / .394? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 01 msb01042 800 1,03 2000 2,58 02 msb02042 500 1,29 2000 5,16 03 msb03042 300 1,16 750 2,90 04 msb04042 200 1,03 500 2,58 max 4 poles can be combined msb__041 55, modular 5 mm / .197? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02041 800 1,65 2000 4,12 03 msb03041 500 1,55 1750 5,41 04 msb04041 400 1,65 1000 4,12 05 msb05041 300 1,55 750 3,86 06 msb06041 250 1,55 500 3,09 07 msb07041 200 1,44 500 3,61 08 msb08041 175 1,44 500 4,12 max 8 poles can be combined wire entry wire entry wire entry wire entry l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) 6
standard products sauro electronic connectors www.sauro.net msb msb__066 55, side stackable 10.16 mm / .400? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 01 msb01066 800 1,03 2000 2,58 02 msb02066 500 1,29 2000 5,16 03 msb03066 300 1,16 750 2,90 04 msb04066 200 1,03 500 2,58 msb__065 55, side stackable 5.08 mm / .200? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02065 800 1,65 2000 4,12 03 msb03065 500 1,55 1750 5,41 04 msb04065 400 1,65 1000 4,12 05 msb05065 300 1,55 750 3,86 06 msb06065 250 1,55 500 3,09 07 msb07065 200 1,44 500 3,61 08 msb08065 175 1,44 500 4,12 msb__062 55, side stackable 10 mm / .394? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 01 msb01062 800 1,03 2000 2,58 02 msb02062 500 1,29 2000 5,16 03 msb03062 300 1,16 750 2,90 04 msb04062 200 1,03 500 2,58 05 msb05062 125 0,81 500 3,23 msb__061 55, side stackable 5 mm / .197? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02061 800 1,65 2000 4,12 03 msb03061 500 1,55 1750 5,41 04 msb04061 400 1,65 1000 4,12 05 msb05061 300 1,55 750 3,86 06 msb06061 250 1,55 500 3,09 07 msb07061 200 1,44 500 3,61 08 msb08061 175 1,44 500 4,12 wire entry wire entry wire entry wire entry l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) modular version, combinable 2 poles 7
sauro electronic connectors www.sauro.net standard products terminal blocks *w [kg]: approximate weight per box in kg **industrial packaging: add ?-00000e? at standard code msb wire entry wire entry l = pitch x (poles - 1) l = pitch x (poles - 1) wire entry wire entry l = pitch x (poles - 1) l = pitch x (poles - 1) msb__t06 90 ?t? version, modular 10.16 mm / .400? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 01 msb01t06 800 0,91 3500 3,99 02 msb02t06 500 1,14 2250 5,13 03 msb03t06 300 1,03 1500 5,13 04 msb04t06 200 0,91 1000 4,56 05 msb05t06 150 0,86 750 4,28 06 msb06t06 125 0,86 750 5,13 07 msb07t06 100 0,80 750 5,99 08 msb08t06 100 0,91 500 5,56 09 msb09t06 100 1,03 500 5,13 10 msb10t06 100 1,14 500 5,70 11 msb11t06 100 1,25 500 6,27 12 msb12t06 100 1,37 500 6,84 13 msb13t06 75 1,12 250 3,71 msb__t05 90 ?t? version, modular 5.08 mm / .200? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02t05 800 1,47 3500 6,44 03 msb03t05 500 1,38 2250 6,21 04 msb04t05 400 1,47 2000 7,36 05 msb05t05 300 1,38 1500 6,90 06 msb06t05 250 1,38 1000 5,52 07 msb07t05 200 1,29 1000 6,44 08 msb08t05 175 1,29 750 5,52 09 msb09t05 150 1,24 750 6,21 10 msb10t05 125 1,15 750 6,90 11 msb11t05 125 1,27 750 7,59 12 msb12t05 100 1,10 750 8,28 13 msb13t05 100 1,20 750 8,97 14 msb14t05 100 1,29 750 9,66 15 msb15t05 100 1,38 500 6,90 16 msb16t05 100 1,47 500 7,36 17 msb17t05 100 1,56 500 7,82 18 msb18t05 100 1,66 500 8,28 19 msb19t05 100 1,75 500 8,74 20 msb20t05 100 1,84 500 9,20 21 msb21t05 100 1,93 500 9,66 22 msb22t05 100 2,02 400 8,10 23 msb23t05 100 2,12 400 8,46 24 msb24t05 100 2,21 400 8,83 25 msb25t05 75 1,73 250 5,75 msb__t02 90 ?t? version, modular 10 mm / .276? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 01 msb01t02 800 0,91 3500 3,99 02 msb02t02 500 1,14 2250 5,13 03 msb03t02 300 1,03 1500 5,13 04 msb04t02 200 0,91 1000 4,56 05 msb05t02 150 0,86 750 4,28 06 msb06t02 125 0,86 750 5,13 07 msb07t02 100 0,80 750 5,99 08 msb08t02 100 0,91 500 5,56 09 msb09t02 100 1,03 500 5,13 10 msb10t02 100 1,14 500 5,70 11 msb11t02 100 1,25 500 6,27 12 msb12t02 100 1,37 500 6,84 13 msb13t02 75 1,12 250 3,71 msb__t01 90 ?t? version, modular 5 mm / .197? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02t01 800 1,47 3500 6,44 03 msb03t01 500 1,38 2250 6,21 04 msb04t01 400 1,47 2000 7,36 05 msb05t01 300 1,38 1500 6,90 06 msb06t01 250 1,38 1000 5,52 07 msb07t01 200 1,29 1000 6,44 08 msb08t01 175 1,29 750 5,52 09 msb09t01 150 1,24 750 6,21 10 msb10t01 125 1,15 750 6,90 11 msb11t01 125 1,27 750 7,59 12 msb12t01 100 1,10 750 8,28 13 msb13t01 100 1,20 750 8,97 14 msb14t01 100 1,29 750 9,66 15 msb15t01 100 1,38 500 6,90 16 msb16t01 100 1,47 500 7,36 17 msb17t01 100 1,56 500 7,82 18 msb18t01 100 1,66 500 8,28 19 msb19t01 100 1,75 500 8,74 20 msb20t01 100 1,84 500 9,20 21 msb21t01 100 1,93 500 9,66 22 msb22t01 100 2,02 400 8,10 23 msb23t01 100 2,12 400 8,46 24 msb24t01 100 2,21 400 8,83 25 msb25t01 75 1,73 250 5,75
standard products sauro electronic connectors www.sauro.net msb modular version, combinable 2 poles msb__ta6 90 ?t? version, side stackable 10.16 mm / .400? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02ta6 500 1,14 2250 5,13 03 msb03ta6 300 1,03 1500 5,13 04 msb04ta6 200 0,91 1000 4,56 05 msb05ta6 150 0,86 750 4,28 06 msb06ta6 125 0,86 750 5,13 07 msb07ta6 100 0,80 750 5,99 08 msb08ta6 100 0,91 500 5,56 09 msb09ta6 100 1,03 500 5,13 10 msb10ta6 100 1,14 500 5,70 11 msb11ta6 100 1,25 500 6,27 12 msb12ta6 75 1,03 500 6,84 13 msb13ta6 75 1,12 250 3,71 msb__ta5 90 ?t? version, side stackable 5.08 mm / .200? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02ta5 800 1,47 3500 6,44 03 msb03ta5 500 1,38 2250 6,21 04 msb04ta5 400 1,47 2000 7,36 05 msb05ta5 300 1,38 1500 6,90 06 msb06ta5 250 1,38 1000 5,52 07 msb07ta5 200 1,29 1000 6,44 08 msb08ta5 175 1,29 750 5,52 09 msb09ta5 150 1,24 750 6,21 10 msb10ta5 125 1,15 750 6,90 11 msb11ta5 125 1,27 750 7,59 12 msb12ta5 100 1,10 750 8,28 13 msb13ta5 100 1,20 750 8,97 14 msb14ta5 100 1,29 750 9,66 15 msb15ta5 100 1,38 500 6,90 16 msb16ta5 100 1,47 500 7,36 17 msb17ta5 100 1,56 500 7,82 18 msb18ta5 100 1,66 500 8,28 19 msb19ta5 100 1,75 500 8,74 20 msb20ta5 100 1,84 500 9,20 21 msb21ta5 100 1,93 500 9,66 22 msb22ta5 100 2,02 400 8,10 23 msb23ta5 100 2,12 400 8,46 24 msb24ta5 100 2,21 400 8,83 25 msb25ta5 75 1,73 250 5,75 msb__ta2 90 ?t? version, side stackable 10 mm / .276? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02ta2 500 1,14 2250 5,13 03 msb03ta2 300 1,03 1500 5,13 04 msb04ta2 200 0,91 1000 4,56 05 msb05ta2 150 0,86 750 4,28 06 msb06ta2 125 0,86 750 5,13 07 msb07ta2 100 0,80 750 5,99 08 msb08ta2 100 0,91 500 5,56 09 msb09ta2 100 1,03 500 5,13 10 msb10ta2 100 1,14 500 5,70 11 msb11ta2 100 1,25 500 6,27 12 msb12ta2 75 1,03 500 6,84 13 msb13ta2 75 1,12 250 3,71 msb__ta1 90 ?t? version, side stackable 5 mm / .197? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02ta1 800 1,47 3500 6,44 03 msb03ta1 500 1,38 2250 6,21 04 msb04ta1 400 1,47 2000 7,36 05 msb05ta1 300 1,38 1500 6,90 06 msb06ta1 250 1,38 1000 5,52 07 msb07ta1 200 1,29 1000 6,44 08 msb08ta1 175 1,29 750 5,52 09 msb09ta1 150 1,24 750 6,21 10 msb10ta1 125 1,15 750 6,90 11 msb11ta1 125 1,27 750 7,59 12 msb12ta1 100 1,10 750 8,28 13 msb13ta1 100 1,20 750 8,97 14 msb14ta1 100 1,29 750 9,66 15 msb15ta1 100 1,38 500 6,90 16 msb16ta1 100 1,47 500 7,36 17 msb17ta1 100 1,56 500 7,82 18 msb18ta1 100 1,66 500 8,28 19 msb19ta1 100 1,75 500 8,74 20 msb20ta1 100 1,84 500 9,20 21 msb21ta1 100 1,93 500 9,66 22 msb22ta1 100 2,02 400 8,10 23 msb23ta1 100 2,12 400 8,46 24 msb24ta1 100 2,21 400 8,83 25 msb25ta1 75 1,73 250 5,75 wire entry wire entry l = pitch x (poles - 1) l = pitch x (poles - 1) wire entry wire entry l = pitch x (poles - 1) l = pitch x (poles - 1)
sauro electronic connectors www.sauro.net standard products terminal blocks *w [kg]: approximate weight per box in kg **industrial packaging: add ?-00000e? at standard code msb msb__006 - 0000p straight, modular with vde pegs 10.16 mm / .400? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02006-0000p 500 1,02 2500 5,1 03 msb03006-0000p 300 0,92 1750 5,36 msb__005-0000p straight, modular with vde pegs 5.08 mm / .200? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02005-0000p 800 1,42 2500 4,45 03 msb03005-0000p 500 1,34 2500 6,68 msb__002-0000p straight, modular with vde pegs 10 mm / .394? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02002-0000p 500 1.02 2500 5,1 03 msb03002-0000p 300 0,92 1750 5,36 msb__001-0000p straight, modular with vde pegs 5 mm / .197? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 MSB02001-0000p 800 1,42 2500 4,45 03 msb03001-0000p 500 1,34 2500 6,68 wire entry wire entry wire entry wire entry l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1)
standard products sauro electronic connectors www.sauro.net msb__t06-0000p 90 ?t? version, modular with vde pegs 10.16 mm / .400? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 01 msb01t06-0000p 800 0,91 3500 3,99 02 msb02t06-0000p 500 1,14 2250 5,13 03 msb03t06-0000p 300 1,03 1500 5,13 04 msb04t06-0000p 200 0,91 1000 4,56 05 msb05t06-0000p 150 0,86 750 4,28 06 msb06t06-0000p 125 0,86 750 5,13 07 msb07t06-0000p 100 0,80 750 5,99 08 msb08t06-0000p 100 0,91 500 5,56 09 msb09t06-0000p 100 1,03 500 5,13 10 msb10t06-0000p 100 1,14 500 5,70 11 msb11t06-0000p 100 1,25 500 6,27 12 msb12t06-0000p 100 1,37 500 6,84 13 msb13t06-0000p 75 1,12 250 3,71 msb__t05-0000p 90 ?t? version, modular with vde pegs 5.08 mm / .200? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02t05-0000p 800 1,47 3500 6,44 03 msb03t05-0000p 500 1,38 2250 6,21 04 msb04t05-0000p 400 1,47 2000 7,36 05 msb05t05-0000p 300 1,38 1500 6,90 06 msb06t05-0000p 250 1,38 1000 5,52 07 msb07t05-0000p 200 1,29 1000 6,44 08 msb08t05-0000p 175 1,29 750 5,52 09 msb09t05-0000p 150 1,24 750 6,21 10 msb10t05-0000p 125 1,15 750 6,90 11 msb11t05-0000p 125 1,27 750 7,59 12 msb12t05-0000p 100 1,10 750 8,28 13 msb13t05-0000p 100 1,20 750 8,97 14 msb14t05-0000p 100 1,29 750 9,66 15 msb15t05-0000p 100 1,38 500 6,90 16 msb16t05-0000p 100 1,47 500 7,36 17 msb17t05-0000p 100 1,56 500 7,82 18 msb18t05-0000p 100 1,66 500 8,28 19 msb19t05-0000p 100 1,75 500 8,74 20 msb20t05-0000p 100 1,84 500 9,20 21 msb21t05-0000p 100 1,93 500 9,66 22 msb22t05-0000p 100 2,02 400 8,10 23 msb23t05-0000p 100 2,12 400 8,46 24 msb24t05-0000p 100 2,21 400 8,83 25 msb25t05-0000p 75 1,73 250 5,75 msb__t02-0000p 90 ?t? version, modular with vde pegs 10 mm / .394? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 01 msb01t02-0000p 800 0,91 3500 3,99 02 msb02t02-0000p 500 1,14 2250 5,13 03 msb03t02-0000p 300 1,03 1500 5,13 04 msb04t02-0000p 200 0,91 1000 4,56 05 msb05t02-0000p 150 0,86 750 4,28 06 msb06t02-0000p 125 0,86 750 5,13 07 msb07t02-0000p 100 0,80 750 5,99 08 msb08t02-0000p 100 0,91 500 5,56 09 msb09t02-0000p 100 1,03 500 5,13 10 msb10t02-0000p 100 1,14 500 5,70 11 msb11t02-0000p 100 1,25 500 6,27 12 msb12t02-0000p 100 1,37 500 6,84 13 msb13t02-0000p 75 1,12 250 3,71 msb__t01-0000p 90 ?t? version, modular with vde pegs 5 mm / .197? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02t01-0000p 800 1,47 3500 6,44 03 msb03t01-0000p 500 1,38 2250 6,21 04 msb04t01-0000p 400 1,47 2000 7,36 05 msb05t01-0000p 300 1,38 1500 6,90 06 msb06t01-0000p 250 1,38 1000 5,52 07 msb07t01-0000p 200 1,29 1000 6,44 08 msb08t01-0000p 175 1,29 750 5,52 09 msb09t01-0000p 150 1,24 750 6,21 10 msb10t01-0000p 125 1,15 750 6,90 11 msb11t01-0000p 125 1,27 750 7,59 12 msb12t01-0000p 100 1,10 750 8,28 13 msb13t01-0000p 100 1,20 750 8,97 14 msb14t01-0000p 100 1,29 750 9,66 15 msb15t01-0000p 100 1,38 500 6,90 16 msb16t01-0000p 100 1,47 500 7,36 17 msb17t01-0000p 100 1,56 500 7,82 18 msb18t01-0000p 100 1,66 500 8,28 19 msb19t01-0000p 100 1,75 500 8,74 20 msb20t01-0000p 100 1,84 500 9,20 21 msb21t01-0000p 100 1,93 500 9,66 22 msb22t01-0000p 100 2,02 400 8,10 23 msb23t01-0000p 100 2,12 400 8,46 24 msb24t01-0000p 100 2,21 400 8,83 25 msb25t01-0000p 75 1,73 250 5,75 wire entry wire entry wire entry l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) msb modular version, combinable 2 poles wire entry
sauro electronic connectors www.sauro.net standard products terminal blocks *w [kg]: approximate weight per box in kg **industrial packaging: add ?-00000e? at standard code msb msb__ta6-0000p 90 ?t?, side stackable with vde pegs 10.16 mm / .400? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02ta6-0000p 500 1,06 2250 5,13 03 msb03ta6-0000p 300 0,99 1500 5,13 04 msb04ta6-0000p 200 0,90 1000 4,56 05 msb05ta6-0000p 150 0,85 750 4,28 06 msb06ta6-0000p 125 0,86 750 5,13 07 msb07ta6-0000p 100 0,81 750 5,99 08 msb08ta6-0000p 100 0,93 500 5,56 09 msb09ta6-0000p 100 1,04 500 5,13 10 msb10ta6-0000p 100 1,16 500 5,70 11 msb11ta6-0000p 100 1,28 500 6,27 12 msb12ta6-0000p 100 1,36 500 6,84 13 msb13ta6-0000p 75 1,14 250 3,71 msb__ta5-0000p 90 ?t?, side stackable with vde pegs 5.08 mm / .200? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02ta5-0000p 800 1,47 3500 6,44 03 msb03ta5-0000p 500 1,38 2250 6,21 04 msb04ta5-0000p 400 1,47 2000 7,36 05 msb05ta5-0000p 300 1,38 1500 6,90 06 msb06ta5-0000p 250 1,38 1000 5,52 07 msb07ta5-0000p 200 1,29 1000 6,44 08 msb08ta5-0000p 175 1,29 750 5,52 09 msb09ta5-0000p 150 1,24 750 6,21 10 msb10ta5-0000p 125 1,15 750 6,90 11 msb11ta5-0000p 125 1,27 750 7,59 12 msb12ta5-0000p 100 1,10 750 8,28 13 msb13ta5-0000p 100 1,20 750 8,97 14 msb14ta5-0000p 100 1,29 750 9,66 15 msb15ta5-0000p 100 1,38 500 6,90 16 msb16ta5-0000p 100 1,47 500 7,36 17 msb17ta5-0000p 100 1,56 500 7,82 18 msb18ta5-0000p 100 1,66 500 8,28 19 msb19ta5-0000p 100 1,75 500 8,74 20 msb20ta5-0000p 100 1,84 500 9,20 21 msb21ta5-0000p 100 1,93 500 9,66 22 msb22ta5-0000p 100 2,02 400 8,10 23 msb23ta5-0000p 100 2,12 400 8,46 24 msb24ta5-0000p 100 2,21 400 8,83 25 msb25ta5-0000p 75 1,73 250 5,75 msb__ta2-0000p 90 ?t?, side stackable with vde pegs 10 mm / .394? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02ta2-0000p 500 1,06 2250 5,13 03 msb03ta2-0000p 300 0,99 1500 5,13 04 msb04ta2-0000p 200 0,90 1000 4,56 05 msb05ta2-0000p 150 0,85 750 4,28 06 msb06ta2-0000p 125 0,86 750 5,13 07 msb07ta2-0000p 100 0,81 750 5,99 08 msb08ta2-0000p 100 0,93 500 5,56 09 msb09ta2-0000p 100 1,04 500 5,13 10 msb10ta2-0000p 100 1,16 500 5,70 11 msb11ta2-0000p 100 1,28 500 6,27 12 msb12ta2-0000p 100 1,36 500 6,84 13 msb13ta2-0000p 75 1,14 250 3,71 msb__ta1-0000p 90 ?t?, side stackable with vde pegs 5 mm / .197? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msb02ta1-0000p 800 1,47 3500 6,44 03 msb03ta1-0000p 500 1,38 2250 6,21 04 msb04ta1-0000p 400 1,47 2000 7,36 05 msb05ta1-0000p 300 1,38 1500 6,90 06 msb06ta1-0000p 250 1,38 1000 5,52 07 msb07ta1-0000p 200 1,29 1000 6,44 08 msb08ta1-0000p 175 1,29 750 5,52 09 msb09ta1-0000p 150 1,24 750 6,21 10 msb10ta1-0000p 125 1,15 750 6,90 11 msb11ta1-0000p 125 1,27 750 7,59 12 msb12ta1-0000p 100 1,10 750 8,28 13 msb13ta1-0000p 100 1,20 750 8,97 14 msb14ta1-0000p 100 1,29 750 9,66 15 msb15ta1-0000p 100 1,38 500 6,90 16 msb16ta1-0000p 100 1,47 500 7,36 17 msb17ta1-0000p 100 1,56 500 7,82 18 msb18ta1-0000p 100 1,66 500 8,28 19 msb19ta1-0000p 100 1,75 500 8,74 20 msb20ta1-0000p 100 1,84 500 9,20 21 msb21ta1-0000p 100 1,93 500 9,66 22 msb22ta1-0000p 100 2,02 400 8,10 23 msb23ta1-0000p 100 2,12 400 8,46 24 msb24ta1-0000p 100 2,21 400 8,83 25 msb25ta1-0000p 75 1,73 250 5,75 wire entry wire entry wire entry wire entry l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1)
standard products sauro electronic connectors www.sauro.net msbh__002-0n straight, side stackable 10.16 mm / .400? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msbh02002-0n 500 1,02 2500 5,10 03 msbh03002-0n 300 0,92 1750 5,36 04 msbh04002-0n 200 0,82 1000 4,08 05 msbh05002-0n 150 0,77 750 3,83 06 msbh06002-0n 125 0,77 500 3,06 07 msbh07002-0n 100 0,71 500 3,57 08 msbh08002-0n 100 0,82 500 4,08 09 msbh09002-0n 100 0,92 500 4,59 10 msbh10002-0n 100 1,02 500 5,10 11 msbh11002-0n 100 1,12 250 2,81 12 msbh12002-0n 100 1,22 250 3,06 msbh__001-0n straight, side stackable 5.08 mm / .200? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msbh02001-0n 800 1,42 2500 4,45 03 msbh03001-0n 500 1,34 2500 6,68 04 msbh04001-0n 400 1,42 2000 7,12 05 msbh05001-0n 300 1,34 1750 7,79 06 msbh06001-0n 250 1,34 1500 8,01 07 msbh07001-0n 200 1,25 1000 6,23 08 msbh08001-0n 175 1,25 750 5,34 09 msbh09001-0n 150 1,20 750 6,01 10 msbh10001-0n 125 1,11 500 4,45 11 msbh11001-0n 125 1,22 500 4,90 12 msbh12001-0n 100 1,07 500 5,34 msbh__0m2-0n straight, modular 10 mm / .394? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msbh020m2-0n 500 1,02 2500 5,10 03 msbh030m2-0n 300 0,92 1750 5,36 04 msbh040m2-0n 200 0,82 1000 4,08 05 msbh050m2-0n 150 0,77 750 3,83 06 msbh060m2-0n 125 0,77 500 3,06 07 msbh070m2-0n 100 0,71 500 3,57 08 msbh080m2-0n 100 0,82 500 4,08 09 msbh090m2-0n 100 0,92 500 4,59 10 msbh100m2-0n 100 1,02 500 5,10 11 msbh110m2-0n 100 1,12 250 2,81 12 msbh120m2-0n 100 1,22 250 3,06 msbh__0m1-0n straight, modular 5 mm / .197? pitch poles code pcs/pack. w [kg]* pcs/ind.** w [kg]* 02 msbh020m1-0n 800 1,42 2500 4,45 03 msbh030m1-0n 500 1,34 2500 6,68 04 msbh040m1-0n 400 1,42 2000 7,12 05 msbh050m1-0n 300 1,34 1750 7,79 06 msbh060m1-0n 250 1,34 1500 8,01 07 msbh070m1-0n 200 1,25 1000 6,23 08 msbh080m1-0n 175 1,25 750 5,34 09 msbh090m1-0n 150 1,20 750 6,01 10 msbh100m1-0n 125 1,11 500 4,45 11 msbh110m1-0n 125 1,22 500 4,90 12 msbh120m1-0n 100 1,07 500 5,34 wire entry wire entry wire entry l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) l = pitch x (poles - 1) wire entry msb 67


▲Up To Search▲   

 
Price & Availability of MSB02001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X