Part Number Hot Search : 
BC304 MC68HC7 TCA505B 2SC2535 EM1000X MPSA1202 FC924 100TS
Product Description
Full Text Search
 

To Download MMST6427 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30166 rev. 5 - 1 1 of 3 MMST6427 www.diodes.com  diodes incorporated MMST6427 npn surface mount darlington transistor  epitaxial planar die construction  ideal for medium power amplification and switching  high current gain  ultra-small surface mount package  also available in lead free version characteristic symbol value unit collector-base voltage v cbo 40 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 12 v collector current - continuous (note 1) i c 500 ma power dissipation (note 1) p d 200 mw thermal resistance, junction to ambient (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features a m j l e d b c h k g b e c mechanical data  case: sot-323, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 4, on page 2  terminal connections: see diagram  marking (see page 2): k1d  ordering & date code information: see page 2  weight: 0.006 grams (approx.) maximum ratings @ t a = 25  c unless otherwise specified sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm note: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. e b c
ds30166 rev. 5 - 1 2 of 3 MMST6427 www.diodes.com characteristic symbol min max unit test condition off characteristics (note 2) collector-base breakdown voltage v (br)cbo 40  v i c = 100  a, i e = 0 collector-emitter breakdown voltage v (br)ceo 40  v i c = 100ma, i b = 0 emitter-base breakdown voltage v (br)ebo 12  v i e = 10  a, i c = 0 collector cutoff current i cbo  50 na v cb = 30v, i e = 0 collector cutoff current i ceo  1.0  a v ce = 25v, i b = 0 emitter cutoff current i ebo  50 na v eb = 10v, i c = 0 on characteristics (note 2) dc current gain h fe 10,000 20,000 14,000 100,000 200,000 140,000  i c = 10ma, v ce = 5.0v i c = 100ma, v ce = 5.0v i c = 500ma, v ce = 5.0v collector-emitter saturation voltage v ce(sat)  1.2 1.5 v i c = 50ma, i b = 0.5ma i c = 500ma, i b = 0.5ma base-emitter saturation voltage v be(sat)  2.0 v i c = 500ma, i b = 0.5ma base-emitter on voltage v be(on)  1.75 v i c = 50ma, v ce =5.0v small signal characteristics output capacitance c obo 8.0 typical pf v cb = 10v, f = 1.0mhz, i e = 0 input capacitance c ibo 15 typical pf v eb = 0.5v, f = 1.0mhz, i c = 0 electrical characteristics @ t a = 25  c unless otherwise specified ordering information (note 3) device packaging shipping MMST6427-7 sot-323 3000/tape & reel notes: 2. short duration test pulse used to minimize self-heating effect. 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: MMST6427-7-f. marking information k1d= product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd k1d ym year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 code jklmnpr st u vw
ds30166 rev. 5 - 1 3 of 3 MMST6427 www.diodes.com 0 50 100 25 50 75 100 125 150 175 200 p , power dissipation (mw) d t , ambient temperature (c) a fig. 1, max power dissipation vs ambient tem p erature 150 200 250 300 0 1 10 100 1000 v,c o llect o rt o emitter ce(sat) saturation voltage (v) i , collector current (ma) c fig. 2, collector emitter saturation voltage vs. collector current t = 25c a t = -50c a t = 150c a 0.45 0.40 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.85 0.90 0.95 1.10 1.05 1.00 i c i b = 1000 0.1 1 10 100 v , base emitter voltage (v) be(on) i , collector current (ma) c fig. 4, base emitter voltage vs. collector current t = 25c a t = -50c a t = 150c a 0.3 0.2 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1 . 6 1.5 1.4 v=5v ce 100 1000 100000 1000000 10000 1 10 1000 100 h , dc current gain fe i , collector current (ma) c fig. 3, dc current gain vs collector current t = -50c a t=25c a t = 150c a v=5v ce 1 10 1000 100 1 10 100 f , gain bandwidth product (mhz) t i , collector current (ma) c fig. 5, gain bandwidth product vs collector current v=5v ce


▲Up To Search▲   

 
Price & Availability of MMST6427

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X