Part Number Hot Search : 
TMA1205S RFU37 0SPBF ML6695CQ GP1A52 37300 37300 M5292P
Product Description
Full Text Search
 

To Download MINT1400A2410L01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ___________________________________________________ ___________________________________________________ ________________________ 1 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com ac input 80-270vac, 47-63 hz single phase. (see note 1) turn on time 500msec maximum input current input 120vac: 4.2a, 230vac: 2.1a hold - up time 20 ms at 400w inrush current input active circuit, 37a max overvoltage protection see chart input fuse s f1, f2: 6.3a overload protection cycling type, 470w typical power factor 0.99 typical, 0.96 minimum overtemperature protection provided on all models, auto- recover y. see page 2 for cooling information efficie ncy typical 88% @ 120vac, 91% @ 240vac remote sense compensates for up to 500mv drop on output leads switching frequency output: 170khz 8khz; pfc: 9 0khz, 8khz; bias: 100khz, 6 khz output power 400w with fan cooling. see derating chart for othe r conditions. peak: 450w for 1 min., 10% duty cycle safety standards medical: en/iec/ul 60601-1, csa 601.1 ite: csa/en/iec/ul 60950-1, 2nd edition ripple and noise 1% pk-pk max., 20mhz bw, differential mode isolation input-output: 4000vac, in put-ground: 1500vac, output-ground output voltage s see chart. voltages adjustable +/- 5% earth leakage current 100 a at 120vac, 60hz normal. 400 a at 264vac, 60hz sfc. total regulation see chart operating temperature 0 to 70 c, refer to derating curve for ratings >40 c minimum load not required storage temperature -40 to +85 c transient response 500 s to 1%, 0.2a/ s, 3.5% deviation relative humidity 5% to 95%, non-condensing shock and vibration shock: mil-std-810e, 516.4 part iv vibration: 5hz ? 500hz, 2.5 grms altitude operating: -500 to 10,000 ft. non-operating: -500 to 40,000 ft. mint1400a 400w single output series medical ? universal input power supply 2 year warranty ? compact 3.94? x 7? x 1.58?, 1u compatible ? 9.5 w/in3 ? 300w convection rating ? efficiency up to 91% ? 12vdc to 48vdc outputs, up to 400w ? remote on/off by ps-on signal ? safety approved to medical and ite standards ? en/iec/ul60601-1 and csa 601.1 ? csa/en/iec/ul60950-1, 2 nd edition ? compliant to en55011/22 conducted noise, class b ? rohs compliant ? category 6 specifications all specifications are typical at nominal input, fu ll load at 25 c unless otherwise stated . model number key 12 output voltage: "12" = 12v output, "24" = 24v outpu t, etc. 10 "10" = output connections - bus bars w ith #10 screw s mint "l" = input connector - eby p/n 5002-03-n-12 01 01 = standard model, 02 and higher indicates a m od ified m odel. product fam ily: "m" = medical, "i" = internal, "nt" = new technology 1 # of outputs 400 output pow er (watts) - "400" = 400w a model configuration: "a" = original configuration l
___________________________________________________ ___________________________________________________ ________________________ 2 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com mint1400 output power derating chart 0 50 100 150 200 250 300 350 400 450 0 10 20 30 40 50 60 70 ambient temperature (deg c) output power (watts) external 200 lfm fan convection mint1400a1210l01 12v 33.0a 25.0a 1% 2% MINT1400A2410L01 24v 16.7a 12.5a 1% 2% mint1400a2810l01 28v 14.3a 10.7a 1% 2% mint1400a4810l01 48v 8.30a 6.30a 1% 2% note 1: when the input voltage is <90vac, derate o utput power to 300w fan cooled, or 250w convection. inhibit : ttl low to inhibit dc ok: high when output is >90% of nominal ps off: ttl high to inhibit fan output: 12vdc @ 250 ma. pwr ok ttl high when ac is ok, 100-200 ms delay. 5v standby voltage: always on, up to 100ma. pwr ok pf low 4 ms warning before loss of output regulatio n. conducted emissions en55011/22 class b ra diated emissions en55011/22 class a voltage fluctuations en61000-3-3, complies static discharge immunity en61000-4-2, 6kv contact discharge, 8kv air dischar ge radiated rf immunity en61000-4-3, 3v/m. eft/burst immunity en61000-4-4, 2kv/5khz.. line surg e immunity en61000-4-5, 1kv differential, 2kv common-mode conducted rf immunity en61000-4-6, 3vrms power frequency magnetic field immunity en61000-4-8, 3a/m voltage dip immunity en61000-4-11 criteria a @ 250 watts or less. line frequency harmonics en61000-3-2, class a mint1400a 400w single output series medical ? universal input power supply 2 year warranty output parameters model output output current ripple total number volts (v) fan cooled convec tion & noise regulation emi/emc compliance signals out put power derating curve note: for convection cooling, the power supply is required to be mounted on a heatsink or system chassis with a minimum of 150 in2 of surface area.
___________________________________________________ ___________________________________________________ ________________________ 3 of 3 sl power electronics corp 6050 king drive ventura, ca 93003 phone 805.486.4565 fax 858.712.2040 email: info@slpower.com www.slpower.com input connector (tb1): signal connector (j3) (optional) : pin 1 pin 2 pin 3 manufacturer's p/n: pin 1 pin 2 pin 3 pi n 4 manufacturer's p/n: ac line neutral ground eby p/n 5002-03-n-12 ps off inhib it pwr ok dc ok amp p/n 640456-8 pin 5 pin 6 pin 7 pin 8 rtn +5v standby ?????-? ? ?????????+? 3 12 2013


▲Up To Search▲   

 
Price & Availability of MINT1400A2410L01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X