Part Number Hot Search : 
ATMEGA32 3KASMC2X 0365R 00FLH ADV7321 VF20120S L8C204 ZPY36
Product Description
Full Text Search
 

To Download MINT1065D2475K01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ______________________________________________________________________________________________________________________________ 1 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com rohs ac input 100-240vac +/- 10%, 47-63 hz single phase. turn on time less than 1 second under all rated load conditions. input current 115vac: 0.7a, 230vac: 1.5a. hold - up time <17 ms at 65w, nominal input (120vac). inrush current the inrush at 264vac, at a cold start, will not exceed 40a. overvoltage protection built-in input fuse s f1, f2: 2.5a, 250vac fuses provided on all models. overload protection hiccup mode efficiency up to 90% typical. short circuit protection hiccup mode earth leakage current < 3 0 0 a @ 2 6 4 v a c , 6 0 h z , n o r m a l ; < 5 0 0 a s f c . touch current is <100 a nc, <500 a sfc @ 264vac, 60hz, measured from output to ground isolation input-output: 4000vac/2 moop input-ground: 1500vac/1 moop output power 65w continuous. medical safety standards ansi aami es/csa/en/iec 60601-1, 3rd edition ripple and noise 1% pk-pk max., 20mhz bw, differential mode. measured with noise probe directly across output terminals. switching frequency variable 50-75khz typical. output voltage see chart. operating temperature 0 ? to 70 ? c (derate from full rated power above 40 ? c). voltage adjustability voltage pre-set by fixed resistance. cooling convection minimum load not required. output power derating see derating chart total regulation +/- 2%. see chart. storage temperature -40 to +85 ? c. transient response 5 0 0 s m a x . , 5 0 % l o a d s t e p , t y p i c a l . relative humidity 5% to 95%, non-condensing mint1065d 65w single output series medical, 3 rd edition certified universal input power supply 3 year warranty ? 65w convection cooled ac-dc power supply ? universal input 90-264 vac ? class i or class ii input versions ? less 0.5w no load power dissipation ? rugged emc compliant design ? 2? x 4? x 1.2? package ? ansi aami es/csa/en/iec 60601-1, 3rd edition certified ? meets efficiency level iv efficiency ? compliant (lvd, rohs) ? optional chassis/cover specifications all specifications are typical at nominal input, full load at 25 ? c unless otherwise stated .
______________________________________________________________________________________________________________________________ 2 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com mint1065d1275k01 12v 5.25a 4.00a 120mv 2% 15.0 1.5v mint1065d1375k01 13.2v 4.80a 3.63a 140mv 2% 16.0 1.5v mint1065d1575k01 15v 4.33a 3.20a 150mv 2% 18.0 1.5v mint1065d1875k01 18v 3.50a 2.66a 180mv 2% 21.0 2.0v mint1055d2075k01 20v 3.25a 2.40a 200mv 2% 23.0 2.0v MINT1065D2475K01 24v 2.70a 2.00a 240mv 2% 27.0 2.0v mint1065d4875k01 48v 1.35a 1.00a 480mv 2% 55.0 4.0v vibration operating: 0.003 g 2 /hz, 1.5 g rms overall, 3 axes, 10 min. / axis non-operating: 0.026 g 2 /hz, 5.0 g rms overall, 3 axes, 1 hr. / axis shock operating: half-sine, 20 g pk , 10 ms, 3 axes, 6 shocks total non-operating: half-sine, 40 g pk , 10 ms, 3 axes, 6 shocks total pollution degree 2 overvoltage category ovcii (2500v for mains), ovci (1500v for secondary) dimensions w 2.0? x l 4.0? x h 1.17?. see outline drawing. operating altitude up to 4000m. weight 150 grams non - operating altitude -500 to 40,000 ft. "01" = standard model, 02 and higher indicates a m odified m odel. model number key 12 75 mint 01 output voltage: configuration: output pow er: # of outputs: 1 065 x k model: product fam ily: "k" = 3 pin header (class i input); "c" = 2 pin header (class ii input). "75" = output connector, 4 pin header. other options available, consult factory. "12" = 12v, "24" = 24v, etc. "d" = en60601-1 3rd edition certified, "c" = optional chassis & cover (class i only). "065" = 65w "1" = single output "m" = medical, "i" = internal, "nt" = new technology input connector: output connector: co nducted emissions en55011 class b, fcc part 15, class b. radiated emissions en55011 class a, fcc part 15, class a. static discharge immunity en61000-4-2, 6kv contact discharge, 8kv air discharge radiated rf immunity en61000-4-3, 3v/m. eft/burst immunit y en61000-4-4, 2kv/5khz.. line surge immunity en61000-4-5, 1kv differential, 2kv common-mode conducted rf immunity en61000-4-6, 3vrms power frequency magnetic field immunity en61000-4-8, 3a/m voltage dip immunity en61000-4-11 240vac, 0%/0.5 cycle, 40%/5cycles, 70%/25 cycles mint1065d 65w single output series medical 3 rd edition certified universal input power supply 3 year warranty output parameters model output current ripple total ovp number volts (v) open frame w/cover & noise regulation threshold emi/emc compliance specifications (continued)
______________________________________________________________________________________________________________________________ 3 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com mechanical drawings and connector information output power derating curve data sheet ? 2012 sl power electronics corp. the information and specifications contained herein are believed to be correct at the time of publication. rev. 12-19-12 however, sl power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. specifications are subject to change without notice. mint1065d 65w single output series medical 3 rd edition certified universal input power supply 3 year warranty mint1065 series connectors input: j1 amp p/n 641937-1 pin 1) ac line pin 2) ac neutral output: j2 amp p/n 640445-4 pin 1) +vout pin 3) -vout pin 2) +vout pin 4) -vout mating connectors: p1 molex 09-50-3031 p2 molex 09-50-3041 pins: molex 08-50-0105 gnd connection (class i version) 0.187" faston tab


▲Up To Search▲   

 
Price & Availability of MINT1065D2475K01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X