Part Number Hot Search : 
MFM65 1062246 MN512K TSOP6156 S2222A BSS51 141000 BSS51
Product Description
Full Text Search
 

To Download M54531PFP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aug. 1999 pin configuration mitsubishi semiconductor m54531p/fp 7-unit 400ma darlington transistor array with clamp diode description m54531p and m54531fp are seven-circuit darlington tran- sistor arrays with clamping diodes. the circuits are made of npn transistors. both the semiconductor integrated circuits perform high-current driving with extremely low input-current supply. features high breakdown voltage (bv ceo 3 40v) high-current driving (ic(max) = 400ma) with clamping diodes driving available with pmos ic output wide input voltage range (v i = C40 to +40v) wide operating temperature range (ta = C20 to +75 c) application drives of relays and printers, digit drives of indication ele- ments (leds and lamps), and mos-bipolar logic ic inter- faces function the m54531p and m54531fp each have seven circuits con- sisting of npn darlington transistors. a serial circuit includ- ing a diode and resistance of 20k w is provided between in- put transistor bases and input pins. a spike-killer clamping diode is provided between each output pin (collector) and com pin (pin 9). the output transistor emitters are all con- nected to the gnd pin (pin 8). the collector current is 400ma maximum. collector-emitter supply voltage is 40v maximum. the m54531fp is enclosed in a molded small flat package, enabling space-saving design. circuit diagram v ma v ma v w c c C0.5 ~ +40 400 C40 ~ +40 400 40 1.47(p)/1.00(fp) C20 ~ +75 C55 ~ +125 v ceo i c v i i f v r p d t opr t stg 20k 2k 20k com gnd input output the diode, indicated with the dotted line, is parasitic, and cannot be used. unit : w the seven circuits share the com and gnd. ratings symbol parameter conditions unit absolute maximum ratings (unless otherwise noted, ta = C20 ~ +75 c) collector-emitter voltage collector current input voltage clamping diode forward current clamping diode reverse voltage power dissipation operating temperature storage temperature output, h current per circuit output, l ta = 25 c, when mounted on board 1 in1 ? in2 ? in3 ? in4 ? in5 ? in6 ? in7 ? ? com common gnd 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 ? o7 ? o6 ? o5 ? o4 ? o3 ? o2 ? o1 ? ? ? ? ? ? y ? ? ? ? ? ? t ? ? ? ? ? ? ? ? ? ? ? ? ? 16p4(p) package type 16p2n-a(fp) input output
aug. 1999 mitsubishi semiconductor m54531p/fp 7-unit 400ma darlington transistor array with clamp diode recommended operating conditions (unless otherwise noted, ta = C20 ~ +75 c) v m a v m a v v v o v il 0 9 6 0 40 1 i c v ih 0 0 400 200 35 ma v i i v ce (sat) 40 1000 1.3 1.0 1.1 2.0 1.4 3500 2.4 1.6 1.8 3.8 C20 2.4 100 v ma + : the typical values are those measured under ambient temperature (ta) of 25 c. there is no guarantee that these values are obtained under any conditions. ns ns 30 680 timing diagram note 1 test circuit pg 50 w c l measured device open v o r l input output (1) pulse generator (pg) characteristics : prr = 1khz, tw = 10 m s, tr = 6ns, tf = 6ns, z o = 50 w v p = 9v p-p (2) input-output conditions : r l = 25 w , v o = 10v (3) electrostatic capacity c l includes floating capacitance at connections and input capacitance at probes parameter limits min typ max symbol unit output voltage collector current (current per 1 cir- cuit when 7 circuits are coming on si- multaneously) duty cycle p : no more than 8% fp : no more than 6% duty cycle p : no more than 30% fp : no more than 25% l input voltage h input voltage i c 400ma i c 200ma i ceo = 100 m a v i = 9v, i c = 400ma v i = 6v, i c = 200ma v i = 18v v i = 35v v i = C35v i f = 400ma v r = 40v v ce = 4v, i c = 300ma, ta = 25 c collector-emitter breakdown voltage input reverse current clamping diode forward voltage clamping diode reverse current dc amplification factor symbol unit parameter test conditions limits min typ + max collector-emitter saturation voltage input current electrical characteristics (unless otherwise noted, ta = C20 ~ +75 c) v (br) ceo i ir v f i r h fe symbol unit parameter test conditions limits min typ max switching characteristics (unless otherwise noted, ta = 25 c) turn-on time turn-off time c l = 15pf (note 1) t on t off ton 50% 50% 50% 50% toff input output
aug. 1999 mitsubishi semiconductor m54531p/fp 7-unit 400ma darlington transistor array with clamp diode typical characteristics thermal derating factor characteristics ambient temperature ta (?) m54531fp m54531p power dissipation pd (w) 0 0 0.5 1.0 1.5 2.0 25 50 75 100 output saturation voltage collector current characteristics output saturation voltage v ce (sat) (v) 0 0 100 200 v i = 6v ta = ?0? ta = 25? ta = 75? 300 400 0.4 0.8 1.2 1.6 collector current ic (ma) duty-cycle-collector characteristics (m54531p) duty cycle (%) ?he collector current values represent the current per circuit. ?epeated frequency 3 10hz ?he value in the circle represents the value of the simultaneously-operated circuit. ?a = 25? ?he collector current values represent the current per circuit. ?epeated frequency 3 10hz ?he value in the circle represents the value of the simultaneously-operated circuit. ?a = 25? 0 0 100 200 300 400 500 a ? ? ? ? 20 40 60 80 100 collector current ic (ma) ?he collector current values represent the current per circuit. ?epeated frequency 3 10hz ?he value in the circle represents the value of the simultaneously-operated circuit. ?a = 75? ?he collector current values represent the current per circuit. ?epeated frequency 3 10hz ?he value in the circle represents the value of the simultaneously-operated circuit. ?a = 75? duty-cycle-collector characteristics (m54531p) duty cycle (%) 0 0 100 200 300 400 500 a ? ? ? ? 20 40 60 80 100 collector current ic (ma) duty-cycle-collector characteristics (m54531fp) duty cycle (%) 0 0 100 200 300 400 500 a ? ? ? ? 20 40 60 80 100 collector current ic (ma) duty-cycle-collector characteristics (m54531fp) duty cycle (%) 0 0 100 200 300 400 500 a ? ? ? ? 20 40 60 80 100 collector current ic (ma)
aug. 1999 mitsubishi semiconductor m54531p/fp 7-unit 400ma darlington transistor array with clamp diode dc amplification factor collector current characteristics collector current ic (ma) 10 1 10 3 v ce = 4v ta = 25? ta = 75? ta = ?0? 5 3 2 7 10 4 5 3 2 7 10 3 10 2 23 57 10 2 23 57 dc amplification factor h fe grounded emitter transfer characteristics input voltage v i (v) 0 v ce = 4v ta = 75? ta = ?0? ta = 25? 100 200 300 400 0 1234 collector current ic (ma) input characteristics input voltage v i (v) 0 ta = 25? ta = 75? ta = ?0? 0.5 1.0 1.5 2.0 0 5 10152025 input current i i (ma) clamping diode characteristics forward bias voltage v f (v) 0 0 100 200 ta = ?0? ta = 25? ta = 75? 300 400 0.5 1.0 1.5 2.0 forward bias current i f (ma)


▲Up To Search▲   

 
Price & Availability of M54531PFP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X