Part Number Hot Search : 
035150 ATM128 CS5151H MBR3035 GMS81024 C2632 DG442AK 250958B
Product Description
Full Text Search
 

To Download L-14725 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  name: sheet: date: rhombus p/n: cust p/n: rhombus transformers & magnetic products industries inc. 15801 chemical lane, huntington beach, ca 92649 phone: (714) 898-0960 fax: (714) 896-0971 www.rhombus-ind.com part l (1) idc (2) idc (3) i (4) dcr lead number ( m h) 20% 50% max. max size typ. amps amps amps (m w) awg L-14725 108.4 6.50 14.62 9.70 45 17 1 of 1 2/14/00 L-14725 electrical specifications at 25 o c 1) typical inductance with no dc. tolerance of + 10% 2) current which will produce a 20% reduction in l. 3) current which will produce a 50% reduction in l. 4) maximum dc current. this value is for a 40 o c temperature rise due to copper loss. with ac flux density kept to 10 gauss or less. (this typically represents a current ripple of less than 1%). power induct ors sendust material (al & si fe) well suited for switch mode power supplies and regulator applications. varnish finish optional by adding a "v" suffix to the part number . core core core loss loss loss @50khz @100khz @300khz 5657 16000 83138 core loss in mw/cm 3 @4000gauss core loss data is provided for comparison with other listed inductor materials and is for reference only. physical dimensions inches (mm) schematic diagram lead diameter : 0.0483 .510 ( 12.95 ) t y p.. 1.520 ( 36.60 ) t y p. *0.375 ( 9.53 ) .520 ( 13.20 ) t y p. *+0.125/-0.025


▲Up To Search▲   

 
Price & Availability of L-14725

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X