Part Number Hot Search : 
AN1657 Q68000 1N5822 ALN1953 HEF4093 N1HNK60 HGZ391 IRF740
Product Description
Full Text Search
 

To Download ICSXXXXCGLFT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated circuit systems, inc. ics932s422c 1412a?12/10/07 pin configuration recommended application: pcie gen 2 & fbd compliant ck410b/ck410b+ clock for intel-based servers output features:  5 - 0.7v current-mode differential cpu pairs  4 - 0.7v current-mode differential src pair  4 - pci (33mhz)  3 - pciclk_f, (33mhz) free-running  1 - 48mhz  2 - ref, 14.318mhz key specifications:  cpu cycle-cycle jitter: < 50ps  src cycle-cycle jitter: < 125ps  pci cycle-cycle jitter: < 500ps  cpu output skew: < 100ps  src output skew: < 250ps  300ppm frequency accuracy on all outputs except 48mhz  100ppm frequency accuracy on 48mhz pcie gen 2 main clock for intel-based servers features/benefits:  supports spread spectrum modulation, 0 to -0.5% down spread  uses external 14.318mhz crystal and external load capacitors for low ppm synthesis error  cpu clocks independent of src/pci clocks  d2/d3 smbus address  compliant with pcie gen ii phase noise specifications 56-pin ssop & tssop vddpci 1 56 fslc/test_sel gndpci 2 55 ref0 pciclk0 3 54 ref1 pciclk1 4 53 vddref pciclk2 5 52 x1 pciclk3 6 51 x2 gndpci 7 50 gndref vddpci 8 49 fslb/test_mode pciclk_f0 9 48 fsla pciclk_f1 10 47 vddcpu pciclk_f2 11 46 cpuclkt0 vdd48 12 45 cpuclkc0 48mhz 13 44 vddcpu gnd48 14 43 cpuclkt1 vddsrc 15 42 cpuclkc1 nc 16 41 gndcpu vtt_pwrgd#/pd 17 40 cpuclkt2 srcclkc1 18 39 cpuclkc2 srcclkt1 19 38 vddcpu gndsrc 20 37 cpuclkt3 srcclkt2 21 36 cpuclkc3 srcclkc2 22 35 vdda srcclkc3 23 34 gnda srcclkt3 24 33 iref vddsrc 25 32 cpuclkt4 srcclkt4 26 31 cpuclkc4 srcclkc4 27 30 sdata vddsrc 28 29 sclk ics932s422 functionality fslc 1 fslb 1 fsla 2 cpu mhz src mhz pci mhz ref mhz u sb mhz 0 0 0 266.67 100.00 33.33 14.318 48.000 0 0 1 133.33 100.00 33.33 14.318 48.000 0 1 0 200.00 100.00 33.33 14.318 48.000 0 1 1 166.67 100.00 33.33 14.318 48.000 1 0 0 333.33 100.00 33.33 14.318 48.000 1 0 1 100.00 100.00 33.33 14.318 48.000 1 1 0 400.00 100.00 33.33 14.318 48.000 111 1. fslb and fslc are three-level inputs. please see vil_fs and vih_fs specifications in the input/supply/common output parameters table for correct values. also refer to the test clarification table. 2.fsla is a low-threshold input. please see the vil_fs and vih_fs specifications in the input/supply/common output parameters table for correct values. reserved
2 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 pin description pin # pin name pin type description 1 vddpci pwr power supply for pci clocks, nominal 3.3v 2 gndpci pwr ground pin for the pci outputs 3 pciclk0 out pci clock output. 4 pciclk1 out pci clock output. 5 pciclk2 out pci clock output. 6 pciclk3 out pci clock output. 7 gndpci pwr ground pin for the pci outputs 8 vddpci pwr power supply for pci clocks, nominal 3.3v 9 pciclk_f0 out free running pci clock not affected by pci_stop# . 10 pciclk_f1 out free running pci clock not affected by pci_stop# . 11 pciclk_f2 out free running pci clock not affected by pci_stop# . 12 vdd48 pwr power pin for the 48mhz output.3.3v 13 48mhz out 48mhz clock output. 14 gnd48 pwr ground pin for the 48mhz outputs 15 vddsrc pwr supply for src clo cks, 3.3v nominal 16 nc n/a no connection. 17 vtt_pwrgd#/pd in vtt_pwrgd# is an active low input used to determine when latched inputs are ready to be sampled. pd is an asynchronous active high input pin used to put the device into a low power state. the internal clocks, plls and the crystal oscillator are stopped. 18 srcclkc1 out complement clock of differential push-pull src clock pair. 19 srcclkt1 out true clock of differential src clock pair. 20 gndsrc pwr ground pin for the src outputs 21 srcclkt2 out true clock of differential src clock pair. 22 srcclkc2 out complement clock of differential src clock pair. 23 srcclkc3 out complement clock of differential src clock pair. 24 srcclkt3 out true clock of differential src clock pair. 25 vddsrc pwr supply for src clo cks, 3.3v nominal 26 srcclkt4 out true clock of differential src clock pair. 27 srcclkc4 out complement clock of differential src clock pair. 28 vddsrc pwr supply for src clo cks, 3.3v nominal
3 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 pin description (continued) pin # pin name type pin description 29 sclk in clock pin of smbus circuitry, 5v tolerant. 30 sdata i/o data pin for smbus circuitry, 3.3v tolerant. 31 cpuclkc4 out complementary clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 32 cpuclkt4 out true clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 33 iref out this pin establishes the reference current for the differential current-mode output pairs. this pin requires a fixed precision resistor tied to ground in order to establish the appropriate current. 475 ohms is the standard value. 34 gnda pwr ground pin for the pll core. 35 vdda pwr 3.3v power for the pll core. 36 cpuclkc3 out complementary clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 37 cpuclkt3 out true clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 38 vddcpu pwr supply for cpu clo cks, 3.3v nominal 39 cpuclkc2 out complementary clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 40 cpuclkt2 out true clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 41 gndcpu pwr ground pin for the cpu outputs 42 cpuclkc1 out complementary clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 43 cpuclkt1 out true clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 44 vddcpu pwr supply for cpu clo cks, 3.3v nominal 45 cpuclkc0 out complementary clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 46 cpuclkt0 out true clock of differential pair cpu outputs. these are current mode outputs. external resistors are required for voltage bias. 47 vddcpu pwr supply for cpu clo cks, 3.3v nominal 48 fsla in 3.3v tolerant input for cpu frequency selection. refer to input electrical characteristics for vil_fs and vih_fs values. 49 fslb/test_mode in 3.3v tolerant input for cpu frequency selection. refer to input electrical characteristics for vil_fs and vih_fs values. test_mode is a real time input to select between hi-z and ref/n divider mode while in test mode. refer to test clarification table. 50 gndref pwr ground pin for the ref outputs. 51 x2 out crystal output, nominally 14.318mhz 52 x1 in crystal input, nominally 14.318mhz. 53 vddref pwr ref, xtal power supply, nominal 3.3v 54 ref1 out 14.318 mhz reference clock. 55 ref0 out 14.318 mhz reference clock. 56 fslc/test_sel in 3.3v tolerant input for cpu frequency selection. low voltage threshold inputs, see input electrical characteristics for vil_fs and vih_fs values. test_sel: 3-level latched input to enable test mode. refer to test clarification table
4 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 the ics932s422c is a main clock synthesizer for ck410-generation intel server platforms. the ics932s422c is driven with a 14.318mhz crystal. it generates 5 cpu output pairs up to 400mhz and pci-express clocks at 100 or 200 mhz. the 48 mhz usb clock is an exact 48.000 mhz clock. general description block diagram power groups vdd gnd 53 50 xtal, ref 1,8 2,7 pciclk outputs 15,25,28 20 srcclk outputs 35 34 master clock, cpu analog 12 14 48mhz, pll_48 47,44,38 41 cpuclk clocks description pin number cpu pll control logic xtal osc. cpuclk(4:0) fixed pll 48mhz divider dividers ref(1:0) srcclk(3:0) s data sclk x1 x2 iref fs(c:a) vtt_pwrgd#/pd test_mode src/pci pll dividers test_sel pciclk(3:0), pciclk_f(2:0)
5 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 test load cl=5pf rs zo ics932s422 sepp output buffer (single ended push pull) rs zo rs zo sepp output buffer (single ended push pull) cl=5pf cl=5pf the singled-ended outputs of the ics 932s422 default to a drive strength of 2 loads. the ref clocks can be turned down to 1-load strength via the smbus. suggested termination resistors are as follows for transmission lines with zo = 50 ohms: driving 1 load, rs = 33 ohms driving 2 loads, rs = 7.5 ohms single-ended outputs at 1-load strength (ref clock only) driving 1 load, rs = 22 ohms single-ended outputs at 2-load strength (power up default for all single-ended outputs) single-ended output terminations
6 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 electrical characteristics - input/supply/common output parameters parameter symbol conditions* min typ max units notes input high voltage v ih 3.3 v +/-5% 2 v dd + 0.3 v 1 input low voltage v il 3.3 v +/-5% v ss - 0.3 0.8 v 1 input high current i ih v in = v dd -5 5 ua 1 i il1 v in = 0 v; inputs with no pull-up resistors -5 ua 1 i il2 v in = 0 v; inputs with pull-up resistors -200 ua 1 low threshold input- high voltage v ih_fs 3.3 v +/-5% 0.7 v dd + 0.3 v 1 low threshold input- low voltage v il_fs 3.3 v +/-5% v ss - 0.3 0.35 v 1 operating supply current i dd3.3op full active, c l = full load; 350 ma 1 operating current i dd3.3op all outputs driven 400 ma 1 all diff pairs driven 70 ma 1 all differential pairs tri-stated 12 ma 1 input frequency f i v dd = 3.3 v 14.31818 mhz 2 pin inductance l p in 7nh1 c in logic inputs 5 pf 1 c ou t output pin capacitance 6 pf 1 c inx x1 & x2 pins 5 pf 1 clk stabilization t stab from vdd power-up or de-assertion of pd to 1st clock 1.8 ms 1 modulation frequency triangular modulation 30 33 khz 1 tdrive_pd cpu output enable after pd de-assertion 300 us 1 tfall_pd pd fall time of 5 ns 1 trise_pd pd rise time of 5 ns 1 smbus voltage v dd 2.7 5.5 v 1 low-level output voltage v ol @ i pullup 0.4 v 1 current sinking at v ol = 0.4 v i pullup 4ma1 sclk/sdata clock/data rise time t ri2c (max vil - 0.15) to (min vih + 0.15) 1000 ns 1 sclk/sdata clock/data fall time t fi2c (min vih + 0.15) to (max vil - 0.15) 300 ns 1 *ta = 0 - 70c; supply voltage vdd = 3.3 v +/-5% 1 guaranteed by design and characterization, not 100% tested in production. 2 input frequency should be measured at the ref pin and tuned to ideal 14.31818mhz to meet ppm frequency accuracy on pll outputs. input low current powerdown current i dd3.3pd input capacitance absolute maximum rating parameter symbol conditions min typ max units notes 3.3v core supply voltage vdd_a - v dd + 0.5v v 1 3.3v logic input supply voltage vdd_in - gnd - 0.5 v dd + 0.5v v 1 storage temperature ts - -65 150 c 1 ambient operating temp tambient - 070c 1 case temperature tcase - 115 c 1 input esd protection hbm esd prot - 2000 v 1 1 guaranteed by design and characterization, not 100% tested in production.
7 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 electrical characteristics - cpu 0.7v current mode differential pair parameter symbol conditions* min typ max units notes current source output impedance zo v o = v x 3000 ? 1 voltage high vhigh 660 850 mv 1,3 voltage low vlow -150 150 mv 1,3 max voltage vovs 1150 mv 1 min voltage vuds -300 mv 1 crossing voltage (abs) vx(abs) 250 550 mv 1 crossing voltage (var) d-vx variation of crossing over all edges 140 mv 1 long accuracy ppm see tperiod min-max values -300 300 ppm 1,2 400mhz nominal 2.4993 2.5008 ns 2 400mhz spread 2.4993 2.5133 ns 2 333.33mhz nominal 2.9991 3.0009 ns 2 333.33mhz spread 2.9991 3.016 ns 2 266.66mhz nominal 3.7489 3.7511 ns 2 266.66mhz spread 3.7489 3.77 ns 2 200mhz nominal 4.9985 5.0015 ns 2 200mhz spread 4.9985 5.0266 ns 2 166.66mhz nominal 5.9982 6.0018 ns 2 166.66mhz spread 5.9982 6.0320 ns 2 133.33mhz nominal 7.4978 7.5023 ns 2 133.33mhz spread 7.4978 7.5400 ns 2 100.00mhz nominal 9.9970 10.0030 ns 2 100.00mhz spread 9.9970 10.0533 ns 2 400mhz nominal/spread 2.4143 ns 1,2 333.33mhz nominal/spread 2.9141 ns 1,2 266.66mhz nominal/spread 3.6639 ns 1,2 200mhz nominal/spread 4.8735 ns 1,2 166.66mhz nominal/spread 5.8732 ns 1,2 133.33mhz nominal/spread 7.3728 ns 1,2 100.00mhz nominal/spread 9.8720 ns 1,2 rise time t r v ol = 0.175v, v oh = 0.525v 175 525 ps 1 fall time t f v oh = 0.525v v ol = 0.175v 175 525 ps 1 rise time variation d-t r v ol = 0.175v, v oh = 0.525v 125 ps 1 fall time variation d-t f v oh = 0.525v v ol = 0.175v 125 ps 1 duty cycle d t3 measurement from differential wavefrom 45 55 % 1 skew t sk3 cpu(4:0), v t = 50% 100 ps 1 jitter, cycle to cycle t jcyc-cyc measurement from differential wavefrom, ( cpu ( 4:0 )) 50 ps 1 *t a = 0 - 70c; v dd = 3.3 v +/-5%; c l =2pf, r s =33.2 ? , r p =49.9 ?, ref = 475? 1 guaranteed by design and characterization, not 100% tested in production. 2 all long term accuracy and clock period specifications are guaranteed assuming that ref is at 14.31818mhz 3 i ref = v dd /(3xr r ). for r r = 475 ? (1%), i ref = 2.32ma. i oh = 6 x i ref and v oh = 0.7v @ z o =50 ? . statistical measurement on single ended signal measurement on single ended signal using absolute value. average period tperiod absolute min period t absmin
8 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 electrical characteristics - src/sata 0.7v current mode differential pair parameter symbol conditions* min typ max units notes current source output impedance zo v o = v x 3000 ? 1 voltage high vhigh 660 850 mv 1,3 voltage low vlow -150 150 mv 1,3 max voltage vovs 1150 mv 1 min voltage vuds -300 mv 1 crossing voltage (abs) vx(abs) 250 550 mv 1 crossing voltage (var) d-vx variation of crossing over all edges 140 mv 1 long accuracy ppm see tperiod min-max values -300 300 ppm 1,2 100.00mhz nominal 9.9970 10.0030 ns 2 100.00mhz spread 9.9970 10.0533 ns 2 absolute min period tabsmin 100.00mhz nominal/spread 9.8720 ns 1,2 rise time t r v ol = 0.175v, v oh = 0.525v 175 525 ps 1 fall time t f v oh = 0.525v v ol = 0.175v 175 525 ps 1 rise time variation d-t r v ol = 0.175v, v oh = 0.525v 125 ps 1 fall time variation d-t f v oh = 0.525v v ol = 0.175v 125 ps 1 duty cycle d t3 measurement from differential wavefrom 45 55 % 1 skew t sk3 v t = 50% 250 ps 1 jitter, cycle to cycle t jcyc-cyc measurement from differential wavefrom 125 ps 1 *t a = 0 - 70c; v dd = 3.3 v +/-5%; c l =2pf, r s =33.2 ? , r p =49.9 ?, ref = 475? 1 guaranteed by design and characterization, not 100% tested in production. 2 all long term accuracy and clock period specifications are guaranteed assuming that ref is at 14.31818mhz 3 i ref = v dd /(3xr r ). for r r = 475 ? (1%), i ref = 2.32ma. i oh = 6 x i ref and v oh = 0.7v @ z o =50 ? . statistical measurement on single ended signal measurement on single ended signal using absolute value. average period tperiod electrical characteristics - pciclk/pciclk_f parameter symbol conditions* min typ max units notes output impedance r dsp v o = v dd *(0.5) 12 55 ? 1 output high voltage v oh i oh = -1 ma 2.4 v 1 output low voltage v ol i ol = 1 ma 0.55 v 1 v oh @min = 1.0 v -33 ma 1 v oh @max = 3.135 v -33 ma 1 v ol @ min = 1.95 v 30 ma 1 v ol @ max = 0.4 v 38 ma 1 rise time t r v ol = 0.4 v, v oh = 2.4 v 0.5 2 ns 1 fall time t f v oh = 2.4 v, v ol = 0.4 v 0.5 2 ns 1 duty cycle d t1 v t = 1.5 v 45 55 %1 group skew t skew v t = 1.5 v 250 ps 1 jitter, cycle to cycle t jcyc-cyc v t = 1.5 v 500 ps 1 *ta = 0 - 70c; supply voltage vdd = 3.3 v +/-5%, cl = 5 pf with rs = 22 ? (unless otherwise specified) 1 guaranteed by design and characterization, not 100% tested in production. 3 spread spectrum is off output high current i oh output low current i ol
9 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 electrical characteristics - usb48mhz parameter symbol conditions* min typ max units notes long accuracy ppm see tperiod min-max values -100 100 ppm 1,2 clock period t period 48.00mhz output nominal 20.8313 20.8354 ns 2 output impedance r dsp v o = v dd *(0.5) 12 55 ? 1 output high voltage v oh i oh = -1 ma 2.4 v 1 output low voltage v ol i ol = 1 ma 0.55 v 1 v oh @min = 1.0 v -29 ma 1 v oh @max = 3.135 v -33 ma 1 v ol @ min = 1.95 v 29 ma 1 v ol @ max = 0.4 v 27 ma 1 rise time t r_usb v ol = 0.4 v, v oh = 2.4 v 12ns 1 fall time t f_usb v oh = 2.4 v, v ol = 0.4 v 12ns 1 duty cycle d t1 v t = 1.5 v 45 55 %1 group skew t skew v t = 1.5 v 250 ps 1 jitter, cycle to cycle t jcyc-cyc v t = 1.5 v 500 ps 1 *ta = 0 - 70c; supply voltage vdd = 3.3 v +/-5%, cl = 5 pf with rs = 22 ? 1 guaranteed by design and characterization, not 100% tested in production. output high current i oh output low current i ol electrical characteristics - ref-14.318mhz parameter symbol conditions min typ max units notes long accuracy ppm see tperiod min-max values -300 300 ppm 1,2 clock period t period 14.318mhz output nominal 69.8270 69.8550 ns 2 output high voltage v oh i oh = -1 ma 2.4 v 1 output low voltage v ol i ol = 1 ma 0.4 v 1 v oh @min = 1.0 v -33 ma 1 v oh @max = 3.135 v -33 ma 1 v ol @ min = 1.95 v 30 ma 1 v ol @ max = 0.4 v 38 ma 1 rise time t r1 v ol = 0.4 v, v oh = 2.4 v 0.5 2 ns 1 fall time t f1 v oh = 2.4 v, v ol = 0.4 v 0.5 2 ns 1 skew t sk1 v t = 1.5 v 500 ps 1 duty cycle d t1 v t = 1.5 v 45 55 % 1 jitter t jcyc-cyc v t = 1.5 v 1000 ps 1 *ta = 0 - 70c; supply voltage vdd = 3.3 v +/-5%, cl = 5 pf with rs = 22 ? (rs is used in usb48mhz test only) 1 guaranteed by design and characterization, not 100% tested in production. 2 all long term accuracy and clock period specifications are guaranteed assuming that ref is at 14.31818mhz output high current i oh output low current i ol electrical characteristics - differential jitter parameters parameter symbol conditions min typ max units notes t jp hasepll pcie gen 1 86 ps (p-p) 1,2 t jphaselo pcie gen 2 10khz < f < 1.5mhz 3ps (rms)1,2 t jphasehigh pcie gen 2 1.5mhz < f < nyquist (50mhz) 3.1 ps (rms) 1,2 t jphfbd1_3.2 g fbd1 3.2/4g 11mhz to 33mhz 3ps (rms)1,2 t jphfbd1_4.0 g fbd1 4.8g 11mhz to 33mhz 2.5 ps (rms) 1,2 *ta = 0 - 70c; supply voltage vdd = 3.3 v +/-5% 1 guaranteed by design and characterization, not 100% tested in production. jitter, phase 2 see http://www.pcisig.com for compelte specs
10 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 general smbus serial interface information for the ics932s422c how to write: ? controller (host) sends a start bit.  controller (host) sends the write address d2 (h)  ics clock will acknowledge  controller (host) sends the begining byte location = n  ics clock will acknowledge  controller (host) sends the data byte count = x  ics clock will acknowledge  controller (host) starts sending byte n through byte n + x -1 (see note 2)  ics clock will acknowledge each byte one at a time  controller (host) sends a stop bit how to read:  controller (host) will send start bit.  controller (host) sends the write address d2 (h)  ics clock will acknowledge  controller (host) sends the begining byte location = n  ics clock will acknowledge  controller (host) will send a separate start bit.  controller (host) sends the read address d3 (h)  ics clock will acknowledge  ics clock will send the data byte count = x  ics clock sends byte n + x -1  ics clock sends byte 0 through byte x (if x (h) was written to byte 8) .  controller (host) will need to acknowledge each byte  controllor (host) will send a not acknowledge bit  controller (host) will send a stop bit ics (slave/receiver) t wr ack ack ack ack ack pstop bit x byte index block write operation slave address d2 (h) beginning byte = n write start bit controller (host) byte n + x - 1 data byte count = x beginning byte n t start bit wr write rt repeat start rd read beginning byte n byte n + x - 1 n not acknowledge pstop bit ics (slave/receiver) controller (host) x byte ack ack data byte count = x ack slave address d3 (h) index block read operation slave address d2 (h) beginning byte = n ack ack
11 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 smbus table: src output enable register pin # name control function type 0 1 pwd bit 7 srcclk7 enable output enable rw disable-hi-z enable 1 bit 6 srcclk6 enable output enable rw disable-hi-z enable 1 bit 5 srcclk5 enable output enable rw disable-hi-z enable 1 bit 4 srcclk4 enable output enable rw disable-hi-z enable 1 bit 3 srcclk3 enable output enable rw disable-hi-z enable 1 bit 2 srcclk2 enable output enable rw disable-hi-z enable 1 bit 1 srcclk1 enable output enable rw disable-hi-z enable 1 bit 0 cpuclk4 output enable rw disable-hi-z enable 1 smbus table: cpu, ref and 48 mhz output enable register pin # name control function type 0 1 pwd bit 7 ref1 enable output enable rw disable-low enable 1 bit 6 ref0 enable output enable rw disable-low enable 1 bit 5 cpuclk3 output enable rw disable-hi-z enable 1 bit 4 cpuclk2 output enable rw disable-hi-z enable 1 bit 3 0 bit 2 cpuclk1 output enable rw disable-hi-z enable 1 bit 1 cpuclk0 output enable rw disable-hi-z enable 1 bit 0 spread spectrum enable spread off/on rw spread off spread on 0 smbus table: pci and pciclk_f output enable register pin # name control function type 0 1 pwd bit 7 pciclk3 output enable rw disable-low enable 1 bit 6 pciclk2 output enable rw disable-low enable 1 bit 5 pciclk1 output enable rw disable-low enable 1 bit 4 pciclk0 output enable rw disable-low enable 1 bit 3 pciclk_f2 enable output enable rw disable-low enable 1 bit 2 pciclk_f1 enable output enable rw disable-low enable 1 bit 1 pciclk_f0 enable output enable rw disable-low enable 1 bit 0 48mhz enable output enable rw disable-low enable 1 smbus table: pciclk_f and src stop control register pin # name control function type 0 1 pwd bit 7 pciclk_f2 stop en rw free-running stoppable 1 bit 6 pciclk_f1 stop en rw free-running stoppable 1 bit 5 pciclk_f0 stop en rw free-running stoppable 1 bit 4 srcclk4 stop en rw free-running stoppable 1 bit 3 srcclk3 stop en rw free-running stoppable 1 bit 2 srcclk2 stop en rw free-running stoppable 1 bit 1 srcclk1 stop en rw free-running stoppable 1 bit 0 0 reserved reserved free-running control, default: not affected by pci/src_stop (byte 4, bit 5) 26,27 9 - 23,24 10 23,24 21,22 byte 3 21,22 18,19 byte 0 na na 26,27 na 39,40 18,19 54 9 4 10 42,43 6 5 45,46 32,31 byte 1 55 36,37 cpu, src, pci byte 2 - 11 13 3 11
12 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 smbus table: cpu and src stop and power down mode drive control register pin # name control function type 0 1 pwd bit 7 cpuclk3 pd drive drive mode in pd rw driven hi-z 0 bit 6 cpuclk2 pd drive drive mode in pd rw driven hi-z 0 bit 5 cpuclk1 pd drive drive mode in pd rw driven hi-z 0 bit 4 cpuclk0 pd drive drive mode in pd rw driven hi-z 0 bit 3 0 bit 2 0 bit 1 0 bit 0 0 smbus table: output and spread spectrum control register byte 5 pin # name control function type 0 1 pwd bit 7 cpuclk4 pd drive drive mode in pd rw driven hi-z 0 bit 6 src stop drive mode dr iv en in stop rw driven hi-z 0 bit 5 src pd drive mode dr iv en in pd rw driven hi-z 0 bit 4 0 bit 3 0 bit 2 0 bit 1 0 bit 0 0 smbus table: device id register pin # name control function type 0 1 pwd bit 7 test mode selection test mode selection rw hi-z ref/n 0 bit 6 test clock mode entry test mode rw disable enable 0 bit 5 0 bit 4 ref drive strength 1x or 2x rw 1x 2x 1 bit 3 pci_stop control stop non-f ree running pc and src clocks. rw stop run 1 bit 2 fs_c fs_c readback r latch bit 1 fs_b fs_b readback r latch bit 0 fs_a fs_a readback r latch smbus table: vendor & revision id register pin # name control function type 0 1 pwd bit 7 rid3 r - - 0 bit 6 rid2 r - - 0 bit 5 rid1 r - - 1 bit 4 rid0 r - - 0 bit 3 vid3 r - - 0 bit 2 vid2 r - - 0 bit 1 vid1 r - - 0 bit 0 vid0 r - - 1 reserved reserved reserved reserved reserved reserved reserved reserved reserved reserved see 932s422 functionality table vendor id revision id - - - 32,31 src src - - byte 7 - 39,40 36,37 pci, src 54,55 - - - - - - byte 6 byte 4 42,43 - - - - - 45,46 - - - - - -
13 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 smbus table: byte count register pin # name control function type 0 1 pwd bit 7 bc7 rw 0 bit 6 bc6 rw 0 bit 5 bc5 rw 0 bit 4 bc4 rw 0 bit 3 bc3 rw 1 bit 2 bc2 rw 0 bit 1 bc1 rw 0 bit 0 bc0 rw 0 smbus table: device id register pin # name control function type 0 1 pwd bit 7 did7 r - - 0 bit 6 did6 r - - 0 bit 5 did5 r - - 0 bit 4 did4 r - - 0 bit 3 did3 r - - 1 bit 2 did2 r - - 1 bit 1 did1 r - - 0 bit 0 did0 r - - 0 smbus table: m/n programming & control register pin # name control function type 0 1 pwd bit 7 m/n_en cpu and src m/n pro g rammin g rw disable enable 0 bit 6 0 bit 5 spread spectrum enable spread off/on rw spread off spread on 0 bit 4 spread spectrum enable spread off/on rw spread off spread on 0 bit 3 src alternate frequency (96% of nominal) set src = 96 mhz and pci = 32 mhz only active if byte 10, bit 2 = 1 rw normal alternate frequency 0 bit 2 cpu alternate frequency (96% of nominal) only active if latched frequency is 166 mhz or 333 mhz. set alternate cpu frequency: 166 mhz to 160 mhz 333 mhz to 320 mhz rw normal alternate frequency 0 bit 1 ref1 drive strength 1x or 2x rw 1 bit 0 ref0 drive strength 1x or 2x rw 1 byte count programming b(7:0) writing to this register will configure how many bytes will be read back, default is 8 bytes. (0 to 7) - - - - - - byte 8 byte 9 - - 55 - - cpu src cpu 54 see ref drive strength functionality table src, pci device id (0c hex) reserved byte 10
14 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 smbus table: cpu frequency control register pin # name control function type 0 1 pwd bit 7 cpu n div8 n divider prog bit 8 rw x bit 6 cpu n div9 n divider prog bit 9 rw x bit 5 cpu m div5 rw x bit 4 cpu m div4 rw x bit 3 cpu m div3 rw x bit 2 cpu m div2 rw x bit 1 cpu m div1 rw x bit 0 cpu m div0 rw x smbus table: cpu frequency control register pin # name control function type 0 1 pwd bit 7 cpu n div7 rw x bit 6 cpu n div6 rw x bit 5 cpu n div5 rw x bit 4 cpu n div4 rw x bit 3 cpu n div3 rw x bit 2 cpu n div2 rw x bit 1 cpu n div1 rw x bit 0 cpu n div0 rw x smbus table: cpu spread spectrum control register byte 13 pin # name control function type 0 1 pwd bit 7 cpu ssp7 rw x bit 6 cpu ssp6 rw x bit 5 cpu ssp5 rw x bit 4 cpu ssp4 rw x bit 3 cpu ssp3 rw x bit 2 cpu ssp2 rw x bit 1 cpu ssp1 rw x bit 0 cpu ssp0 rw x smbus table: cpu spread spectrum control register pin # name control function type 0 1 pwd bit 7 0 bit 6 cpu ssp14 rw x bit 5 cpu ssp13 rw x bit 4 cpu ssp12 rw x bit 3 cpu ssp11 rw x bit 2 cpu ssp10 rw x bit 1 cpu ssp9 rw x bit 0 cpu ssp8 rw x the decimal representation of m and n divider in byte 11 and 12 will configure the cpu vco frequency. default at power up = latch-in or byte 0 rom table. vco frequency = 14.318 x [ndiv(9:0)+8] / [mdiv(5:0)+2] spread spectrum programming bit(7:0) n divider programming byte12 bit(7:0) and byte11 bit(7:6) reserved these spread spectrum bits in byte 13 and 14 will program the spread pecentage of cpu the decimal representation of m and n divider in byte 11 and 12 will configure the cpu vco frequency. default at power up = latch-in or byte 0 rom table. vco frequency = 14.318 x [ndiv(9:0)+8] / [mdiv(5:0)+2] m divider programming bit (5:0) these spread spectrum bits in byte 13 and 14 will program the spread pecentage of cpu spread spectrum programming bit(14:8) byte 12 byte 14 - - - - - - - - - - - - - - - - - - - - - - - - byte 11 - - - - - - - -
15 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 smbus table: src frequency control register pin # name control function type 0 1 pwd bit 7 src n div8 n divider prog bit 8 rw x bit 6 src n div9 n divider prog bit 9 rw x bit 5 src m div5 rw x bit 4 src m div4 rw x bit 3 src m div3 rw x bit 2 src m div2 rw x bit 1 src m div1 rw x bit 0 src m div0 rw x smbus table: src frequency control register pin # name control function type 0 1 pwd bit 7 src n div7 rw x bit 6 src n div6 rw x bit 5 src n div5 rw x bit 4 src n div4 rw x bit 3 src n div3 rw x bit 2 src n div2 rw x bit 1 src n div1 rw x bit 0 src n div0 rw x smbus table: src spread spectrum control register pin # name control function type 0 1 pwd bit 7 src ssp7 rw x bit 6 src ssp6 rw x bit 5 src ssp5 rw x bit 4 src ssp4 rw x bit 3 src ssp3 rw x bit 2 src ssp2 rw x bit 1 src ssp1 rw x bit 0 src ssp0 rw x smbus table: src spread spectrum control register pin # name control function type 0 1 pwd bit 7 reserved reserved r - - 0 bit 6 src ssp14 rw x bit 5 src ssp13 rw x bit 4 src ssp12 rw x bit 3 src ssp11 rw x bit 2 src ssp10 rw x bit 1 src ssp9 rw x bit 0 src ssp8 rw x - - byte 18 - - these spread spectrum bits in byte 17 and 18 will program the spread pecentage of src spread spectrum programming b(7:0) the decimal representation of m and n divider in byte 15 and 16 will configure the src vco frequency. default at power up = latch-in or byte 0 rom table. vco frequency = 14.318 x [ndiv(9:0)+8] / [mdiv(5:0)+2] m divider programming bits these spread spectrum bits in byte 17 and 18 will program the spread pecentage of src - - - - - - - - - - spread spectrum programming b(14:8) - - - byte 17 byte 15 - byte 16 - - - - - - the decimal representation of m and n divider in byte 15 and 16 will configure the src vco frequency. default at power up = latch-in or byte 0 rom table. vco frequency = 14.318 x [ndiv(9:0)+8] / [mdiv(5:0)+2] - - - - - - - n divider programming b(7:0) -
16 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 smbus table: cpu programmable output divider register pin # name control function type 0 1 pwd bit 7 cpudiv3 rw x bit 6 cpudiv2 rw x bit 5 cpudiv1 rw x bit 4 cpudiv0 rw x bit 3 x bit 2 x bit 1 x bit 0 x smbus table: src and pci programmable output divider register pin # name control function type 0 1 pwd bit 7 pcidiv3 rw x bit 6 pcidiv2 rw x bit 5 pcidiv1 rw x bit 4 pcidiv0 rw x bit 3 src_div3 rw x bit 2 src_div2 rw x bit 1 src_div1 rw x bit 0 src_div0 rw x smbustable: test byte register test type pwd bit 7 rw 0 bit 6 rw 0 bit 5 rw 0 bit 4 rw 0 bit 3 rw 0 bit 2 rw 0 bit 1 rw 0 bit 0 rw 0 note: do not write to bit 21. erratic device operation will result! - - byte 19 byte 20 see cpu, src and pci divider ratios table see cpu, src and pci divider ratios table reserved reserved reserved reserved cpu divider ratio programming bits - ics only test reserved - ics only test reserved - ics only test reserved - ics only test reserved - ics only test reserved - ics only test reserved - ics only test reserved test function test result - ics only test reserved byte 21 - src_ divider ratio programming bits - - - - pci divider ratio programming bits - - - - see cpu, src and pci divider ratios table -
17 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 pd is an asynchronous active high input used to shut off all clocks cleanly prior to system power down. when pd is asserted, all clocks will be driven low before turning off the vco. all clocks will start without glitches when pd i s pd, power down d pu p c# u p cc r s# c r si c p / f i c pb s uf e re t o n 1l a m r o nl a m r o nl a m r o nl a m r o nz h m 3 3z h m 8 4z h m 8 1 3 . 4 11 0r o 2 * f e r i t a o l f t a o l f2 * f e r i t a o l f r o t a o l fw o lw o lw o l1 notes: 1. refer to smbus byte 4 for additional information. pd should be sampled low by 2 consecutive cpu# rising edges before stopping clocks. all single ended clocks will be held low on their next high to low transition. all differential clocks will be held high on the next high to low transition of the complimentary clock. if the control registe r determining to drive mode is set to 'tri-state', the differential pair will be stopped in tri-state mode, undriven. when the drive mode corresponding to the cpu or src clock of interest is set to '0' the true clock will be driven high at 2 x iref and the complementary clock will be tristated. if the control register is programmed to '1' both clocks will be tristated. see smbus byte 4 for additional information. pd assertion cpu, src and pci divider ratios div(3:0) divider 00000 2 10001 3 20010 5 30011 15 40100 4 50101 6 60110 10 70111 30 81000 8 91001 12 10 1010 20 11 1011 60 12 1100 16 13 1101 24 14 1110 40 15 1111 120 ref drive strength functionality byte6, bit 4 byte 10, bit 1 byte 10, bit 0 ref1 ref0 0x x1x1x 10 01x1x 10 11x2x 11 02x1x 11 12x2x pd cpu, 133mhz cpu#, 133mhz src, 100mhz src#, 100mhz usb, 48mhz pci, 33mhz ref, 14.31818
18 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 the time from the de-assertion of pd or until power supply ramps to get stable clocks will be less than 1.8ms. if the drive mode control bit for pd tristate is programmed to '1' the stopped differential pair must first be driven high to a minimum of 200mv in less than 300 s of pd deassertion. pd de-assertion pwrdwn# tstable <1.8ms tdrive_pwrdwn# <300 s, >200mv cpu, 133mhz cpu#, 133mhz src, 100mhz src# 100mhz usb, 48mhz pci, 33mhz ref, 14.31818 test clarification table comments fslc/tes t_sel hw pin fslb/tes t_mode hw pin test entry bit b6b6 ref/n or hi-z b6b7 output 0x0xnormal 10x0hi-z 10x1ref/n 11x0ref/n 11x1ref/n 0x10hi-z 0x11ref/n b6b6: 1= enter test mode, default = 0 (normal operation) b6b7: 1= ref/n, default = 0 (hi-z) hw s w power-up w/ test_sel = 1 to enter test mode cycle power to disable test mode fslc./test_sel -->3-level latched input if power-up w/ v>2.0v (-0.3v) then use test_sel if power-up w/ v<2.0v (-0.3v) then use fslc fslb/test_mode -->low vth input test_mode is a real time input. if test_sel hw pin is 0 during power-up, test mode can be invoked through b6b6. if test mode is invoked by b6b6, only b6b7 is used to select hi-z or ref/n fslb/test_mode pin is not used. cycle power to disable test mode, one shot control
19 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 ordering information ics932s422cflf-t index area index area 12 1 2 n d h x 45 h x 45 e1 e seating plane seating plane a1 a e -c- - c - b .10 (.004) c .10 (.004) c c l example: designation for tape and reel packaging annealed lead free (optional) package type f = ssop revision designator (will not correlate with datasheet revision) device type prefix ics = standard device ics xxxx c f lf- t min max min max a 2.41 2.80 .095 .110 a1 0.20 0.40 .008 .016 b 0.20 0.34 .008 .0135 c 0.13 0.25 .005 .010 d e 10.03 10.68 .395 .420 e1 7.40 7.60 .291 .299 e h 0.38 0.64 .015 .025 l 0.50 1.02 .020 .040 n a0808 variations min max min max 56 18.31 18.55 .720 .730 10-0034 reference doc.: jedec publication 95, mo-118 56-lead, 300 mil body, 25 mil, ssop n see variations see variations d mm. d (inch) symbol see variations see variations 0.635 basic 0.025 basic common dimensions in millimeters in inches common dimensions
20 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 ordering information ics932s422cglf-t in d ex a r ea in d ex a r ea 1 2 1 2 n d e1 e  s eatin g p lane s eatin g p lane a1 a a 2 a 2 e - c - - c - b c l aaa c example: designation for tape and reel packaging annealed lead free (optional) package type g = tssop revision designator (will not correlate with datasheet revision) device type prefix ics = standard device ics xxxx c g lf- t min max min max a--1.20--.047 a1 0.05 0.15 .002 .006 a2 0.80 1.05 .032 .041 b 0.17 0.27 .007 .011 c 0.09 0.20 .0035 .008 d e e1 6.00 6.20 .236 .244 e l 0.45 0.75 .018 .030 n a0808 aaa -- 0.10 -- .004 variations min max min max 56 13.90 14.10 .547 .555 10-0039 n d mm. d (inch) reference doc.: jedec publication 95, m o-153 0.50 basic 0.020 basic see variations see variations see variations see variations 8.10 basic 0.319 basic 56-lead 6.10 mm. bod y , 0.50 mm. pitch tssop ( 240 mil ) ( 20 mil ) symbol in millimeters in inches common dimensions common dimensions
21 integrated circuit systems, inc. ics932s422c 1412a?12/10/07 revision history rev. issue date description page # a 12/10/07 initial release -


▲Up To Search▲   

 
Price & Availability of ICSXXXXCGLFT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X