Part Number Hot Search : 
64001 IRF14 GCX1217 2N370006 74HC1 CY14B BAS20 468A106
Product Description
Full Text Search
 

To Download HMC710LC510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mixers - i/q mixers, irm s & r eceivers - sm t 9 9 - 1 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com hmc710lc5 gaas mmic i/q upconverter 16 - 21 ghz v03.0110 general description features typical applications the h mc 710l c 5 is a compact gaas mmic i / q upconverter in a leadless r oh s compliant sm t package. this device provides a small signal conversion gain of 12 db with -20 dbc of sideband rejection. the h mc 710l c 5 utilizes a driver amplifer preceded by an i / q mixer where the lo is driven by an active x2 multiplier. i f1 and i f2 mixer inputs are provided and an external 90 hybrid is needed to select the required sideband. the i / q mixer topo- logy reduces the need for fltering of the unwanted sideband. the h mc 710l c 5 is a much smaller alternative to hybrid style single sideband upconverter assemblies and it eliminates the need for wire bonding by allowing the use of surface mount manufacturing techniques. electrical specifcations, t a = +25 c, if = 1000 mhz, lo = +6 dbm, vdd1, 2, 3 = +5v, idd2 + idd3 = 150 ma [1][3] parameter m in. typ. m ax. units frequency r ange, r f 16 - 21 ghz frequency r ange, lo 7.5 - 11 ghz frequency r ange, i f d c - 3.5 ghz c onversion gain 7 12 db s ideband r ejection -12 -20 dbc 1 db c ompression (output) 20 dbm 2 lo to r f i solation 12 db 2 lo to i f i solation [2] 20 db i p3 (output) 30 dbm s upply c urrent i dd1 52 90 108 ma s upply c urrent i dd2 24 30 ma s upply c urrent i dd3 96 120 ma [1] unless otherwise noted all measurements performed with high side lo, i f = 1000 m hz and external 90 i f hybrid. [2] data taken without external i f hybrid. [3] adjust v gg between -2 to 0 v to achieve i dd2 + i dd3 = 150 ma typical. functional diagram the h mc 710l c 5 is ideal for: ? point-to-point and point-to- m ulti-point r adio ? m ilitary r adar, e w & e l i nt ? s atellite c ommunications ? s ensors high c onversion gain: 12 db s ideband r ejection: -20 dbc 2 lo to r f i solation: 12 db output i p3: +30 dbm 32 lead 5x5mm sm t package: 25mm2
mixers - i/q mixers, irm s & r eceivers - sm t 9 9 - 2 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com conversion gain vs. idd2 + idd3 conversion gain vs. lo drive conversion gain vs. if frequency rf, lo return loss hmc710lc5 v03.0110 gaas mmic i/q upconverter 16 - 21 ghz if return loss [1] 4 6 8 10 12 14 16 18 20 16 17 18 19 20 21 22 +25 c +85 c -40 c conversion gain (db) rf frequency (ghz) 4 6 8 10 12 14 16 18 20 15 16 17 18 19 20 21 22 23 24 if = 100mhz if = 1000mhz conversion gain (db) rf frequency (ghz) -25 -20 -15 -10 -5 0 2 4 6 8 10 12 14 16 18 20 22 24 rf lo return loss (db) frequency (ghz) -30 -25 -20 -15 -10 -5 0 0 1 2 3 4 5 6 7 8 if1 if2 return loss (db) if frequency (ghz) 4 6 8 10 12 14 16 18 20 16 17 18 19 20 21 22 idd1+idd2 = 110ma idd1+idd2 = 130ma idd1+idd2 = 150ma conversion gain (db) rf frequency (ghz) 4 6 8 10 12 14 16 18 20 16 17 18 19 20 21 22 +3 dbm +6 dbm +9 dbm conversion gain (db) rf frequency (ghz) conversion gain vs. temperature [1] data taken without external i f hybrid data taken as ssb upconverter with external if hybrid
mixers - i/q mixers, irm s & r eceivers - sm t 9 9 - 3 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com side band rejection output p1db vs. temperature hmc710lc5 v03.0110 gaas mmic i/q upconverter 16 - 21 ghz 16 17 18 19 20 21 22 23 24 16 17 18 19 20 21 22 +25 c +85 c -40 c p1db (dbm) rf frequency (ghz) output ip3 vs. temperature output ip3 vs. lo drive 24 26 28 30 32 34 16 17 18 19 20 21 22 +3 dbm +6 dbm ip3 (dbm) rf frequency (ghz) 24 26 28 30 32 34 16 17 18 19 20 21 22 +25 c +85 c -40 c ip3 (dbm) rf frequency (ghz) output ip3 vs. if frequency output ip3 vs. idd2 + idd3 24 26 28 30 32 34 16 17 18 19 20 21 22 idd1+idd2 = 110ma idd1+idd2 = 130ma idd1+idd2 = 150ma ip3 (dbm) rf frequency (ghz) 24 26 28 30 32 34 16 17 18 19 20 21 22 if = 100mhz if = 1000mhz ip3 (dbm) rf frequency (ghz) data taken as ssb upconverter with external if hybrid -40 -30 -20 -10 0 16 17 18 19 20 21 22 sideband rejection (dbc) rf frequency (ghz)
mixers - i/q mixers, irm s & r eceivers - sm t 9 9 - 4 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com hmc710lc5 v03.0110 gaas mmic i/q upconverter 16 - 21 ghz isolations with 2lo [1] isolations with lo [1] -70 -60 -50 -40 -30 -20 -10 0 16 17 18 19 20 21 22 lo/rf lo/if1 lo/if2 isolation (db) rf frequency (ghz) -70 -60 -50 -40 -30 -20 -10 0 16 17 18 19 20 21 22 2lo/rf if1/rf 2lo/if1 if2/rf 2lo/if2 isolation (db) rf frequency (ghz) mxn spurious outputs [1] nlo m i f 0 1 2 3 4 0 xx 19 48 xx xx 1 61 0 66 xx xx 2 35 32 53 xx xx 3 61 38 72 xx xx 4 52 62 73 xx xx i f = 1 ghz @ 0 dbm lo = 9.75 ghz @ +6 dbm data taken without i f hybrid all values in dbc below r f power level (-1 i f + 2lo) lo freq. (ghz) nlo s pur @ i f port 1 2 3 4 8 42 21 25 64 9 35 24 47 50 10 38 19 49 47 11 42 25 44 51 12 34 18 50 xx 13 39 32 55 xx 14 22 35 52 xx harmonics of lo [1] data taken without external i f hybrid
mixers - i/q mixers, irm s & r eceivers - sm t 9 9 - 5 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com hmc710lc5 v03.0110 gaas mmic i/q upconverter 16 - 21 ghz outline drawing not es : 1. pa c kag e body m at eri al: alu mi na 2. l e ad and g r ound paddl e plat i ng: 30 - 80 micr o i n c h es gold o ver 50 micr o i n c h es mi n im u m n ic kl e 3. d ime n si on s a re i n i n c h es [ mi ll ime t ers ] 4. l e ad s pa ci ng tol er an ce is non- c u m ulat ive 5. pa c kag e wa r p s hall not excee d 0.05mm datu m 6. all g r ound l e ad s and g r ound paddl e m u s t b e s old ere d to p c b r f g r ound absolute maximum ratings drain bias v oltage ( v dd1, 2, 3) 5.25 v gate bias v oltage ( v gg) -3 to 0 v i f i nput power ( i f1, i f2) 20 dbm lo drive (lo i n) 20 dbm c hannel temperature 175 c c ontinuous pdiss (t = 85 c ) (derate 16.2 mw/ c above 85 c ) 1.46 mw thermal r esistance (channel to ground paddle) 61.8 c /w s torage temperature -65 to +150 c operating temperature -55 to +85 c es d s ensitivity (hb m ) c lass 1a e l ec t ro s tat ic se n si t ive d evice ob serve handl i ng p rec aut i on s
mixers - i/q mixers, irm s & r eceivers - sm t 9 9 - 6 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com hmc710lc5 v03.0110 gaas mmic i/q upconverter 16 - 21 ghz typical application c 1 - c 3 100 pf c 4 - c 7 1000 pf c 8 - c 11 2.2 f
mixers - i/q mixers, irm s & r eceivers - sm t 9 9 - 7 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com hmc710lc5 v03.0110 gaas mmic i/q upconverter 16 - 21 ghz pin number function description i nterface s chematic 1 - 5, 7, 8, 11, 16, 17, 19, 20, 22 - 28 n/ c no c onnection required. these pins may be connected to r f/d c ground without affecting performance. 6 v dd1 power supply voltage for x2 multiplier. s ee application circuit for required external components. 9 lo i n this pin is a c coupled and matched to 50 ohms. 10, 13, 15, 30, 32 gnd these pins and package bottom must be connected to r f/d c ground. 12 v gg gate control for r f amplifer, please follow mmic amplifer biasing procedure application note. s ee application circuit for required external components 14 r fout this pin is a c coupled and matched to 50 ohms. 18, 21 v dd2, v dd3 power supply voltage for r f amplifer. s ee application circuit for required external components. 29 i f1 differential i f input pins. for applications not requiring operation to d c , an off chip d c blocking capacitor should be used. for operation to d c this pin must not source/sink more than 3ma of current or part non function and possible part failure will result. 31 i f2 pin descriptions
mixers - i/q mixers, irm s & r eceivers - sm t 9 9 - 8 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com evaluation pcb the circuit board used in the application should use r f circuit design techniques. s ignal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hittite upon request. list of materials for evaluation pcb 120412 [1] i tem description j1, j2 p c b m ount sm a sri c onnector j3, j4 p c b m ount sm a c onnector j5 - j12 d c pin c 1 - c 3 100 pf c apacitor, 0402 pkg. c 4 1000 pf c apacitor, 0402 pkg. c 5 - c 7 1000 pf c apacitor, 0603 pkg. c 8 - c 11 2.2 f tantalum c apacitor c ase a u1 h mc 710l c 5 upconverter p c b [2] 120410 e valuation board [1] r eference this number when ordering complete evaluation p c b [2] c ircuit board m aterial: arlon 25f r , f r 4 hmc710lc5 v03.0110 gaas mmic i/q upconverter 16 - 21 ghz


▲Up To Search▲   

 
Price & Availability of HMC710LC510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X