Part Number Hot Search : 
D4120 EA1791 00FCT CXD9012R CL5822 CBTLV 110CA TQM7136
Product Description
Full Text Search
 

To Download HFA100MD60D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  anode ac cathode 1 2 pd-2.507 rev. a 12/98 ? reduced rfi and emi ? reduced snubbing ? extensive characterization of recovery parameters features description hexfred tm diodes are optimized to reduce losses and emi/rfi in high frequency power conditioning systems. an extensive characterization of the recovery behavior for different values of current, temperature and di/dt simplifies the calculations of losses in the operating conditions. the softness of the recovery eliminates the need for a snubber in most applications. these devices are ideally suited for power converters, motors drives and other applications where switching losses are significant portion of the total losses. ultrafast, soft recovery diode hexfred tm HFA100MD60D isolated base v r = 600v v f (typ.) ? = 1.1v i f(av) = 100a q rr (typ.) = 300nc i rrm (typ.) = 8a t rr (typ.) = 33ns di (rec)m /dt (typ.) ? = 240a/s 1 parameter min. typ. max. units r thjc junction-to-case, single leg conducting ???? ???? 0.70 junction-to-case, both legs conducting ???? ???? 0.35 r thcs case-to-sink, flat , greased surface ???? 0.10 ???? wt weight ???? 79 (2.8) ???? g (oz) mounting torque ? 30 (3.4) ???? 40 (4.6) terminal torque 30 (3.4) ???? 40 (4.6) vertical pull ???? ???? 80 2 inch lever pull ???? ???? 35 parameter max. units v r cathode-to-anode voltage 600 v i f @ t c = 25c continuous forward current 83 i f @ t c = 100c continuous forward current 40 i fsm single pulse forward current ? 400 e as non-repetitive avalanche energy ? 220 j p d @ t c = 25c maximum power dissipation 180 p d @ t c = 100c maximum power dissipation 71 t j operating junction and t stg storage temperature range note: ? limited by junction temperature ? mounting surface must be smooth, flat, free or burrs or other ? l = 100h, duty cycle limited by max t j protrusions. apply a thin even film or thermal grease to mounting ? 125c surface. gradually tighten each mounting bolt in 5-10 lbf?in steps until desired or maximum torque limits are reached. module absolute maximum ratings (per leg) c/w k/w -55 to +150 w a c thermal - mechanical characteristics lbf?in (n?m) lbf?in to-244ab (isolated)
HFA100MD60D 2 pd-2.507 rev. a 12/98 14.99 (0.590) 92.71 (3.650) 90.17 (3.550) 3.02 (0.119) 3.35 (0.132) (2 plcs.) 20.42 (0.804) 23.55 (0.927) 6.99 (0.275) 7.49 (0.295) dia. 34.925 (1.375) 60.96 (2.400) 63.50 (2.500) ref. 80.01 (3.150) 40.26 (1.585) 39.75 (1.565) 15.75 (0.620) 1/4-20 slotted hex 17.78 (0.700) 20.32 (0.800) 1 23 outline to-244ab (isolated) dimensions in millimeters and (inches) lead assignments 1 - anode 2 - cathode 3 - anode parameter min. typ. max. units test conditions t rr reverse recovery time ??? 33 ??? i f = 1.0a, di f /dt = 200a/s, v r = 30v t rr1 ??? 76 115 ns t j = 25c see t rr2 ??? 130 200 t j = 125c fig. 5 i f = 50a i rrm1 peak recovery current ??? 8.0 15 t j = 25c see i rrm2 ??? 12 22 t j = 125c fig. 6 v r = 200v q rr1 reverse recovery charge ??? 300 900 t j = 25c see q rr2 ??? 780 2200 t j = 125c fig. 7 di f /dt = 200a/s di (rec)m /dt1 peak rate of fall of recovery current ??? 340 ??? t j = 25c see di (rec)m /dt2 during t b ??? 240 ??? t j = 125c fig. 8 parameter min. typ. max. units test conditions v br cathode anode breakdown voltage 600 ??? ??? v i r = 100a v fm max forward voltage ??? 1.2 1.4 i f = 50a ??? 1.4 1.6 v i f = 100a ??? 1.1 1.3 i f = 50a, t j = 125c i rm max reverse leakage current ??? 4.0 20 a v r = v r rated ??? 1.0 4.0 ma t j = 125c, v r = 480v c t junction capacitance ??? 140 250 pf v r = 200v from top of terminal hole to mounting plane electrical characteristics (per leg) @ t j = 25c (unless otherwise specified) dynamic recovery characteristics (per leg) @ t j = 25c (unless otherwise specified) a/s nc a l s series inductance ??? 7.0 ??? nh see fig. 3 see fig. 2 see fig. 1
HFA100MD60D 3 pd-2.507 rev. a 12/98 fig. 4 - maximum thermal impedance z thjc characteristics, (per leg) fig. 2 - typical reverse current vs. reverse voltage, (per leg) fig. 3 - typical junction capacitance vs. reverse voltage, (per leg) fig. 1 - maximum forward voltage drop vs. instantaneous forward current, (per leg) 1 10 100 1000 0.0 1.0 2.0 3.0 fm f instantaneous forward current - i (a) forward voltage drop - v (v) t = 150 c t = 125c t = 25c j j j 0.1 1 10 100 1000 10000 0 200 400 600 r r reverse voltage - v (v) t = 150 c reverse current - i ( a) t = 125 c t = 25c j j j 10 100 1000 10000 1 10 100 1000 t = 25 c j reverse voltage - v (v) r t junction capacitance - c (pf) a 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1 thjc t , rectangular pulse duration (seconds) d = 0.50 d = 0.33 d = 0.25 d = 0.17 d = 0.08 single pulse (thermal resistance) thermal impedance - z (k/w) 2 t 1 t p dm notes: 1. duty factor d = t / t 2. peak t = p x z + t jdm thjc c 2 1
HFA100MD60D 4 pd-2.507 rev. a 12/98 fig. 7 - typical stored charge vs. di f /dt, (per leg) fig. 8 - typical di (rec)m /dt vs. di f /dt, (per leg) fig. 5 - typical reverse recovery vs. di f /dt, (per leg) fig. 6 - typical recovery current vs. di f /dt, (per leg) 40 80 120 160 200 100 1000 f di /dt - (a/ s) i = 30a f t - (ns) rr i = 50a i = 100a f f v = 200v t = 125 c t = 25c r j j 100 1000 10000 100 1000 f di /dt - (a/ s) di(rec)m/dt - (a/ s) i = 30a f i = 70a i = 140a v = 200v t = 125 c t = 25c r j j f f 0 1000 2000 3000 100 1000 f di /dt - (a/ s) rr q - (nc) i = 30a f i = 50a i = 100a v = 200v t = 125 c t = 25c r j j f f 1 10 100 100 1000 f di /dt - (a/ s) i = 30a f i - (a) irrm i = 50a i = 100a f f v = 200v t = 125 c t = 25c r j j
HFA100MD60D 5 pd-2.507 rev. a 12/98 4. q rr - area under curve defined by t rr and i rrm t rr x i rrm q rr = 2 5. di (rec)m /dt - peak rate of change of current during t b portion of t rr v (av al) r(rated) i l(pk) v decay time fig. 11 - avalanche test circuit and waveforms fig. 10 - reverse recovery waveform and definitions fig. 9 - reverse recovery parameter test circuit t a t b t rr q rr i f i rrm i rrm 0.5 di(rec)m/dt 0.75 i rrm 5 4 3 2 0 1 di /dt f 1. di f /dt - rate of change of current through zero crossing 2. i rrm - peak reverse recovery current 3. trr - reverse recovery time measured from zero crossing point of negative going i f to point where a line passing through 0.75 i rrm and 0.50 i rrm extrapolated to zero current reverse recovery circuit irfp250 d.u.t. l = 70 h v = 200v r 0.01 w g d s dif/dt adjust current monitor high-speed switch dut rg = 25 ohm + free-w heel diode vd = 50v l = 100 h http://www.irf.com fax-on-demand: +44 1883 733420 data and specifications subject to change wit hout notice. 233 kansas st., el segundo, california 90245 u.s.a. tel: (310) 322 3331. fax: (310) 322 3332. hurst green, oxted, surrey rh8 9bb, u.k. tel: ++ 44 1883 732020. fax: ++ 44 1883 733408. 15 lincoln court, brampton, markham, ontario l6t3z2. tel: (905) 453 2200. fax: (905) 475 8801. saalburgstrasse 157, 61350 bad homburg. tel: ++ 49 6172 96590. fax: ++ 49 6172 965933. via liguria 49, 10071 borgaro, torino. tel: ++ 39 11 4510111. fax: ++ 39 11 4510220. k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo, japan 171. tel: 81 3 3983 0086. 1 kim seng promenade, great world city west tower,13-11, singapore 237994. tel: ++ 65 838 4630. 16 fl. suite d.207, sec. 2, tun haw south road, taipei, 10673, taiwan. tel: 886 2 2377 9936. world headquarters: european headquarters: ir canada: ir germany: ir italy: ir far east: ir southeast asia: ir taiwan:


▲Up To Search▲   

 
Price & Availability of HFA100MD60D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X