Part Number Hot Search : 
CXA2002 UM82C55A AN4140 MKT1816 FRS12W 152M10 04A40 1205DH3
Product Description
Full Text Search
 

To Download HD74LVC3G04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev.3.00 jul. 01, 2004 page 1 of 8 HD74LVC3G04 triple inverters rej03d0025?0300z rev.3.00 jul. 01, 2004 description the HD74LVC3G04 has triple inverters in an 8-pin package. low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life. features ? the basic gate function is lined up as renesas uni logic series. ? supply voltage range: 1.65 to 5.5 v operating temperature range: ?40 to +85c ? all inputs: v ih (max.) = 5.5 v (@v cc = 0 v to 5.5 v) all outputs: v o (max.) = 5.5 v (@v cc = 0 v) ? output current: 4 ma (@v cc = 1.65 v) 8 ma (@v cc = 2.3 v) 24 ma (@v cc = 3.0 v) 32 ma (@v cc = 4.5 v) ? ordering information part name package type package code package abbreviation taping abbreviation (quantity) HD74LVC3G04cpe tbs-8v cp HD74LVC3G04cle wcsp-8 pin tbs-8av cl e (3,000 pcs/reel) article indication e 0 4 y m marking year code month code function table input a output y hl lh h : high level l : low level package type package code package tbs-8v wcsp-8 pin tbs-8av cl
HD74LVC3G04 rev.3.00 jul. 01, 2004 page 2 of 8 pin arrangement (bottom view) (top view) 2y 27 3 45 gnd height 0.5 mm 0.5 mm pitch 0.17 mm 8?ball (cp) 0.23 mm 8?ball (cl) 0.9 mm 1.9 mm 2a 3a 3y 1y 6 18 1a v cc pin#1 index logic diagram 1a 1 y 1 7 2a 2 y 3 5 3a 3 y 62 (top view) 1a 1 7 2a 3 3a 62 62 62
HD74LVC3G04 rev.3.00 jul. 01, 2004 page 3 of 8 absolute maximum ratings item symbol ratings unit test conditions supply voltage range v cc ?0.5 to 6.5 v input voltage range *1 v i ?0.5 to 6.5 v ?0.5 to v cc +0.5 output : h or l output voltage range *1, 2 v o ?0.5 to 6.5 v v cc : off input clamp current i ik ?50 ma v i < 0 output clamp current i ok ?50 ma v o < 0 continuous output current i o 50 ma v o = 0 to v cc continuous current through v cc or gnd i cc or i gnd 100 ma 140 cp package thermal impedance ja 102 c/w cl storage temperature tstg ?65 to 150 c notes: the absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. the input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. this value is limited to 5.5 v maximum. recommended operating conditions item symbol min max unit conditions supply voltage range v cc 1.65 5.5 v input voltage range v i 05 . 5v output voltage range v o 0v cc v ?4 v cc = 1.65 v ?8 v cc = 2.3 v ? 16 ? 24 v cc = 3.0 v i ol ? 32 v cc = 4.5 v ? ?4 v cc = 1.65 v ? ?8 v cc = 2.3 v ? ?16 ? ?24 v cc = 3.0 v output current i oh ? ?32 ma v cc = 4.5 v 02 0 v cc = 1.65 to 1.95 v, 2.3 to 2.7 v 01 0 v cc = 3.0 to 3.6 v input transition rise or fall rate ? t / ? v 05 ns / v v cc = 4.5 to 5.5 v operating free-air temperature t a ?40 85 c note: unused or floating inputs must be held high or low. notes: the absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of if the input and output clamp-current ratings are symbol min max unit 1.65 5.5 v 05 . 5v 0v cc v ?4 ?8 ? 16 ? 24 ? 32 ? ?4 ? ?8 i oh
HD74LVC3G04 rev.3.00 jul. 01, 2004 page 4 of 8 electrical characteristics ta = ?40 to 85c item symbol v cc (v) min typ max unit test condition 1.65 to 1.95 v cc 0.65 ? ? 2.3 to 2.7 1.7 ? ? 3.0 to 3.6 2.0 ? ? v ih 4.5 to 5.5 v cc 0.7 ? ? 1.65 to 1.95 ? ? v cc 0.35 2.3 to 2.7 ? ? 0.7 3.0 to 3.6 ? ? 0.8 input voltage v il 4.5 to 5.5 ? ? v cc 0.3 v min to max v cc ?0.1 ? ? i oh = ?100 a 1.65 1.2 ? ? i oh = ?4 ma 2.3 1.9 ? ? i oh = ?8 ma 2.4 ? ? i oh = ?16 ma 3.0 2.3 ? ? i oh = ?24 ma v oh 4.5 3.8 ? ? i oh = ?32 ma min to max ? ? 0.1 i ol = 100 a 1.65 ? ? 0.45 i ol = 4 ma 2.3 ? ? 0.3 i ol = 8 ma ??0.4 i ol = 16 ma 3.0 ? ? 0.55 i ol = 24 ma output voltage v ol 4.5 ? ? 0.55 v i ol = 32 ma input current i in 0 to 5.5 ? ? 5 av in = 5.5 v or gnd i cc 1.65 to 5.5 ? ? 10 v in = v cc or gnd, i o = 0 quiescent supply current ? i cc 3 to 5.5 ? ? 500 a one input at v cc ?0.6 v, other input at v cc or gnd output leakage current i off 0 ??10 av in or v o = 0 to 5.5 v input capacitance c in 3.3 ? 3.5 ? pf v in = v cc or gnd note: for conditions shown as min or max, use the appr opriate values under recommended operating conditions. 2.3 ? ? i i oh min to max ? ? 0.1 i ol = 100 ? ? 0.45 i ol = 4 ma 2.3 ? ? 0.3 i ol = 8 ma ??0.4 i ? ? 0.55 i 4.5 ? ? 0.55 0 to 5.5 ? ? 5 1.65 to 5.5 ? ? 10 3 to 5.5 ? ? 500 0 ??10 input capacitance c in 3.3 ? 3.5 ? pf v note: for conditions shown as min or max, use the appr
HD74LVC3G04 rev.3.00 jul. 01, 2004 page 5 of 8 switching characteristics v cc = 1.8 0.15 v ta = ?40 to 85c item symbol min max unit test conditions from (input) to (output) propagation delay time t plh t phl 3.2 7.9 ns c l = 30 pf, r l = 1.0 k ? a y v cc = 2.5 0.2 v ta = ?40 to 85c item symbol min max unit test conditions from (input) to (output) propagation delay time t plh t phl 1.5 4.4 ns c l = 30 pf, r l = 500 ? a y v cc = 3.3 0.3 v ta = ?40 to 85c item symbol min max unit test conditions from (input) to (output) propagation delay time t plh t phl 1.4 4.1 ns c l = 50 pf, r l = 500 ? a y v cc = 5.0 0.5 v ta = ?40 to 85c item symbol min max unit test conditions from (input) to (output) propagation delay time t plh t phl 1.1 3.2 ns c l = 50 pf, r l = 500 ? a y operating characteristics ta = 25c item symbol v cc (v) min typ max unit test conditions 1.8 ? 16 ? 2.5 ? 16 ? 3.3 ? 16 ? power dissipation capacitance c pd 5.0 ? 18 ? pf f = 10 mhz test circuit l note: c includes probe and jig capacitance. c l measurement point r l * from output unit test conditions c l = 50 pf, r l = 500 ? ta = ?40 to 85c min max unit test conditions 1.1 3.2 ns c l = 50 pf, r l = 500 ta = 25c symbol v cc (v) min typ max 1.8 ? 16 ? 2.5 ? 16 ? 3.3 ? 16 ? power dissipation capacitance c power dissipation capacitance c pd 5.0 ? 18 ?
HD74LVC3G04 rev.3.00 jul. 01, 2004 page 6 of 8 90% 10% t phl t plh v cc gnd v oh v ol t r t f 90% v ref v ref v ref v ref 10% 1.80.15 2.50.2 3.30.3 5.00.5 v i c l r l v cc v cc / 2 v cc / 2 v cc / 2 vref v cc (v) 2 ns 2 ns 2.5 ns 2.5 ns v cc v cc 3 v 30 pf 1.0 k ? 500 ? 500 ? 500 ? 30 pf 50 pf 50 pf 1.5 v inputs t r / t f ? waveforms input output notes: 1. input waveform: prr 10 mhz, zo = 50 ?. 2. the output are measured one at a time with one transition per measurement. plh c l r l v cc / 2 v cc / 2 v cc / 2 vref 2 ns 2 ns 2.5 ns 2.5 ns v cc 3 v 30 pf 1.0 k ? 500 30 pf 50 pf 50 pf 1.5 v notes: 1. input waveform: prr 10 mhz, zo = 50 2. the output are measured one at a time with one transition per measurement.
HD74LVC3G04 rev.3.00 jul. 01, 2004 page 7 of 8 package dimensions tbs-8v eiaj package code jedec code mass (g) lead material 0.0014 ?? ? symbol dimension in millimeters min typ max a 0.50 0.15 0.35 0.05 0.05 0.20 0.19 0.90 1.90 0.50 0.20 0.20 0.15 0.17 0.10 a 1 a 2 b d e e x y 1 y zd ze e e zd ze c d b a 12 a d c b e a1 a2 a pin #1 index area seating plane 8 b c x m a b y c c x m y 1 // c symbol b c x m a b c x m
HD74LVC3G04 rev.3.00 jul. 01, 2004 page 8 of 8 tbs-8av eiaj package code jedec code mass (g) lead material 0.0015 ?? ? symbol dimension in millimeters min nom max a 0.50 0.185 (0.315)* 0.05 0.05 0.20 0.25 0.90 1.90 0.50 0.20 0.20 0.20 0.155 a 1 a 2 b d e e x y 1 y zd ze e e zd ze c d b a 12 a d c b e a1 a2 a pin #1 index area seating plane 8 b c x m a b y c c x m y 1 // c *reference value. a b c
keep safety first in your circuit designs! 1. renesas technology corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials 1. these materials are intended as a reference to assist our customers in the selection of the renesas technology corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to renesas technology corp. or a third party. 2. renesas technology corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by renesas technology corp. without notice due to product improvements or other reasons. it is therefore recommended that customers contact renesas technology corp. or an authorized renesas technology corp. product distributor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. renesas technology corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. please also pay attention to information published by renesas technology corp. by various means, including the renesas technology corp. semiconductor home page (http://www.renesas.com). 4. when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. renesas technology corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. renesas technology corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. please contact renesas technology corp. or an authorized renesas technology corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. the prior written approval of renesas technology corp. is necessary to reprint or reproduce in whole or in part these materials. 7. if these products or technologies are subject to the japanese export control restrictions, they must be exported under a license from the japanese government and cannot be imported into a country other than the approved destination. any diversion or reexport contrary to the export control laws and regulations of japan and/or the country of destination is prohibited. 8. please contact renesas technology corp. for further details on these materials or the products contained therein. sales strategic planning div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan http://www.renesas.com renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500 fax: <1> (408) 382-7501 renesas technology europe limited. dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, united kingdom tel: <44> (1628) 585 100, fax: <44> (1628) 585 900 renesas technology europe gmbh dornacher str. 3, d-85622 feldkirchen, germany tel: <49> (89) 380 70 0, fax: <49> (89) 929 30 11 renesas technology hong kong ltd. 7/f., north tower, world finance centre, harbour city, canton road, hong kong tel: <852> 2265-6688, fax: <852> 2375-6836 renesas technology taiwan co., ltd. fl 10, #99, fu-hsing n. rd., taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 2713-2999 renesas technology (shanghai) co., ltd. 26/f., ruijin building, no.205 maoming road (s), shanghai 200020, china tel: <86> (21) 6472-1001, fax: <86> (21) 6415-2952 renesas technology singapore pte. ltd. 1, harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas sales offices ? 2004. renesas technology corp., all rights reserved. printed in japan. colophon .1.0 1. these materials are intended as a reference to assist our customers in the selection of the renesas technology corp. product application; they do not convey any license under any intellectual property rights, or any other rights, belonging to renesas t 2. renesas technology corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating 3. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents i publication of these materials, and are subject to change by renesas technology corp. without notice due to product improvement therefore recommended that customers contact renesas technology corp. or an authorized renesas technology corp. product distrib renesas technology corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies o r errors. please also pay attention to information published by renesas technology corp. by various means, including the renesas techn ology corp. semiconductor 4. when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, a nd algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. renesas technology corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. renesas technology corp. semiconductors are not designed or manufactured for use in a device or system that is used under ci is potentially at stake. please contact renesas technology corp. or an authorized renesas technology corp. product distributor product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerosp 6. the prior written approval of renesas technology corp. is necessary to reprint or reproduce in whole or in part these materi 7. if these products or technologies are subject to the japanese export control restrictions, they must be exported under a lic cannot be imported into a country other than the approved destination. any diversion or reexport contrary to the export control laws and regulations of japan and/or the country of destination is 8. please contact renesas technology corp. for further details on these materials or the products contained therein. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500 fax: <1> (408) 382-7501 renesas technology europe limited. dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, united kingdom tel: <44> (1628) 585 100, fax: <44> (1628) 585 900 renesas technology europe gmbh dornacher str. 3, d-85622 feldkirchen, germany tel: <49> (89) 380 70 0, fax: <49> (89) 929 30 11 hong kong ltd. 7/f., north tower, world finance centre, harbour city, canton road, hong kong tel: <852> 2265-6688, fax: <852> 2375-6836


▲Up To Search▲   

 
Price & Availability of HD74LVC3G04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X