Part Number Hot Search : 
N120C ST7MDT2 MHW5185B 1N4620 F5144 1N4678 C1321 SC284
Product Description
Full Text Search
 

To Download FDS6630ANL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fds6630a fds6630a rev. c1 fds6630a n-channel logic level powertrench tm mosfet general description this n-channel logic level mosfet is produced using fairchild semiconductor's advanced powertrench process that has been especially tailored to minimize on-state resistance and yet maintain superior switching performance. these devices are well suited for low voltage and battery powered applications where low in-line power loss and fast switching are required. applications ? dc/dc converter ? load switch ? motor drives april 1999 features ? 6.5 a, 30 v. r ds(on) = 0.038 w @ v gs = 10 v r ds(on) = 0.053 w @ v gs = 4.5 v ? low gate charge (5nc typical). ? fast switching speed. ? high performance trench technology for extremely low r ds(on) . ? high power and current handling capability. ? 1999 fairchild semiconductor corporation absolute maximum ratings t a = 25c unless otherwise noted symbol parameter ratings units v dss drain-source voltage 30 v v gss gate-source voltage 20 v i d drain current - continuous (note 1a) 6.5 a - pulsed 40 p d power dissipation for single operation (note 1a) 2.5 w (note 1b) 1.2 (note 1c) 1 t j , t stg operating and storage junction temperature range -55 to +150 c thermal characteristics r q ja thermal resistance, junction-to-ambient (note 1a) 50 c/w r q jc thermal resistance, junction-to-case (note 1) 25 c/w package outlines and ordering information device marking device reel size tape width quantity fds6630a fds6630a 13 12mm 2500 units s d s s so-8 d d d g pin 1 6 7 8 5 3 2 1 4
fds6630a fds6630a rev. c1 electrical characteristics t a = 25c unless otherwise noted s y mbol parameter test conditions min t yp max units off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 m a30 v d bv dss d t j breakdown voltage temperature coefficient i d = 250 m a, referenced to 25 c24mv/ c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 1 m a i gssf gate-body leakage current, forward v gs = 20 v, v ds = 0 v 100 na i gssr gate-body leakage current, reverse v gs = -20 v, v ds = 0 v -100 na on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = 250 m a11.73v d v gs(th) d t j gate threshold voltage temperature coefficient i d = 250 m a, referenced to 25 c-4mv/ c r ds(on) static drain-source on-resistance v gs = 10 v, i d = 6.5 a v gs = 10 v, i d = 6.5 a, t j =125 c v gs = 4.5 v, i d = 5.5 a 0.028 0.044 0.040 0.038 0.060 0.053 w i d(on) on-state drain current v gs = 10 v, v ds = 5 v 20 a g fs forward transconductance v ds = 5 v, i d = 6.5 a 13 s dynamic characteristics c iss input capacitance 460 pf c oss output capacitance 115 pf c rss reverse transfer capacitance v ds = 15 v, v gs = 0 v, f = 1.0 mhz 45 pf switching characteristics (note 2) t d(on) turn-on delay time 5 11 ns t r turn-on rise time 8 17 ns t d(off) turn-off delay time 17 28 ns t f turn-off fall time v dd = 15 v, i d = 1 a, v gs = 10 v, r gen = 6 w 13 24 ns q g total gate charge 5 7 nc q gs gate-source charge 2 nc q gd gate-drain charge v ds = 5 v, i d = 6.5 a, v gs = 5 v 0.9 nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current 2.1 a v sd drain-source diode forward voltage v gs = 0 v, i s = 2.1 a (note 2) 0.8 1.2 v notes: 1: r q ja is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mou nting surface of the drain pins. r q jc is guaranteed by design while r q ca is determined by the user's board design. scale 1 : 1 on letter size paper 2: pulse test: pulse width 300 m s, duty cycle 2.0% a) 50 c/w when mounted on a 1 in 2 pad of 2 oz. copper. b) 105 c/w when mounted on a 0.04 in 2 pad of 2 oz. copper. c) 125 c/w on a 0.006 in 2 pad of 2 oz. copper.
fds6630a fds6630a rev. c1 typical characteristics figure 1. on-region characteristics. figure 2. on-resistance variation with drain current and gate voltage. 012345 0 5 10 15 20 25 30 35 40 v , drain-source voltage (v) i , drain-source current (a) v =10v gs 3.5v 3.0v 2.5v 6.0v 4.5v ds d 4.0v 5.0v 010203040 0.8 1 1.2 1.4 1.6 1.8 2 2.2 i , drain current (a) drain-so urce on-resistance v = 3.5v gs 7. 0v 6. 0v 4. 5v d 10v 4. 0v r , nor m aliz ed ds (o n) 5. 0v -50 -25 0 25 50 75 100 125 150 0.6 0.8 1 1.2 1.4 1.6 t , junction temperature (c) drain-source on-resistance j v = 10 v gs i = 6.5 a d r , normalized ds(on) 246810 0 0.02 0.04 0.06 0.08 0.1 0.12 v , gate to source voltage (v) gs r , on-resistance (ohm) ds(on) t = 25c a i = 3.3 a d t = 125c a 123456 0 5 10 15 20 25 30 v , gate to source voltage (v) i , drain current (a) 25c 125c v = 5v ds d t = -55c a gs 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0.0001 0.001 0.01 0.1 1 10 40 v , body diode forward voltage (v) i , reverse drain current (a) t = 125c a 25c -55c v = 0v gs sd s figure 5. transfer characteristics. figure 6. body diode forward voltage variation with source current and temperature. figure 3. on-resistance variation with temperature. figure 4. on-resistance variation with gate-to-source voltage.
fds6630a fds6630a rev. c1 typical characteristics (continued) 0.1 0.2 0.5 1 2 5 10 30 50 100 200 500 1000 v , drain to source voltage (v) capacitance (pf) ds c iss f = 1 mhz v = 0 v gs c oss c rss figure 7. gate-charge characteristics. figure 8. capacitance characteristics. figure 9. maximum safe operating area. figure 10. single pulse maximum power dissipation. figure 11. transient thermal response curve. thermal characterization performed using the conditions described in note 1c. transient themal response will change depending on the circuit board design. 0246810 0 2 4 6 8 10 q , ga te charge (nc) v , g ate - sou r c e v ol tag e (v ) g gs i = 6.5a d v = 5 v ds 10 v 15 v 0.1 0.3 1 3 10 30 50 0.01 0.1 1 10 100 v , drain-source voltage (v) i , drain current (a) ds d rds(on) limit v = 1 0v sin gl e pu lse r =125c/w t = 25c gs a q ja dc 1s 10ms 10 0ms 10s 1ms 10 0us 0.0001 0. 001 0.01 0.1 1 10 100 300 0. 001 0. 002 0. 005 0. 0 1 0. 0 2 0. 0 5 0.1 0.2 0.5 1 t , ti me (s e c) tr ansi ent t h er mal resistanc e r(t), norm alized effective 1 s i n g l e p u l s e d = 0. 5 0. 1 0. 05 0. 02 0. 0 1 0.2 d u t y c y c l e, d = t /t 1 2 r (t) = r(t) * r r = 125c / w q ja q ja q ja t - t = p * r (t ) q ja a j p(p k ) t 1 t 2 0 10 20 30 40 50 0.001 0.01 0.1 1 10 100 1000 single pulse time (sec) power (w) single pulse r q ja = 125 o c/w t a = 25 o c
trademarks acex? coolfet? crossvolt? e 2 cmos tm fact? fact quiet series? fast ? fastr? gto? hisec? the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. syncfet? tinylogic? uhc? vcx? isoplanar? microwire? pop? powertrench qfet? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 ? rev. d


▲Up To Search▲   

 
Price & Availability of FDS6630ANL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X