Part Number Hot Search : 
6292BCRZ TB0400A P6KE250A UFS160G TB0400A TIP122TU A2755 S24C0
Product Description
Full Text Search
 

To Download DMR14A4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  published date : mar 05,2008 drawing no : sdsa2309 v4 checked : shin c hi p.1/4 part number: DMR14A4 14.22mm (0.56?) four digit numeric display www.sunled.com features 0.56 inch digit height. low current operation. excellent character appearance. easy mounting on p.c. boards or sockets. i.c. compatible. mechanically rugged. standard :gray face, white segment. rohs compliant. notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3.specifications are subject to change without notice. part number emitting color emitting material luminous intensity (if=10ma) ucd wavelength nm p description min. typ. DMR14A4 red gaalas 12000 44990 660 common anode, rt. hand decimal absolute maximum ratings (ta=25c ) mr (gaalas) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 155 ma power dissipation p t 75 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3 ?5 seconds mr (gaalas) unit forward voltage (typ.) (i f =10ma) v f 1.8 v forward voltage (max.) (i f =10ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission (typ.) (i f =10ma) p 660 nm wavelength of dominant emission (typ.) (i f =10ma) d 640 nm spectral line full width at half-maximum (typ.) (i f =10ma) ? 20 nm capacitance (typ.) (v f =0v, f=1mhz) c 45 pf operating characteristics (t a =25c )
published date : mar 05,2008 drawing no : sdsa2309 v4 checked : shin c hi p.2/4 part number: DMR14A4 14.22mm (0.56?) four digit numeric display www.sunled.com ? mr
published date : mar 05,2008 drawing no : sdsa2309 v4 checked : shin c hi p.3/4 part number: DMR14A4 14.22mm (0.56?) four digit numeric display www.sunled.com remarks: if special sorting is required (e.g. binn ing based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity/ luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
published date : mar 05,2008 drawing no : sdsa2309 v4 checked : shin c hi p.4/4 part number: DMR14A4 14.22mm (0.56?) four digit numeric display www.sunled.com packing & label specifications DMR14A4


▲Up To Search▲   

 
Price & Availability of DMR14A4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X