Part Number Hot Search : 
1N1206C TC74VCX TC74VCX 1N1206C MC1747L MIC7201 PSD05 21002
Product Description
Full Text Search
 

To Download DMR14A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  published date : feb 29 , 2008 drawing no : sdsa0310 v5 checked : shin chi p.1/4 part number: DMR14A2 14.22mm (0.56?) dual digit numeric display www.sunled.com part number emitting color emitting material luminous intensity (if=10ma) ucd wavelength nm p description min. typ. DMR14A2 red gaalas 8000 27490 660 common anode, rt. hand decimal. features 0.56 inch digit height. low current operation. excellent character appearance. easy mounting on p.c. boards or sockets. two digit package simplifiesalignments & assembly. i.c. compatible. mechanically rugged. standard : gray face, white segment. rohs compliant. absolute maximum ratings (ta=25c ) mr (gaalas) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 155 ma power dissipation p t 75 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3 ?5seconds mr (gaalas) unit forward voltage (typ.) (i f =10ma) v f 1.8 v forward voltage (max.) (i f =10ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission (typ.) (i f =10ma) p 660 nm wavelength of dominant emission (typ.) (i f =10ma) d 640 nm spectral line full width at half-maximum (typ.) (i f =10ma) ? 20 nm capacitance (typ.) (v f =0v, f=1mhz) c 45 pf operating characteristics (t a =25c ) notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3.specifications are subjec t to change without notice .
published date : feb 29 , 2008 drawing no : sdsa0310 v5 checked : shin chi p.2/4 part number: DMR14A2 14.22mm (0.56?) dual digit numeric display www.sunled.com mr
published date : feb 29 , 2008 drawing no : sdsa0310 v5 checked : shin chi p.3/4 part number: DMR14A2 14.22mm (0.56?) dual digit numeric display www.sunled.com remarks: if special sorting is required (e.g. binn ing based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity/ luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
published date : feb 29 , 2008 drawing no : sdsa0310 v5 checked : shin chi p.4/4 part number: DMR14A2 14.22mm (0.56?) dual digit numeric display www.sunled.com packing & label specifications DMR14A2


▲Up To Search▲   

 
Price & Availability of DMR14A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X