Part Number Hot Search : 
PRESS 81600 AST14P1E P6KE62CA STK40 AMS4041A X9C503DM 7MDT1
Product Description
Full Text Search
 

To Download CTLDM7003T-M563D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CTLDM7003T-M563D surface mount dual, n-channel enhancement-mode silicon mosfets description: the central semiconductor ctldm7003t- m563d is a dual n-channel mosfet packaged in a space saving 1.6 x 1.6mm tlm? surface mount package. this device is a tlm? equivalent of the popular cmldm7003t, sot-563 device, featuring enhanced thermal characteristics, a package footprint compatible with standard sot-563 mounting pad geometries, and a height profile of only 0.4mm. marking code: cja tlm563d case maximum ratings: (t a =25c) symbol units drain-source voltage v ds 50 v drain-gate voltage v dg 50 v gate-source voltage v gs 12 v continuous drain current i d 280 ma maximum pulsed drain current i dm 1.5 a power dissipation (note 1) p d 350 mw operating and storage junction temperature t j, t stg -65 to +150 c thermal resistance (note 1) ja 357 c/w electrical characteristics per transistor: (t a =25c unless otherwise noted) symbol test conditions min typ max units i gssf, i gssr v gs =5.0v, v ds =0 50 na i gssf, i gssr v gs =10v, v ds =0 0.5 a i gssf, i gssr v gs =12v, v ds =0 1.0 a i dss v ds =50v, v gs =0 50 na bv dss v gs =0, i d =10a 50 v v gs(th) v ds =10v, i d =250a 0.75 1.2 v v sd v gs =0, i s =115ma 1.4 v r ds(on) v gs =1.8v, i d =50ma 1.6 2.3 r ds(on) v gs =2.5v, i d =50ma 1.3 1.9 r ds(on) v gs =5.0v, i d =50ma 1.1 1.5 g fs v ds =10v, i d =200ma 200 ms c rss v ds =25v, v gs =0, f=1.0mhz 5.0 pf c iss v ds =25v, v gs =0, f=1.0mhz 50 pf c oss v ds =25v, v gs =0, f=1.0mhz 25 pf features: ? esd protection up to 2kv ? dual mosfets ? low r ds(on) (1.6 typ @ v gs =1.8v) ? tlm563d with a package profile of 0.4mm, compatible with sot-563 mounting geometries applications: ? load power switches ? dc/dc converters ? battery powered devices including cell phones, pdas, digital cameras, mp3 players, etc. notes: (1) mounted on 2 inch square fr4 pcb with copper mounting pad area of 1.8mm 2 . r1 (17-february 2010) www.centralsemi.com ? device is halogen free by design
CTLDM7003T-M563D surface mount dual, n-channel enhancement-mode silicon mosfets tlm563d case - mechanical outline lead code: 1) gate q1 2) source q1 3) drain q2 4) gate q2 5) source q2 6) drain q1 marking code: cja pin configuration suggested mounting pads (dimensions in mm) www.centralsemi.com r1 (17-february 2010)


▲Up To Search▲   

 
Price & Availability of CTLDM7003T-M563D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X