Part Number Hot Search : 
HT46R23 D8749H MM1662K 30620 D8284A LT11151 1N58311 2409D
Product Description
Full Text Search
 

To Download AO660211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ao6602 30v complementary mosfet general description product summary n-channel p-channel v ds = 30v -30v i d = 3.5a (v gs =10v) -2.7a (v gs =-10v) r ds(on) r ds(on) < 50m (v gs =10v) < 100m (vg s =-10v) < 70m (v gs =4.5v) < 170m (vg s =-4.5v) symbol v ds v gs i dm t j , t stg symbol t 10s steady-state steady-state r q jl maximum junction-to-lead c/w c/w maximum junction-to-ambient a d 64 80 106 150 t a =25c parameter typ max 1.15 -55 to 150 maximum junction-to-ambient a thermal characteristics 20 t a =70c junction and storage temperature range power dissipation b p d pulsed drain current c continuous drain current c/w r q ja 78 -2.1 -15 units 110 w c a 0.73 3.5 3 0.73 20 -2.7 -30 1.15 the ao6602 uses advanced trench technology to provi de excellent r ds(on) and low gate charge. the complementary mosfets form a high-speed power inverter, suitable for a multitude of applications. v 20 drain-source voltage 30 v units parameter t a =25c t a =70c absolute maximum ratings t a =25c unless otherwise noted max n-channel max p-channel gate-source voltage i d g2 d2 s2 g1 d1 s1 n-channel p-channel tsop6 top view bottom view pin1 top view s2 s1 g2 g1 d2 d1 1 2 3 6 5 4 rev5: mar 2011 www.aosmd.com page 1 of 9
ao6602 symbol min typ max units bv dss 30 v v ds =30v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 1.5 2 2.5 v i d(on) 20 a 40 50 t j =125c 61 77 52 70 m w g fs 12 s v sd 0.79 1 v i s 1.5 a c iss 170 210 pf c oss 35 pf c rss 23 pf r g 1.7 3.5 5.3 w q g (10v) 4.05 5 nc q g (4.5v) 2 3 nc q gs 0.55 nc q gd 1 nc t d(on) 4.5 ns t r 1.5 ns t d(off) 18.5 ns t f 15.5 ns t rr 7.5 10 ns q rr 2.5 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery charge i f =3.5a, di/dt=100a/ m s turn-off fall time turn-on rise time turn-off delaytime v gs =10v, v ds =15v, r l =4.2 w , r gen =3 w v gs =0v, v ds =15v, f=1mhz switching parameters gate resistance v gs =0v, v ds =0v, f=1mhz reverse transfer capacitance dynamic parameters total gate charge v gs =10v, v ds =15v, i d =3.5a gate source charge gate drain charge total gate charge i f =3.5a, di/dt=100a/ m s gate-body leakage current m w i s =1a,v gs =0v v ds =5v, i d =3.5a v gs =4.5v, i d =2a forward transconductance diode forward voltage v ds =0v, v gs = 20v v ds =v gs i d =250 m a i d =250 m a, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =3.5a body diode reverse recovery time drain-source breakdown voltage on state drain current i dss r ds(on) static drain-source on-resistance maximum body-diode continuous current input capacitance output capacitance turn-on delaytime zero gate voltage drain current n-channel electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions m a a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. the value in any given application depends on the user's spec ific board design. b. the power dissipation p d is based on t j(max) =150c, using
ao6602 n-channel: typical electrical and thermal characteristics 17 52 10 0 18 40 0 2 4 6 8 10 0.5 1 1.5 2 2.5 3 3.5 4 4.5 v gs (volts) figure 2: transfer characteristics (note e) i d (a) 30 40 50 60 70 0 2 4 6 8 10 i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) r ds(on) (m w ww w ) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v sd (volts) figure 6: body-diode characteristics (note e) i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature (note e) normalized on-resistance v gs =4.5v i d =2a v gs =10v i d =3.5a 20 40 60 80 100 120 2 4 6 8 10 v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) r ds(on) (m w ww w ) 25c 125c v ds =5v v gs =4.5v v gs =10v i d =3.5a 25c 125c 0 3 6 9 12 15 0 1 2 3 4 5 v ds (volts) fig 1: on-region characteristics (note e) i d (a) v gs =3v 3.5v 10v 4v 4.5v 7v rev 5: mar 2011 www.aosmd.com page 3 of 9
ao6602 n-channel: typical electrical and thermal characteristics 0 2 4 6 8 10 0 1 2 3 4 5 q g (nc) figure 7: gate-charge characteristics v gs (volts) 0 50 100 150 200 250 300 0 5 10 15 20 25 30 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss v ds =15v i d =3.5a 1 10 100 1000 0.00001 0.001 0.1 10 1000 pulse width (s) figure 10: single pulse power rating junction-to-ambient (note f) power (w) t a =25c 0.0 0.1 1.0 10.0 100.0 0.01 0.1 1 10 100 v ds (volts) i d (amps) figure 9: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150c t a =25c 100 m s 10ms 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) z q qq q ja normalized transient thermal resistance in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja r q ja =150c/w t on t p d single pulse rev 5: mar 2011 www.aosmd.com page 4 of 9
ao6602 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr rev 5: mar 2011 www.aosmd.com page 5 of 9
ao6602 symbol min typ max units bv dss -30 v v ds =-30v, v gs =0v -1 t j =55c -5 i gss 100 na v gs(th) gate threshold voltage -1.4 -1.9 -2.4 v i d(on) -15 a 82 100 t j =125c 115 140 130 170 m w g fs 5.5 s v sd -0.8 -1 v i s -1.5 a c iss 197 240 pf c oss 42 pf c rss 26 37 pf r g 3.5 7.2 11.0 w q g (10v) 4.3 5.2 nc q g (4.5v) 2.2 3 nc q gs 0.7 nc q gd 1.1 nc t d(on) 7.5 ns t r 4.1 ns t d(off) 11.8 ns t f 3.8 ns t rr 11.3 14 ns q rr 4.4 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. maximum body-diode continuous current input capacitance output capacitance switching parameters p-channel electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions r ds(on) i dss m a m w v gs =-4.5v, i d =-2a gate resistance v ds =v gs i d =-250 m a v ds =0v, v gs = 20v zero gate voltage drain current gate-body leakage current i s =-1a,v gs =0v v ds =-5v, i d =-2.7a v gs =0v, v ds =-15v, f=1mhz forward transconductance v gs =10v, v ds =-15v, i d =2.7a gate source charge body diode reverse recovery time drain-source breakdown voltage on state drain current i d =-250 m a, v gs =0v v gs =-10v, v ds =-5v v gs =-10v, i d =-2.7a static drain-source on-resistance diode forward voltage turn-on delaytime dynamic parameters turn-on rise time v gs =10v, v ds =-15v, r l =5.55 w , r gen =3 w gate drain charge total gate charge reverse transfer capacitance v gs =0v, v ds =0v, f=1mhz turn-off fall time total gate charge body diode reverse recovery charge i f =-2.7a, di/dt=100a/ m s turn-off delaytime i f =-2.7a, di/dt=100a/ m s a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. the value in any given application depends on the user's spec ific board design. b. the power dissipation p d is based on t j(max) =150c, using
ao6602 p-channel: typical electrical and thermal characteristics 17 52 10 0 18 40 0 2 4 6 8 10 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 -v gs (volts) figure 2: transfer characteristics (note e) -i d (a) 60 80 100 120 140 160 180 200 0 2 4 6 8 10 -i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) r ds(on) (m w ww w ) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -v sd (volts) figure 6: body-diode characteristics (note e) -i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature (note e) normalized on-resistance v gs =-4.5v i d =-2a v gs =-10v i d =-2.7a 60 100 140 180 220 260 300 2 4 6 8 10 -v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) r ds(on) (m w ww w ) 25c 125c v ds =-5v v gs =-4.5v v gs =-10v i d =-2.7a 25c 125c 0 3 6 9 12 15 0 1 2 3 4 5 -v ds (volts) fig 1: on-region characteristics (note e) -i d (a) v gs =-3.5v -4v -10v -4.5v -5v -8v -6v rev 5: mar 2011 www.aosmd.com page 7 of 9
ao6602 p-channel: typical electrical and thermal characteristics 0 2 4 6 8 10 0 1 2 3 4 5 q g (nc) figure 7: gate-charge characteristics -v gs (volts) 0 50 100 150 200 250 300 0 5 10 15 20 25 30 -v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss v ds =-15v i d =-2.7a 1 10 100 1000 0.00001 0.001 0.1 10 1000 pulse width (s) figure 10: single pulse power rating junction-to-ambient (note f) power (w) t a =25c 0.0 0.1 1.0 10.0 100.0 0.01 0.1 1 10 100 -v ds (volts) -i d (amps) figure 9: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150c t a =25c 100 m s 10ms 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) z q qq q ja normalized transient thermal resistance in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja r q ja =150c/w t on t p d single pulse rev 5: mar 2011 www.aosmd.com page 8 of 9
ao6602 vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v vdd vgs id vgs rg dut vdc vgs vds id vgs unclamped inductive switching (uis) test circuit & waveforms vds l - + 2 e = 1/2 li ar ar bv dss i ar ig vgs - + vdc dut l vgs isd diode recovery test circuit & waveforms vds - vds + di/dt rm rr vdd vdd q = - idt t rr -isd -vds f -i -i vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds t t t t t t 90% 10% r on d(off) f off d(on) rev 5: mar 2011 www.aosmd.com page 9 of 9


▲Up To Search▲   

 
Price & Availability of AO660211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X