Part Number Hot Search : 
CHV37H36 PP2380 CHV37H12 BAV73 CHV37H16 CHV37H56 CHV37H48 CHV37H44
Product Description
Full Text Search
 

To Download AO4447A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol v ds v gs i dm t j , t stg parameter symbol typ max t 10s 31 40 steady state 59 75 steady state r q jl 16 24 pulsed drain current c continuous drain current maximum -17 -13 20 power dissipation b t a =25c junction and storage temperature range t a =70c units parameter t a =25c t a =70c vv i d gate-source voltage drain-source voltage -30 absolute maximum ratings t j =25c unless otherwise noted p d maximum junction-to-lead c/w units maximum junction-to-ambient a c/w maximum junction-to-ambient ad w c/w r q ja c -55 to 150 2.0 -160 a 3.1 AO4447A 30v p-channel mosfet product summary v ds (v) = -30v i d = -17a (v gs = -10v) r ds(on) < 7m (v gs = -10v) r ds(on) < 8m (v gs = -4.5v) r ds(on) < 9m (v gs = -4v) esd protected 100% uis tested 100% rg tested general description the AO4447A uses advanced trench technology to provide excellent r ds(on) with low gate charge.this device is ideal for load switch and battery protect ion applications. g ds rg soic-8 top view bottom view d d d d s s s g alpha & omega semiconductor, ltd. www.aosmd.com
AO4447A symbol min typ max units bv dss -30 v -1 t j = 55c -5 i gss 10 m a v gs(th) -0.8 -1.3 -1.6 v i d(on) -160 a 5.5 7 t j =125c 7 8.5 6.5 8 6.9 9 g fs 70 s v sd -0.62 -1 v i s -3 a c iss 4580 5500 pf c oss 755 pf c rss 564 pf r g 160 210 w q g (-10v) 87 105 nc q g (-4.5v) 41 nc q gs 12.8 nc q gd 17 nc t d(on) 180 ns t r 260 ns t d(off) 1.2 m s t f 9.7 m s t rr 32 40 ns q rr 77 nc #ref! components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. i d =-250 m a, v gs = 0v v gs =-10v, v ds =-5v v ds =-30v, v gs = 0v v ds = 0v, v gs =16v v ds =v gs i d =-250 m a body diode reverse recovery time body diode reverse recovery charge i f =-17a, di/dt=300a/ m s v gs =-10v, i d =-17a reverse transfer capacitance i f =-17a, di/dt=300a/ m s diode forward voltage v gs =-4.5v, i d =-15a total gate charge electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i dss drain-source breakdown voltage turn-off delaytime v gs =-10v, v ds =-15v r l =-0.9 w , r gen =3 w turn-off fall time turn-on delaytime turn-on rise time gate source charge gate drain charge maximum body-diode continuous current total gate charge v gs =-10v, v ds =-15v, i d =-17a output capacitance i s =-1a,v gs = 0v gate resistance switching parameters dynamic parameters m w v gs =-4v, i d =-13a static drain-source on-resistance m a on state drain current zero gate voltage drain current gate-body leakage current gate threshold voltage r ds(on) v gs =0v, v ds =0v, f=1mhz v gs =0v, v ds =-15v, f=1mhz input capacitance v ds =-5v, i d =-17a forward transconductance a: the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. the value in any given application depends on the user' s specific board design. b. the power dissipation p d is based on t j(max) =150c, using 10s junction-to-ambient thermal resistance. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =150c. ratings are based on low frequency and duty cycles to keep initial t j =25c. d. the r q ja is the sum of the thermal impedence from junction to lead r q jl and lead to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-ambien t thermal impedence which is measured with the devi ce mounted on 1in 2 fr-4 board with 2oz. copper, assuming a maximum junction temperatur e of t j(max) =150c. the soa curve provides a single pulse ratin g. rev 1: nov. 2010 alpha & omega semiconductor, ltd. www.aosmd.com
AO4447A typical electrical and thermal characteristics i f =-6.5a, di/dt=100a/ m s this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. 0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 -v ds (volts) figure 1: on-region characteristics(note e) -i d (a) -3.5v -4v -10v -3v -4.5v 0 20 40 60 80 100 0 1 2 3 4 -v gs (volts) figure 2: transfer characteristics(note e) -i d (a) 25c 125c v ds =-5v 2 4 6 8 10 0 5 10 15 20 25 30 -i d (a) figure 3: on-resistance vs. drain current and gate voltage(note e) r ds(on) (m w ww w ) v gs =-10v v gs =-4.5v v gs =-4v 1e-05 1e-04 1e-03 1e-02 1e-01 1e+00 1e+01 1e+02 0.0 0.2 0.4 0.6 0.8 1.0 -v sd (volts) figure 6: body-diode characteristics(note e) i s (a) 25c 125c 0.8 1.0 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 temperature (c) figure 4: on-resistance vs. junction temperature(note e) normalized on-resistance 0 4 8 12 16 20 2 4 6 8 10 -v gs (volts) figure 5: on-resistance vs. gate-source voltage(note e) r ds(on) (m w ww w ) i d = -17a 25c 125c v gs = -2.5v v gs = -10v i d = -17a v gs = -4.5v i d = -15a alpha & omega semiconductor, ltd. www.aosmd.com
AO4447A typical electrical and thermal characteristics i f =-6.5a, di/dt=100a/ m s this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. 0 2 4 6 8 10 0 20 40 60 80 100 q g (nc) figure 7: gate-charge characteristics -v gs (volts) 0 1000 2000 3000 4000 5000 6000 7000 0 5 10 15 20 25 30 -v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss 0 10 20 30 40 0.001 0.1 10 1000 pulse width (s) figure 10: single pulse power rating junction-to- ambient (note f) power (w) 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal imp edance(note f) z q qq q ja normalized transient thermal resistance 0.01 0.1 1 10 100 1000 0.01 0.1 1 10 100 -v ds (volts) -i d (amps) figure 9: maximum forward biased safe operating area (note f) r ds(on) limited t j(max) =150c t a =25c 100 m s 10ms 1ms 100ms 10s 10 m s dc v ds =-15v i d = -17a single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja r q ja =75c/w t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150c t a =25c alpha & omega semiconductor, ltd. www.aosmd.com
AO4447A vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v ig vgs - + vdc dut l vgs isd diode recovery test circuit & waveforms vds - vds + di/dt rm rr vdd vdd q = - idt t rr -isd -vds f -i -i vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds t t t t t t 90% 10% r on d(off) f off d(on) alpha & omega semiconductor, ltd. www.aosmd.com


▲Up To Search▲   

 
Price & Availability of AO4447A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X