Part Number Hot Search : 
2SA15 5N500 AS2702 EMK12 416AC27E 1N5228 XF0852P 2SC3356
Product Description
Full Text Search
 

To Download AMEPR5-0670AZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am epr5 -az up to 1a | a c - dc / dc- dc led driver www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 052.1e r3 .e 1 of 3 north america only features: models single output model max outpu t power (w) output voltage range (v) output current (a) input voltage (vac/hz) input voltage (vdc) efficiency (%) amepr 5 - 1630 az 4. 8 8 - 16 0. 3 90 - 2 64 /47 - 440 120 - 3 7 0 7 5 amepr 5 - 1 4 3 5 az 4.9 6 - 1 4 0. 3 5 90 - 2 64 / 47 - 440 120 - 3 7 0 7 4 amepr5 - 1 2 3 6 az 4.32 5 - 1 2 0.3 6 90 - 2 64 /47 - 440 1 20 - 3 7 0 7 4 amepr5 - 0670az 4.2 2 - 6 0.7 90 - 2 64 /47 - 440 120 - 3 7 0 73 amepr5 - 05100az 5 3 - 5 1 90 - 2 64 /47 - 440 120 - 3 7 0 72 exceeding the maximum output power will permanently damage the converter note: all specifications in this datasheet are measured at an ambien t temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. i nput specifications parameters conditions typical maximum units inrush current <2ms 115vac 15 a 230vac 30 leakage current 115vac 0. 2 ma 230vac 0. 25 ac current 115vac 0.09 a 230vac 0.06 external fuse 250v/ 0.5 a start up time 150 ms output specifications parameters conditions typical maximum units current accuracy 5 % line regulation ll - hl 5 % load regulation 0 - 10 0% load 10 % ripple & noise 20mhz bandwidth 100 mv p - p hold - up time 7 m s minimum load voltage see the models table tested with 0.1f (m/c) or (c/c) and 220f (e/c) parallel capacitors at the end. isolation specifications parameters condit ions typical maximum units tested i/o voltage 3sec 3000 v ac isolation resistance >1000 m general specifications parameters conditions typical maximum units switching frequency 65 khz over load protection 110 % over voltage protection 110 % short circuit protection continuous short circuit restart auto recovery ? ac - dc or dc - dc constant current led driver ? scp, over load protection ? input range 90 - 264 vac /47 - 440hz ? waterproof case rated ip67 ? high efficiency up to 7 5 % ? operating temperature 0 to 80c
series am epr5 -az up to 1a | a c - dc / dc- dc led driver www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 052.1e r3 .e 2 of 3 north america only general specifications (continued) parameters conditions typical maximum units operating temperature with derating over 55c 0 to +80 o c maximum case temperature 100 o c stora ge temperature - 40 to +95 o c temperature coefficient 0.02 % / o c cooling free air convection humidity 95 % rh case material plastic potting epoxy (ip67 rated) wires ul1015 22 awg * 10cm weight 22 g dimensions (l x diameter ) 29 x 2 6.5 mm (1.14 x1.04 inch) mtbf >400,000 hrs (mil - hdbk - 217f at +25c) environment approval test parameters conditions shock wave form half sine wave acceleration amplitude 5gn bump duration 30ms converter operation before and after test, body mounted (on cha ssis) number of bumps 18 (3 in each direction for every axis) vibration test mode sweep sine, 10 - 100hz, speed 0.05hz/s displacement 1 mm acceleration 3g, 3 loops 30min one cycle, 3h total, every axis tested converter operation before and after tes t, body mounted (on chassis) safety specifications parameters agency approvals culus, ce, fcc standards en61347 - 1, en61347 - 2 - 13 , iec62384 , ul8750, ul60950 - 1, en55015 , en55024 standards radiated and conducted emission fcc part 15 subpart b, class b, a nsi c63.4 :2003 emi - conducted and radiated emission en 5502 2 harmonic current emissions iec/en 61000 - 3 - 2, (en60555 - 2) voltage fluctuations and flicker iec/en 61000 - 3 - 3, (en60555 - 3) electrostatic discharge immunity iec 61000 - 4 - 2 rf, electromagne tic field immunity iec 61000 - 4 - 3 electrical fast transient/burst immunity iec 61000 - 4 - 4 surge immunity iec 61000 - 4 - 5 rf, conducted disturbance immunity iec 61000 - 4 - 6 power frequency magnetic field immunity iec 61000 - 4 - 8 voltage dips, short interr uptions immunity iec 61000 - 4 - 11
series am epr5 -az up to 1a | a c - dc / dc- dc led driver www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 052.1e r3 .e 3 of 3 north america only dimensions temperature graph - 20 0 20 40 60 80 100 100 80 60 40 20 0 55 o c safe operating area free air convection ambient temperature o c output power % note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice . once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufa ctured. 3. mechanical drawings and specifications are for reference only. 4 . all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. .aimtec may not hav e conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 5. this produ ct is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control system s or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet.


▲Up To Search▲   

 
Price & Availability of AMEPR5-0670AZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X