Part Number Hot Search : 
UU9LF06 SMS24T1 DG333ADJ 1582T8C1 GS18U18 13600 CLL914 4S15W
Product Description
Full Text Search
 

To Download ADP3088 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. a a information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781/329-4700 www.analog.com fax: 781/326-8703 ? analog devices, inc., 2002 ADP3088 1 mhz, 750 ma buck regulator features 1 mhz pwm frequency automatic pwm to power saving mode at light load fully integrated 1 a power switch 3% output regulation accuracy over temperature, line, and load 100% duty cycle operation simple compensation output voltage: 1.25 v to 10.5 v small inductor and mlc capacitors low quiescent current while pulse skipping thermal shutdown fully integrated soft start cycle-by-cycle current limit applications pdas and palmtop computers notebook computers pcmcia cards bus products portable instruments functional block diagram sw fb comp gnd in drv current sense amp pwm comparator ref 1.245v error amp g m soft start timer + r sq run/stop comparators 1mhz protection logic (ilim, ot) in gnd ADP3088 general description the ADP3088 is a high frequency, nonsynchronous pwm step- down dc-to-dc regulator with an integrated 1 a power switch in a space-saving msop-8 package. it provides high efficiency, excellent dynamic response and is very simple to use. the ADP3088 s 1 mhz switching frequency allows for small, inexpensive external components, and the current mode control loop is simple to compensate and eases noise filtering. it oper ates in pwm current mode under heavy loads and saves energy at lighter loads by switching automatically into power saving mode. soft start is integrated completely on-chip, as is the cycle-by- cycle current limit. capable of operating from 2.5 v to 11 v input, the ADP3088 is ideal for many applications, including portable, battery-pow ered applica tions where local point-of-use power regulation is required. supporting output voltages down to 1.25 v, the ADP3088 is ideal for generating low voltage rails, providing the optimal solution in its class for delivering power efficiently, responsively, and simply with a minimal printed circuit board area. the device is specified over the industrial temperature range of C 40 c to +85 c. sw drv fb in gnd comp ADP3088 v out 1.8v 3.3 h 10.0k 22.4k 20k 4.7pf 1n5817 in gnd 10 f 0.1 f 220pf v in 3.3v 10 f figure 1. typical application
rev. a ? ADP3088?pecifications 1 parameter symbol conditions min typ max unit supply input voltage range v in drv = gnd 2.5 11 v quiescent current operating i q v in = 10 v, i l = 500 ma, 6 ma drv = gnd quiescent current operating i q no load 150 250 a shutdown i sd v comp = 0 v 15 40 a ground current i gnd 2 normal operation v in = 11 v, i l = 500 ma, 2.5 3.6 ma drv = 2 v thermal shutdown threshold t sd 160 c oscillator oscillator frequency f sw 0.75 1 1.25 mhz minimum sleep duty cycle d psm i l = 500 ma 14 % maximum duty cycle d max 100 % wake-up hysteresis v hyst fb voltage drops below v ref 20 30 40 mv output switch switch-on voltage v io 3 i l = 500 ma, fb = gnd, and 0.25 0.4 v drv = gnd current limit threshold i lim 1.0 1.2 1.4 a leakage current v in = 12 v 0.5 a error amplifier reference voltage accuracy v ref fb = comp 1.222 1.245 1.265 v reference voltage line fb = comp, 0.02 %/v regulation v in = 3 v to 12 v feedback input bias current i fb soft start expired C 50 +1 +50 na sink/source current i comp 35 60 85 a short circuit current i comp , sd v comp = 0 v, activating 20 40 a shutdown transconductance g m , ea fb = comp 480 a/v modulator transconductance g m , mod v comp to i l 1 a/v control offset voltage v pwm , os 0.90 v soft start time t ss 250 600 s shutdown threshold voltage v comp , sd 340 750 mv slope compensation m sc effectively summed to i sw 0.7 a/ s notes 1 all limits at temperature extremes are guaranteed via correlation using standard statistical quality control (sqc). 2 for higher efficiency operation, tie the drv pin to the output for i l < 250 ma and v in > 3 v. 3 v in C v sw includes voltage drop across internal current sensor. specifications subject to change without notice. (v in = 3.3 v, t a = ?0 c to +85 c, unless otherwise noted.)
rev. a ? ADP3088 ordering guide temperature package branding model range option information ADP3088arm C 40 c to +85 cmso p-8 p0a caution esd (electrostatic discharge) sensitive device. electrostatic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge without detection. although the ADP3088 features proprietary esd protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality. pin configuration top view (not to scale) 8 7 6 5 1 2 3 4 in in gnd comp sw drv gnd fb ADP3088 absolute maximum ratings * input supply voltage . . . . . . . . . . . . . . . . . . . C 0.3 v to +12 v voltage on any pin with respect to gnd . . . C 0.3 v to +12 v (voltage on any pin may not exceed v in ) operating ambient temperature range . . . . C 40 c to +85 c operating junction temperature . . . . . . . . . . . . . . . . . . 125 c ja (four-layer board) . . . . . . . . . . . . . . . . . . . . . . . 116 c/w ja (two-layer board) . . . . . . . . . . . . . . . . . . . . . . . 159 c/w storage temperature range . . . . . . . . . . . . C 65 c to +150 c lead temperature range (soldering 10 sec) . . . . . . . . . 300 c vapor phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215 c infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 c * this is a stress rating only; operation beyond these limits can cause the device to be permanently damaged. unless otherwise specified, all voltages are referenced to gnd. pin function descriptions pin mnemonic function 1, 2 in power supply input. both pins must be connected. 3, 6 gnd ground. both pins must be connected. 4 comp feedback loop compensation and shutdown input. an open drain or collector used to pull the pin to ground will shut down the device. 5f b feedback voltage sense input. this pin senses the voltage via an external resistor divider. 7 drv this pin provides a separate path for the drive current to be connected to ground. 8s ws witching output
rev. a ? ADP3088 ?ypical performance characteristics 0 0 500 100 200 400 300 load current ?ma 10 20 30 40 50 60 70 80 efficiency?% 90 100 v out = 3.3v v out = 1.5v v out = 2.5v v in = 5v, c in = c out = 10 f, l = 10 h t a = 25 c tpc 1. efficiency vs. load current and output voltage 0 0 500 100 200 400 300 load current ?ma 20 40 60 80 efficiency ?% 100 v out = 5v v out = 3.3v v out = 2.5v v out = 1.5v v in = 10v, c in = c out = 10 f, l = 10 h 90 70 50 30 10 t a = 25 c tpc 2. efficiency vs. load current and output voltage 0 010 24 8 6 input voltage ?v 1 10 quiescent current ?ma 100 v out = 1.5v, c in = c out = 10 f, drv = gnd i l = 500ma i l = 0ma 12 t a = 25 c tpc 3. quiescent current vs. input voltage 100.00 ?0 85 ?5 10 60 35 temperature ? c 120.00 140.00 160.00 180.00 standby quiescent current ? a 200.00 tpc 4. standby quiescent current vs. temperature 1.00 ?0 85 ?5 10 60 35 temperature ? c 2.00 3.00 4.00 ground current ?ma 5.00 i load = 500ma tpc 5. ground current vs. temperature 1.2418 ?0 85 ?5 10 60 35 temperature ? c 1.2423 1.2428 1.2433 feedback voltage ?v 1.2438 tpc 6. feedback voltage vs. temperature
rev. a ? ADP3088 1.485 0 500 100 200 400 300 output current ?ma 1.495 1.505 output voltage ?v 1.515 v in = 5v, c in = c out = 10 f, l = 10 h t a = 25 c tpc 7. load regulation 0.90 ?0 85 ?5 10 60 35 temperature ? c 0.95 1.00 1.05 frequency ?mhz 1.10 tpc 8. oscillator frequency vs. temperature 1.00 ?0 85 ?5 10 60 35 temperature ? c 1.05 1.10 1.15 current limit ?a 1.20 tpc 9. current limit vs. temperature 12.00 ?0 85 ?5 10 60 35 temperature ? c 14.00 16.00 18.00 shutdown supply current ? a 20.00 10.00 tpc 10. shutdown supply current vs. temperature 0.220 ?0 85 ?5 10 60 35 temperature ? c 0.240 0.260 0.280 switch voltage ?v 0.300 0.200 i load = 500ma tpc 11. switch-sense resistor voltage vs. temperature 0.400 0.00 1.00 0.25 0.50 0.75 output current ?a 0.500 0.600 0.900 switch saturation voltage ?v 1.000 0.300 0.700 0.800 0.100 0.200 v in = 2.5v v in = 5v v in = 12v v in = 3.3v t a = 25 c tpc 12. switch saturation voltage vs. load current and input voltage
rev. a ? ADP3088 v in = 5v, v out = 1.5v, load current = 0ma, c in = c out = 10 f, l = 10 h t a = 25 c ch 1: input voltage, 2v/div ch 2: output voltage, 500mv/div tpc 13. start-up waveform v in = 5v, v out = 1.5v, load current = 500ma, c in = c out = 10 f, l = 10 h t a = 25 c ch 1: input voltage, 2v/div ch 2: output voltage, 500mv/div tpc 14. start-up waveform ch 1: input voltage, 2v/div ch 2: output voltage, 500mv/div v in = 2.5v, v out = 1.25v, load current = 250ma, c in = c out = 10 f, l = 10 h, t a = 25 c tpc 15. start-up waveform v in = 5v, v out = 1.5v, load current = 500ma, c in = c out = 10 f, l = 10 h t a = 25 c ch 1: input voltage, 10mv/div, ac-coupled tpc 16. v out ripple t a = 25 c v in = 5v, v out = 1.5v, load current = 10ma, c in = c out = 10 f, l = 10 h tpc 17. power-saving mode waveforms* c in = c out = 10 f, l = 10 h v in = 5v, v out = 1.5v, load current = 25ma, t a = 25 c tpc 18. steady-state waveforms* * notes for tpcs 17 and 18 ch 1: output voltage, 20mv/div, ac-coupled ch 2: switch node voltage, 2v/div ch 3: inductor current, 100ma/div
rev. a ? ADP3088 v in = 5v, v out = 1.5v, load current = 100ma, t a = 25 c , c in = c out = 10 f, l = 10 h tpc 19. steady-state waveforms* t a = 25 c, c in = 10 f, c out = 20 f, l = 10 h v in = 5v, v out = 1.5v, load current = 50ma to 550ma, ch 1: load current step, 167 ma/div ch 2: output voltage, 100 mv/div tpc 20. load transient response v in = 5v, v out = 1.5v, load current = 550ma to 50ma, c in = c out = 10 f, l = 10 h t a = 25 c ch 1: load current step, 167ma/div ch 2: output voltage, 100mv/div tpc 21. load transient response * notes for tpc 19 ch 1: output voltage, 20mv/div, ac-coupled ch 2: switch node voltage, 2v/div ch 3: inductor current, 100ma/div v in = 5v, v out = 1.5v, load current = 50ma to 550ma to 50ma, t a = 25 c, c in = 10 f, c out = 20 f, l = 10 h ch 1: load current step, 167ma/div ch 2: output voltage, 100mv/div tpc 22. load transient response v in = 3v to 5v, v out = 1.5v, load current = 500ma, t a = 25 c, c in = 10 f, c out = 10 f, l = 10 h ch 1: input voltage, 2v/div ch 2: output voltage, 20mv/div tpc 23. line transient response
rev. a ? ADP3088 theory of operation the ADP3088 is a fixed frequency buck switching regulator in an msop-8 package using an external schottky rectifier. it features an integrated 1 a power switch and switches at 1 mhz. ADP3088 uses pwm operation and incorporates soft start for controlled start-up sequence and overtemperature switch pro- tection. the ADP3088 draws low current while running in power saving mode and even lower current in shutdown. refer to the functional block diagram for more information. the system shown is configured for a 1.8 v output using a 10 h inductor. at the beginning of a cycle, the 1 mhz oscillator enables an sr latch, enabling the internal 1 a power switch. the current sense amplifier and the protection logic block monitor the current flowing between the in and sw pins. the switch is turned off when the current reaches a level determined by the protection logic block or pwm comparator, whichever is lower. the error amplifier measures the output voltage through an external resistor divider tied to the fb pin. this amplifier servos the switch current to regulate the fb pin voltage to 1.245 v. an internal regulator provides power to the control circuitry. the comp pin can be used to shut down the ADP3088. when pulled low, it turns off the internal regulator, thus biasing down the chip, reducing the input current, and disconnecting the output from the input. antisaturation circuitry is used to drive the switch to the edge of saturation. this allows the driver to quickly switch at 1 mhz and maintain good efficiency. for improved efficiency, the drv pin may be connected to the output provided that the input voltage is at least 1 v greater than the output. if the output load increases, the error amplifier will detect a lower voltage on the fb pin via the resistor divider on the out put, and send a signal to the pwm comparator to increase the on time of the switch. this in effect increases the duty cycle and pro vides more current to drive the increased load during the transient event until a new operating point is established. reference the ADP3088 incorporates an internal band gap reference, including curvature correction for an extremely low temperature coefficient. the reference can be disabled by grounding the comp pin, which also turns off the bias for the rest of the chip. error amplifier the error amplifier provides a control voltage to the pwm stage to set the peak inductor current that sets the output current of the regulator. it is a g m amplifier in that its output is a current to the comp pin. protection logic the protection logic block provides current limit and overtemp erature protection. the overtemperature protection is enabled when the temperature of the chip exceeds a specified preset temperature; the switch will be disabled until the tempera- ture drops below a specified level, then normal operation will resume. the thermal shutdown only stops switching, but it does not put the chip in power saving mode, nor does it reinitiate soft start. as the chip cools slightly, it will cycle in and out of thermal shutdown rapidly, maintaining the die temperature at 160 c but allowing the output voltage and current to swing up and down. the current limit protection overrides the pwm comparator; if this occurs, then the switch pulse will be terminated and the soft start mode will be reset. current sense amplifier the voltage on the internal current sense resistor is sensed and passed to the ramp input of the pwm comparator. this current sense signal is also passed to the current limit comparator for peak current limit shutdown. at the current limit, the soft start capacitor is reset and soft start is reinitiated. the current limit is nominally 1.2 a. slope compensation is added to the ADP3088 to stabilize the loop. a generated ramped signal is summed with the current sense signal to provide slope compensation. slope compensation is needed to close the inner loop so subharmonic oscillation is avoided. the ramp is reset with each clock cycle so that the ADP3088 is capable of true 100% duty cycle. run/stop comparators this block creates the 1 mhz signal sent to the sr latch that is used for the switching frequency. it also takes the fb voltage and decides when to go into the wake up from power saving mode. the decision to induce the power saving mode is based on the duty ratio. during steady-state continuous operation, the duty ratio of a pwm buck regulator is simply a function of the input/output voltage ratio, with second order effects including the voltage drop of the internal switch and the external diode. once the load drops to a certain point, discontinuous operation occurs, and the duty ratio begins to modulate to maintain regulation. in the ADP3088, the regulator goes to sleep when the integrated duty ratio measurements drop to less than half of the minimum expected integrated duty ratio. the minimum expected duty ratio occurs at the maximum input voltage and the minimum output voltage in continuous mode operation. pwm comparator the pwm comparator looks at the signal from the current sense amplifier and the error amplifier to determine the correct switch on time to regulate the output voltage under a given load. soft start timer soft start will prevent saturating the inductor, which could cause uncontrolled overshoot of the output voltage and electrical stress to the system at startup. when first powered up, an internal soft start capacitor is discharged and the soft start circuitry provides a gradually decaying offset to the error amplifier to prevent it from saturating and from commanding the maximum switch current to charge the output capacitor. the output voltage approaches the final regulation voltage with a smooth exponential decay. this will reduce electrical stress to the system. output the output stage contains the bipolar power switch and the circuits necessary to switch it on and off quickly. the pass switch is driven to the edge of saturation, and the result is a fast switching response and low switch resistance. for improved efficiency, the drv pin may be connected to the output pro vided that the input voltage is at least 1 v higher than the output. this will send the current needed to drive the bipolar switch to
rev. a ? ADP3088 the output load instead of routing it to ground. for some v in and i load configurations, the drv pin must be grounded for reliable operation. application information output voltage setting in its standard usage, the output voltage of the ADP3088 is programmed to a desired fixed value by a resistor divider from the output voltage into the feedback node, the fb pin, at which node the control loop ensures regulation at the reference level, v ref . the divider should be designed to satisfy the formula: vv r r out ref b a =+ ? ? ? ? ? ? 1 (1) where r a is the upper divider resistor (between the output and fb) and r b is the lower one (between fb and ground). r a and r b are recommended to have values in the range of 2 k ? ~200 k ? and are likely to require a 1% tolerance or better to attain acceptable output voltage tolerance. in less conventional applications described separately, the resistor feedback configuration can be modified or tapped with other resistors to affect current flow into the fb node that, in turn, influences the output voltage. even a switched voltage can be summed into the fb node as long as it is sufficiently integrated and does not intolerably compromise the transient response. this latter application is considered further below in an applica tion for powering a dsp. input voltage, power dissipation considerations, and power savings mode the input voltage range is not typically considered a critical parameter for electrical functionality, but there are several considerations, upon which there is further elaboration below: 1. v in must never exceed the maximum rated voltage. 2. v in must be within the specified operating range when normal operation is expected. 3. v in must be greater than v out by at least the specified head- room when dc regulation is expected. 4. v in , if not sufficiently greater than v out , may limit the large signal transient response of a buck converter. 5. v in , if much greater than v out , may give rise to such a low duty ratio that it activates power savings mode even at static higher load conditions or upon dynamic load changes when it is not desired. 6. v in affects the device power dissipation (a lower value causes higher dissipation), which in turn affects die temperature that must be kept below a maximum rating. the lowest input voltage together with the maximum output voltage and maximum current create the conditions for the maximum power dissipation in the device, which determine the maximum temperature rise that should be checked against the maximum junction temperature rating. the formula for maximum power dissipation in the device is given by: p vv v iv dmax ofio max in omax sw io max = + @, ,@, (2) where v f is the diode forward voltage drop and v sw is the drop across the internal switch and current sensing resistor that ap pears between the v in and sw pins of the ADP3088 during the on state of the switch. both of these variables can be ap proxi- mated from a combination of worst-case specs and typical graphs. multi ply the power dissipation by the thermal resistance from junction to case or ambient, as desired, to determine the internal temperature rise. if the input voltage were so much higher than the output voltage that it required an average duty ratio less than an internally preset threshold, then power savings mode (psm) which is characterized by periodic shutdown and wakeup of the device that reduces average quiescent current would be active for all load conditions rather than only at lighter loads, for which it is intended. psm operation is characterized by low frequency ripple on the output that appears similar to the behavior of a hysteretic regulator. this is usually not a factor for consider- ation and may be ignored if psm operation is acceptable for all load conditions. but in case it is relevant, the following recom- mendation is offered: v in of psm max vv d < + () (3) it is not possible to prevent the duty ratio from tending toward zero in nonsynchronous buck converters below a certain minimum load current level called borderline current or critical cur rent for the power converter. that corresponds to the in ductor ripple current reaching zero at its bottom peak, sometimes called the valley current. if psm activation strains the lower regulation limit due to the hysteretic ripple, the output voltage can be offset slightly upward by readjusting the nominal voltage setpoint with the resistor divider. even though a buck converter may have a low dropout voltage that allows the static regulation to be maintained as the input voltage drops near the output voltage, in buck converters the slew rate limitation of the inductor current can compromise the dynamic regulation in response to the load current step increases. that is because the maximum rate the current can be increased to in the inductor is proportional to the voltage available to impress across it, which is compromised as the input voltage reduces toward the output voltage. this is not a limitation of the device but of buck converters in general. the limitation is considered part of the output filter design, although it could also be considered in terms of a minimum acceptable input voltage for a given output filter that will ensure that the dynamic response is acceptably maintained. output filter components in most applications, it is desirable to use the smallest inductor value that does not introduce practical problems, since this tends to yield the lowest cost inductor. one reason for using an even larger inductor than the minimum tolerable might be to reduce the output ripple voltage further. but cost being equal, this is generally better accomplished with a better quality or propor- tionally larger output capacitor instead, since a larger inductor degrades the large signal transient performance capability. a conservative nominal design target value for the inductor of a typical application circuit is that which creates a peak-to-peak ripple current, ? i l , for the nominal input voltage that is ap proxi- mately a third of the nominal 500 ma rating of the ADP3088. the reason for not basing the ripple current on the maximum load current is because of a concern about the protection.
rev. a ?0 ADP3088 s cal ing of the ripple currents with lower load currents would yield higher inductor values that might give satisfactory operation. however in order for overload operation up to the current limit level of the ADP3088 to be satisfactory, it would be necessary to choose an inductor rated up to that higher current, which would likely yield an unsatisfactory inductor size and cost. in any case, hav ing chosen a target level for ? i l , the recommended inductor value is given by: l dvv fi of sw l = ? + ()( ) 1 ? (4) where d is the duty ratio, the suffix indicating continuous inductor current, and is given by: d vv vvv of in f sw = + +? (5) v sw and v f are assessed at full load, and f sw is the fixed switching frequency of the ADP3088. the formula suggests the calculation of l using a nominal input voltage; for applications requiring a large range of v in , the limitations of transient re sponse at v in(min) versus the higher ripple at v in(max) may warrant deeper consideration of how to optimize the design. in applications where load transients are not severe, this conservative design for l is recommended. a more aggressive m inimization of l is outlined below, but a few restrictions are noted. as inductance becomes smaller, the ripple current becomes larger. if the ripple becomes particularly large or, as an addi- tional factor, if the load is particularly dynamic, then there is an increasing possibility that the peak inductor current will unde- sirably reach the current limit shutdown threshold, i cl . this should be avoided by restricting the minimum inductor value to keep the ripple current moderated. an alternate way to prevent excessive dynamic overshoot of the inductor current during a load transient is to reduce the dc gain of the error amplifier by adding resistive feedback; this idea is discussed below. another important restriction of the minimum inductor value may apply. the design should ensure against possible subharmonic oscillation that can occur in all fixed frequency current-con trolled switching power supplies when switching at high duty ratios. the subharmonic oscillation phenomenon will not be explained here, there are plenty of papers written on the subject, except to say that it is characterized by alternating high and low duty ratios, i.e., every other cycle, that produces additional ripple on the output. to prevent subharmonic oscillation, the following restriction for the minimum inductor value is recommended: l h v vv vv v of of in min >+ () + ? ? ? ? ? ? 2 035 () C . (6) the value used for v in(min) should be only the minimum input voltage for which normal high performance operation must be assured. note the value returned for l may be negative, in which case the restriction does not apply. if the preceding formula yields a lower inductor value than the conservative recommen- dation given previously, as is likely for most applications, then it is time to consider further limitations to see how low the value can be minimized. for a given inductor selection, the earlier formula is rearranged for convenience and skewed to the worst-case input voltage to determine the maximum inductor ripple current, ? i l : ? i vvv vvv vv fl l max in max o sw in max f sw of sw () () () C C = ? + + (7) performance degradation of the inductor, consisting of some loss of inductance or excessive power loss, may be encountered at higher ripple currents, so the ripple current figure, together with the knowledge of the expected dc current, should be checked against the specifications of the inductor. if the esr of the output capacitor is substantial, as it is likely to be if an mlc capacitor is not used, then the ripple voltage on the output, dominated by the esr, may be substantial and of con- cern for regulation specifications. the resistive component of the output voltage ripple is simply the ripple current times the esr, and if it is more than a few millivolts, it will dominate the output capacitance in contributing to the output ripple voltage. the boundary condition of the inductor reaching the borderline current, i o(bl) , can be determined by the formula: i vv fl vvv vvv obl of sw in o sw in f sw () = + ?? +? 2 (8) below this output current level, the inductor current will be discontinuous and the duty ratio will be modulated to lower values, by factors substantially more than the losses that cause only a small amount of the modulation in the continuous inductor current operation. psm is initiated automatically by a propri- etary technique consisting of a duty ratio amplifier with an internal time constant. as the load current drops well into the low current region and the duty ratio passes below the threshold of d psm for a sufficient time, psm is activated. the correspond- ing level of output current is given by: id vvv vv vvv fl o psm psm in f sw of in sw sw () = +? + ?? 1 2 2 0 (9) it can be seen in the formula that this current threshold is in versely p roportional to inductance, so although it is usually not a rel evant concern, it is noted that an aggressively low output inductance should be avoided to keep the psm threshold current at a desir- ably low level. for the user s reference, when current is below the borderline level, the duty ratio is modulated according to the formula: di vv vvv fl vvv do of in f sw sw in o sw = + +? ?? 2 (10) where the suffix indicates that the inductor current is discontinuous. for controlling the capacitive component of the output ripple voltage, the following constraint on the minimum output capacitance should be applied: c i fv o l sw r > ? ? 8 (11)
rev. a ?1 ADP3088 where  vr is the tolerable ripple voltage. however, this con straint is rarely relevant, since the typical capacitance requirement is driven more by dynamic response requirements than by ripple concerns. in a typical application circuit, a 10 f capacitor produces a capacitive output voltage ripple component of only about 2 mv. 10 f is usually sufficient for applications that do not impose particularly high frequency load transients, and imposes additional constraints that are elaborated upon in the next section. load characterization optimization of the compensation, as well as the output filter, requires some knowledge of a fundamental characteristic of the load. qualitatively, there are two types of loads with which we are concerned: fast slew rate and slow slew rate. these slew rates are assessed with respect to the minimum (absolute) inductor (current) slew rate, as given by: di dt min vvv l and vv l l in min sw o max of max ? ? ? ? ? ? ? ? ? ? ? ? ? ? =< ?? + ? ? ? ? ? ? , () (12) where the < sign indicates a selection of whichever of the brack eted terms is the lesser. if the slew rate of the load is fast compared to the minimum inductor slew rate, then the ability of the power converter to contain the output voltage deviation following a load change is limited not only by the response of the control loop, i.e., by its speed to demand zero or maximum duty ratio from the modula tor, but by the power stage as well. in such a case, beginning with the recognition that output voltage deviation would be sub stantial even if the loop response were instantaneous, it can be shown that one can achieve better overall voltage containment by degenerating the dc loop gain. as a technical matter, it should be noted that there will always be some minimum output voltage deviation downward due to a load step even if the inductor slew is as fast as the load slew rate. during a switching cycle, the m odula- tor latches its decision to turn off the switch and it cannot rescind that decision but must instead wait for the next clock cycle to turn on the switch again and begin slewing the inductor current upward. this is only a second order consideration. slow slew rate loads may be referred to simply as conventional loads, since these have been the more prevalent type of load. optimally compensating a conventional load is synonymous with small signal ac considerations; the objective is to maximize the ac gain up to the crossover frequency, ensure sufficient phase margin at the unity gain crossover frequency, and keep the gain rolling off at higher frequencies to avoid gain margin problems. fast slew rate loads may be referred to as digital loads since, from the perspective of the power converter, they have a digital characteristic when changing between two extremes, and also because such fast slew rates tend to characterize modern digital circuits, which often feature power management interrupts, i.e., interrupt signals used to turn on and off circuitry on an as- needed basis during normal system operation. optimally compensating a digital load is more a task of impedance matching and dc gain determination than a task of ac loop optimization. returning to constraints for choosing the output capacitor for digital loads, another criterion for ensuring sufficient output capacitance applies: c i v di dt min o o o l > ? ? ? ? ? ? ? ? ? ? 2 2 (13) where ? i o is the maximum high frequency load step. it should be noted that the formula results strictly from the physical limitation of the output filter; the compensation must also be optimized to maximize the response of the control loop to avoid substantial additional output voltage deviation. the formula might also be written to describe a maximum inductance for a given capacitance, but it is generally better practice to choose the inductor first and add capacitance as needed. the impedance of the output capacitor together with a digital load also creates some limiting considerations. series resistance (esr) rather than capacitance can be a dominant design consideration with non-mlc capacitors. if the load is essen tially digital, then the dynamic deviation of the output voltage cannot be limited to any better than the dynamic load current step times the esr. in a formula: ?? vi esr oo ? (14) in such a case, it is often important to choose a capacitor that controls the esr to a sufficiently small value, and mlc capaci tors are often chosen to practically eliminate the consideration of esr entirely. closing the loop?ompensation the factors determining the response of the power converter include : the feedback input resistor divider, a lead network if applicable, the transconductance of the error amplifier, its fre quency response limitation (i.e., as adequately modeled by a capacitance from output to ground), its external termination impedance (i.e., the compensation that may or may not include dc feedback), the modulator transconductance, and the power converter s termination impedance (i.e., the output capacitor and load resistance). since the ADP3088 has a current-controlled loop, the particular inductor value does not by first order consideration affect small signal stability. however, slew rate limitations as discussed earlier, a large signal limitation consideration, set boundaries that are often relevant for optimizing compensation of the feedback loop. if the compensation of the current control signal, i.e., the comp pin, is designed to promote a current response that is faster than the inductor current can slew, then when a step load is applied, the control signal will tend to initially respond in excess (of the actual current change that is occurring) and then allow an overshoot of the current and output voltage since it is delayed in correcting its excess. for conventional loads, the following describes how the fre quency corners (poles and zeros) are positioned or should be chosen to optimize the loop gain, beginning in the low frequency spectrum:
rev. a ?2 ADP3088 1. the dc loop gain is limited by the applied load resistance and the output resistance of the error amplifier, but it is not impor tant to determine how high the dc gain is. 2. two poles in the low frequency spectrum begin to roll-off the gain, one determined by the load resistance and output capacitor, c o , and the other by the error amplifier s output resistance and its termination capacitance, the equivalent feedback capacitance, and the added compensation capaci- tance c hf . determining the location of these poles is not relevant to the compensation design. it suffices to know that both are decades below the crossover frequency. 3. a lead network is especially desirable for a variable output voltage application in order to keep a fairly constant crossover frequency and phase margin for all output voltages. if used, this lead network consists of simply a capacitor, c ff , in parallel with the upper feedback divider resistor, r a ; this creates a closely spaced zero/pole pair that provides a gain boost before crossover so that, above the pole frequency, the loop gain and phase are similar for all output voltages. if the lead network is used for a fixed voltage application, the pole should be chosen to align with the following described zero; for variable voltage applications, the maximum frequency of the pole should be placed as high as is comfortable without substantially degrad- ing the phase margin (e.g., not within an octave or, more conservatively, a half-decade of the crossover frequency). 4. a zero turns the gain roll-off back to one-pole sufficiently in advance of the crossover frequency to create ample phase margin, e.g., half a decade; the zero could feasibly be that of the output capacitor itself, i.e., the zero formed by the esr and the capacitance c o , but that is both unlikely (since the zero frequency will likely be higher than where the loop zero is desired) and generally imprudent (since the loop perfor mance would depend on the stability of the esr, which often is poor or unknown). as recommended, the zero, f z , is created by an r c circuit terminating the comp pin (a resistor, r c , in series with a capacitor, c c ), while the capacitance terminating the error amplifier, c hf , forms a pole, f p , with r c to cancel the zero of the output capacitor. or, if the zero is well above the crossover frequency, as may be the case when using an mlc output capacitor, that pole is set high enough above the crossover frequency, again for example, half a decade, so that it doesn t cut substantially into the phase margin at crossover but still ensures continued gain roll-off so that the gain margin is acceptably high; note that the previous guidelines suggest that c c 10 c hf . 5. the gain crosses 0 db (unity) at a crossover frequency that is typically a tenth and advisably not greater than a fourth of the switching frequency; one primary reason for this approximate upper limit being the extra phase margin loss due to the switching interval that is not predicted by the linear model. assuming no lead network is used, the open-loop gain is given by: a v zz v ol comp o out ? ? ? ? ? ? 600 2 ? (15) where v out is the nominal dc level. this equation together with the preceding recommendations should suffice to determ ine com- pensation component selection for users familiar with loop design. this begins with deciding the crossover frequency, f c , evaluating the impedances at that frequency, and setting the open-loop gain, a ol , to unity. by example, f c = 125 khz is chosen. assuming a well chosen c hf as described previously, in other words, such that it creates a pole well above crossover or approxi- mately matches the zero of the output capacitor, the following equation approximates the calculation of the crossover fre quency: f ka f k ka k c z = + () () 150 21 1 1 ? ? (16) where k 1 = c o v out /r c and f z = 1/2 r c c c , the zero frequency set by the compensation, and the units are shown with the con stants in the equation for clarification. the preceding equation cannot readily be solved in terms of k 1 , but it can be solved closely enough by a few iterations beginning with values for k 1 around 1 10 9 (fa). for the example below, set the zero about a half-decade below f c as previously advised, that is, choose f z ~ f c / 10 = 40 khz. using the previously stated values for f z and f c , the value of k 1 = 800 p (fa) satisfies the equation. r a and r b are presumed to be already chosen per earlier guidelines to set the output voltage. as an example, r a = r b = 10 k ? (implying an output voltage of 2.5 v). simi larly, it is presumed that c o was chosen; let c o = 15 f. then, finally, r c and then also c c can be determined by a rearrange ment of the simple formulas previously given. the example yields r c ~ 47 k ? and c c ~ 82 pf. assuming an mlc output capacitor of reasonable quality, the pole setting capacitor could be chosen to be c hf = 4.7 pf. assuming an mlc output ca pacitor of reas onable quality, the po le setting c apacito r could be chosen to be c hf = 4.7 pf. a general-purpose application circuit is shown in figure 2. sw drv fb in gnd comp ADP3088 v out 1.5v 6.8 h r a 10k r b 48.7k r c 10k c c 470pf in gnd 10 f mlcc c hf 4.7pf 1 f mlcc 5v 1a schottky v in figure 2. 5 v to 1.5 v, general-purpose application another application circuit features a voltage inversion and regulation design such that the output voltage is negative (see figure 3). negative output voltages are allowed when the input plus the output voltage does not exceed the rating of the device. in the voltage inverting configuration, the ground reference of the ADP3088 is the negative output voltage, and the conven tional output voltage point is tied to ground. operation is bootstrapped; the power converter behaves as if the input volt age were equal to the actual input voltage plus the magnitude of the output voltage and as if the output voltage was not inverted. this implies that
rev. a ?3 ADP3088 it is possible to have the input voltage be less than the magnitude of the output voltage, provided that the input voltage alone is sufficient to start the operation of the ic, i.e., before the nega tive output voltage has been developed. (the circuit in figure 3 with a C 3.3 v output works well over an input range from 2.5 v to 7.5 v.) since the ADP3088 features a current-controlled loop, the feedback effect of essentially boosting the input voltage atop the output (with respect to the ground connection of the ADP3088) is reduced to a negligible second order effect. sw drv fb in gnd comp ADP3088 3.3v 4.7 h r a 10k r b 6.04k r c 20k c c 220pf 1a schottky in gnd 10 f mlcc + c hf 4.7pf 1 f mlcc + 5v v in v out figure 3. +5 v to ?.3 v, general-purpose invert- ing application voltage positioning designs for digital loads, a different compensation technique is recom- mended that involves implementing voltage positioning, which is now commonly used on cpus but is equally applicable to any dynamic device. voltage positioning is the intentional and con trolled variation of the output voltage with the load cur rent, such that the power supply appears to have a substantial output resistance. the key to voltage positioning optimization for a digital load is to degenerate the loop gain just enough so that the static load regulation allows a similar voltage deviation with the current as would be the peak voltage deviation,  v o , that could not be avoided in the event that a step change of the current were to occur even if the loop response were instantaneous. the reason for even an instantaneous response in the control loop allowing an output voltage deviation is that the slew rate of the current in the output is limited by the inductor, and a corresponding dynamic burden is placed on the output ca pacitor to maintain the output voltage. therefore, inductor value minimization is desired both for concern over its size and cost and also to maximize the slew rate of the current to the output so that a smaller output capacitor is needed. to implement voltage positioning, a resistor, r fb , should be placed between the comp and fb pins according to the formula: r ir gv fb oa mod o = ? ? (17) where g mod is the modulator gain and  i o must be assessed over the entire operating load range as the difference between the maximum and minimum load. c o must be chosen at least large enough to support the targeted  v o according to the ear lier stated formula governing the relationship between the minimum output capacitance, voltage deviation, and load current. in order to ensure that the output voltage will be constrained within the limitations of  v o , the limitations noted earlier for psm hyster etic ripple are applicable in the operating load range and esr. also an experimental adjustment downward to the value of r b may be needed, since the dc bias point of the comp node is usually a little higher than v ref , which would result in a slight downward shift of the nominal output voltage. having chosen this design approach, the series rc of the com- pensation network can be removed and the single remaining capacitor, c hf , should be increased to approximately: c c esr r hf o fb = (18) if an mlc capacitor is used for c o , the value of c hf might be calculated to be less than a few picofarads, in which case it is recommended to use a 4.7 pf~10 pf capacitor. the formula is derived from a patented design technique called adopt ? , analog devices optimal positioning technology. this creates ac and dc impedance matching, and the increased complexity of the dc regulation design is moderated by the simplicity of the frequency compensation. in this design approach, at higher currents the output voltage will be appreciably lower than at the lower currents. this is equivalent to saying that the load regulation appears to be poor. but, paradoxically perhaps to the user unfamiliar with voltage positioning, the overall containment of the voltage within a given window will be improved, and that tends to be of particular importance in many highly dynamic loads. the application circuit in figure 4 features a 3.3 v input and a 2.5 v output at 100 ma~400 ma, which constrains the output voltage within a ~100 mv range with only a 4.7 f output capacitor, even when the load sl ew rate is extr emely fa st. this does not include the initial tolerance of the voltage setting that is sepa rately accounted with voltage positioning designs. note that the lower resistor, r b , of the feedback divider is reduced from the 10 k ? value that one would use for a stan dard (non-voltage- positioned) design that had no voltage positioning resistor r vp . sw drv fb in gnd comp ADP3088 2.5v 100 ma-400 ma 3.3 h r a 10k r b 8.75k 1a schottky in gnd 4.7 f mlcc c hf 4.7pf 1 f mlcc 3.3v r vp 51k v in v out figure 4. application circuit using voltage posi- tioning, allowing small output capacitance extra-low voltage outputs some newer power management applications require voltage levels below the normal adjustable voltage range of the ADP3088, i.e., below 1.25 v. such applications can be accommodated using the ADP3088 by modifying the application circuit to sum in a resistor-weighted portion of another regulated system voltage, e.g., 3.3 v, to the feedback node (fb). the tolerance of the ADP3088 s output voltage will increase by an amount propor- tional to the tolerance of the summed in-system voltage times the ratio of the conductance from that node to that of the output voltage. the example in figure 5 shows an implementation adopt is a registered trademark of analog devices, inc.
rev. a ?4 ADP3088 of this technique together with another special implementation described below. the resistor r tt sums from a 2.5 v system voltage to the fb node that will reduce the output voltage ac cording to the formula: ? vv r r out tt a tt =? (19) dynamic voltage control some newer power management applications also require an ability to adjust the voltage being delivered to a load during operation. although there is no integration of this feature in the ADP3088, it can readily be accommodated with a few compo- nents. dynamic voltage control can be implemented either by parallel bus control or by pwm. in both cases, the output voltage is modified by summing either switched bits with, presumably binary, weighting resistors or a switched pwm node via a single resistor into the fb pin. (the switched pwm node refers to an external pwm control signal, not the switched node of the power converter itself.) since the pwm technique modulates a current into the fb node, it is necessary both to integrate that signal and to avoid slowing down the response of the power converter to the output voltage transitions. this can be accomplished by placing a capacitor between the output voltage and the feedback node, which serves to provide a zero/pole pair in the main regu- lation loop and appears as an integration pole to the pwm signal. the design of either parallel bit or pwm type of voltage control must consider whether the interface node(s), from parallel switched bits or a single pwm signal, has an active pull-up state (in which case it must be to a known voltage) or a passive pull-up (open drain) that floats up to the fb node voltage, 1.25 v, in its high state. if at least the lower extreme of the desired output voltage range must be lower than 1.25 v, either technique can be combined with the technique for lowering the output voltage below 1.25 v. such an example of an application having this requirement is the blackfin ? dsp. figure 5 shows an implementa- tion of this technique. input voltage: 4.75 v ~ 7.5 v output voltage: 0.9 v ~ 1.5 v dynamic voltage control interface technique: pwm, active high to v io system voltage used for lowering output voltage below 1.25 v: v tt = v io = 2.5 v maximum output current: 700 ma sw drv fb in gnd comp ADP3088 v out 0.9v 1.5v @700 ma 10 h@1a r a 10.0k r pwm 41.2k 1n5817 in gnd 3 10 f mlcc c hf 10pf 2.2 f mlcc v in ~5v 8v r c 20k c c 470pf v tt 2.5v r tt 287k c ff 2.2nf pwm 0v 2.5v figure 5. blackfin dsp application blackfin is a registered trademark of analog devices, inc.
rev. a C15C ADP3088 outline dimensions 8-lead msop package [msop] (rm-8) dimensions shown in millimeters 0.23 0.08 0.80 0.40 8  0  85 4 1 4.90 bsc pin 1 0.65 bsc 3.00 bsc seating plane 0.15 0.00 0.38 0.22 1.10 max 3.00 bsc compliant to jedec standards mo-187aa coplanarity 0.10 revision history location page 10/02?ata sheet changed from rev. 0 to rev. a. equation 6 edited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 equation 16 edited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 updated outline dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
c02832??0/02(a) printed in u.s.a. ?6


▲Up To Search▲   

 
Price & Availability of ADP3088

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X