this document was generated on 03/31/2010 please check www.molex.com for latest part information part number: 0702871250 status: active description: 2.54mm (.100") pitch c-grid? header, breakaway, dual row, vertical, with retention pin, 14 circuits, 8.13mm (.320") mating pin length, 0.76m (30") gold (au) selective plating documents: 3d model product specification ps-70280 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 70287 application board-to-board, wire-to-board product name c-grid? physical breakaway yes circuits (loaded) 14 circuits (maximum) 14 color - resin black durability (mating cycles max) 25 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part n/a lock to mating part none material - metal brass material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.125 in pc tail length (mm) 3.18 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type bag pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 32.000 plating min: mating (m) 0.80 plating min: termination (in) 80.000 plating min: termination (m) 2.00 polarized to mating part no polarized to pcb no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70287 series mates with 7859 shunt, c-grid receptacles, sl? crimp, ffc and idt housing
shrouded no stackable yes surface mount compatible (smc) yes temperature range - operating -40c to +120c termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 250v dc solder process data duration at max. process temperature (seconds) 30 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers product specification ps-70280 sales drawing sd-70287-003 this document was generated on 03/31/2010 please check www.molex.com for latest part information
70287 rev: ecr/ecn information sheet no. ec no: ucp2010-0011 b1 date: 3/2/2010 title: sales assy C high temp. dual row, .025 sq pins .100 grid w/ ret. pins - 2 - document number: created / revised by: checked by: approved by: sd - 70287 - 003 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc eng. no: a-70287-1049 / 1097 dim. c (8.13) / .320 dim. e (ref.) (3.18) / .125 dim. l (ref.) (13.59) / .535 mating side plating tin dim. d (measure pt.) (4.57) / .180 p.c. board side plating tin dim. f (measure pt.) (1.27) / .050 retentive pin location see note 6, sheet 1 packaging bulk - pk-70873-0353 ckts material number ckts material number 04 70287-1049 54 70287-1074 06 70287-1050 56 70287-1075 08 70287-1051 58 70287-1076 10 70287-1052 60 70287-1077 12 70287-1053 62 70287-1078 14 70287-1054 64 70287-1079 16 70287-1055 66 70287-1080 18 70287-1056 68 70287-1081 20 70287-1057 70 70287-1082 22 70287-1058 72 70287-1083 24 70287-1059 74 70287-1084 26 70287-1060 76 70287-1085 28 70287-1061 78 70287-1086 30 70287-1062 80 70287-1087 32 70287-1063 82 70287-1088 34 70287-1064 84 70287-1089 36 70287-1065 86 70287-1090 38 70287-1066 88 70287-1091 40 70287-1067 90 70287-1092 42 70287-1068 92 70287-1093 44 70287-1069 94 70287-1094 46 70287-1070 96 70287-1095 48 70287-1071 98 70287-1096 50 70287-1072 100 70287-1097 52 70287-1073 eng. no: a-70287-1147 / 1195 dim. c (8.13) / .320 dim. e (ref.) (3.18) / .125 dim. l (ref.) (13.59) / .535 mating side plating 15 gold dim. d (measure pt.) (4.57) / .180 p.c. board side plating tin dim. f (measure pt.) (1.27) / .050 retentive pin location see note 6, sheet 1 packaging bulk - pk-70873-0353 ckts material number ckts material number 04 70287-1147 54 70287-1172 06 70287-1148 56 70287-1173 08 70287-1149 58 70287-1174 10 70287-1150 60 70287-1175 12 70287-1151 62 70287-1176 14 70287-1152 64 70287-1177 16 70287-1153 66 70287-1178 18 70287-1154 68 70287-1179 20 70287-1155 70 70287-1180 22 70287-1156 72 70287-1181 24 70287-1157 74 70287-1182 26 70287-1158 76 70287-1183 28 70287-1159 78 70287-1184 30 70287-1160 80 70287-1185 32 70287-1161 82 70287-1186 34 70287-1162 84 70287-1187 36 70287-1163 86 70287-1188 38 70287-1164 88 70287-1189 40 70287-1165 90 70287-1190 42 70287-1166 92 70287-1191 44 70287-1167 94 70287-1192 46 70287-1168 96 70287-1193 48 70287-1169 98 70287-1194 50 70287-1170 100 70287-1195 52 70287-1171
70287 rev: ecr/ecn information sheet no. ec no: ucp2010-0011 b1 date: 3/2/2010 title: sales assy C high temp. dual row, .025 sq pins .100 grid w/ ret. pins - 3 - document number: created / revised by: checked by: approved by: sd - 70287 - 003 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc eng. no: a-70287-1245 / 1293 dim. c (8.13) / .320 dim. e (ref.) (3.18) / .125 dim. l (ref.) (13.59) / .535 mating side plating 30 gold dim. d (measure pt.) (4.57) / .180 p.c. board side plating tin dim. f (measure pt.) (1.27) / .050 retentive pin location see note 6, sheet 1 packaging bulk - pk-70873-0353 ckts material number ckts material number 04 70287-1245 54 70287-1270 06 70287-1246 56 70287-1271 08 70287-1247 58 70287-1272 10 70287-1248 60 70287-1273 12 70287-1249 62 70287-1274 14 70287-1250 64 70287-1275 16 70287-1251 66 70287-1276 18 70287-1252 68 70287-1277 20 70287-1253 70 70287-1278 22 70287-1254 72 70287-1279 24 70287-1255 74 70287-1280 26 70287-1256 76 70287-1281 28 70287-1257 78 70287-1282 30 70287-1258 80 70287-1283 32 70287-1259 82 70287-1284 34 70287-1260 84 70287-1285 36 70287-1261 86 70287-1286 38 70287-1262 88 70287-1287 40 70287-1263 90 70287-1288 42 70287-1264 92 70287-1289 44 70287-1265 94 70287-1290 46 70287-1266 96 70287-1291 48 70287-1267 98 70287-1292 50 70287-1268 100 70287-1293 52 70287-1269
|