Part Number Hot Search : 
LTC34 IRF3205S N5266 MR820 FST10120 ICE3BR OM6516SC 9GL064
Product Description
Full Text Search
 

To Download 45985-4432 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0459854432 status: active overview: extreme_lphpower description: 1.27mm (.050"), 12.00mm (.472") pitch, extreme lphpower? header, right angle, 4 power contacts, 20 signal contacts, select gold (au) plating, for 2.36mm (.093") thick pc board, with guide pockets, with press-fit plastic pegs documents: 3d model product specification ps-45984-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv 30683046 ul e29179 general product family pcb headers series 45985 application board-to-board overview extreme_lphpower product name extreme lphpower? physical breakaway no circuits (loaded) 24 circuits (maximum) 24 circuits detail 4 power, 20 signal color - resin black durability (mating cycles max) 250 first mate / last break yes flammability 94v-0 glow-wire compliant no guide to mating part yes keying to mating part none lock to mating part no material - metal brass, high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pc tail length (in) 0.142 in pc tail length (mm) 3.60 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.093 in pcb thickness recommended (mm) 2.36 mm packaging type tray pitch - mating interface (in) 0.050 in, 0.472 in pitch - mating interface (mm) 1.27 mm, 12.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 150, 50 plating min: termination (m) 1.25, 3.75 polarized to mating part yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 45985 series mates with 45984 extreme lphpower? pcb receptacles
polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 30a voltage - maximum 250v ac (rms)/dc solder process data duration at max. process temperature (seconds) 20 lead-free process capability wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-45984-001 product specification ps-45984-001 sales drawing sd-45985-400 this document was generated on 05/25/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 45985-4432

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X