Part Number Hot Search : 
2SA1689 HCS412 CONTRO 00145 89C51R P2P50E FM5819 B1000
Product Description
Full Text Search
 

To Download 2SC1509 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transistors 1 publication date: november 2002 sjc00106bed 2SC1509 silicon npn epitaxial planar type for low-frequency driver amplification complementary to 2sa0777 (2sa777) features ? high collector-emitter voltage (base open) v ceo ? optimum for the driver stage of a low-frequency and 25 w to 30 w output amplifier absolute maximum ratings t a = 25 c parameter symbol rating unit collector-base voltage (emitter open) v cbo 80 v collector-emitter voltage (base open) v ceo 80 v emitter-base voltage (collector open) v ebo 5v collector current i c 0.5 a peak collector current i cp 1a collector power dissipation p c 750 mw junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = 10 a, i e = 080v collector-emitter voltage (base open) v ceo i c = 100 a, i b = 080 v emitter-base voltage (collector open) v ebo i e = 10 a, i c = 05v collector-base cutoff current (emitter open) i cbo v cb = 20 v, i e = 0 0.1 a forward current transfer ratio h fe1 * v ce = 10 v, i c = 150 ma 130 330 ? h fe2 v ce = 5 v, i c = 500 ma 50 100 ? collector-emitter saturation voltage v ce(sat) i c = 300 ma, i b = 3 0 ma 0.2 0.4 v base-emitter saturation voltage v be(sat) i c = 300 ma, i b = 30 ma 0.85 1.2 v transition frequency f t v cb = 10 v, i e = ? 50 ma, f = 200 mhz 120 mhz collector output capacitance c ob v cb = 10 v, i e = 0, f = 1 mhz 11 20 pf (common base, input open circuited) electrical characteristics t a = 25 c 3 c note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * : rank classification rank r s h fe1 130 to 220 185 to 330 note) the part number in the parenthesis shows conventional part number. 5.9 0.2 0.7 0.1 4.9 0.2 8.6 0.2 0.7 +0.3 ?0.2 13.5 0.5 2.54 0.15 (3.2) (1.27) (1.27) 0.45 +0.2 ?0.1 0.45 +0.2 ?0.1 13 2 unit: mm 1: emitter 2: collector 3: base eiaj: sc-51 to-92l-a1 package
2SC1509 2 sjc00106bed v ce(sat) ? i c v be(sat) ? i c h fe ? i c p c ? t a i c ? v ce i c ? i b f t ? i e c ob ? v cb i cbo ? t a 010 8 26 4 0 1.2 1.0 0.8 0.6 0.4 0.2 i b = 10 ma 9 ma 8 ma 7 ma 6 ma 5 ma 4 ma 3 ma 2 ma 1 ma t a = 25 c collector current i c ( a ) collector-emitter voltage v ce ( v ) 010 8 26 4 0 1.2 1.0 0.8 0.6 0.4 0.2 v ce = 10 v t a = 25 c base current i b ( ma ) collector current i c ( a ) 1 10 100 1 000 0.001 0.01 0.1 1 10 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 1 10 100 1 000 0.01 0.1 1 10 100 i c / i b = 10 t a = ? 25 c 25 c 75 c base-emitter saturation voltage v be(sat) ( v ) collector current i c ( ma ) 1 10 100 1 000 0 300 250 200 150 100 50 v ce = 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) ? 1 ? 10 ? 100 0 200 160 120 80 40 180 140 100 60 20 v cb = 10 v t a = 25 c transition frequency f t ( mhz ) emitter current i e ( ma ) 1 10 100 0 50 40 30 20 10 i e = 0 f = 1 mhz t a = 25 c collector-base voltage v cb ( v ) collector output capacitance (common base, input open circuited) c ob (pf) 0 180 60 120 1 10 10 2 10 3 10 4 v cb = 20 v ambient temperature t a ( c ) i cbo ( t a ) i cbo ( t a = 25 c ) 0 160 40 120 80 0 1.2 1.0 0.8 0.6 0.4 0.2 collector power dissipation p c ( w ) ambient temperature t a ( c )
2SC1509 3 sjc00106bed i ceo ? t a safe operation area 0140 60 20 80 120 40 100 1 10 10 2 10 3 10 5 10 4 v ce = 10 v ambient temperature t a ( c ) i ceo ( t a ) i ceo ( t a = 25 c ) 0.1 1 10 100 0.001 0.01 0.1 1 10 single pulse t a = 25 c t = 10 ms t = 1 s dc i cp i c collector current i c ( a ) collector-emitter voltage v ce ( v )
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteris- tics and applied circuits examples of the products. it neither warrants non-infringement of intellec- tual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) the products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instru- ments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage, and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2002 jul


▲Up To Search▲   

 
Price & Availability of 2SC1509

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X