Part Number Hot Search : 
MSIW2000 XOA91 RB153 RB153 JF15CP2H JF15CP2H CR201 UMH14NTR
Product Description
Full Text Search
 

To Download 2N6071ATG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2008 march, 2008 - rev. 8 1 publication order number: 2n6071/d 2n6071a/b series preferred device sensitive gate triacs silicon bidirectional thyristors designed primarily for full\wave ac control applications, such as light dimmers, motor controls, heating controls and power supplies; or wherever full\wave silicon gate controlled solid\state devices are needed. triac type thyristors switch from a blocking to a conducting state for either polarity of applied anode voltage with positive or negative gate triggering. features ? sensitive gate triggering uniquely compatible for direct coupling to ttl, htl, cmos and operational amplifier integrated circuit logic functions ? gate triggering: 4 mode - 2n6071a, b; 2n6073a, b; 2n6075a, b ? blocking voltages to 600 v ? all diffused and glass passivated junctions for greater parameter uniformity and stability ? small, rugged, thermopad construction for low thermal resistance, high heat dissipation and durability ? device marking: device type, e.g., 2n6071a, date code *for additional information on our pb-free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. mt1 g mt2 http://onsemi.com triacs 4.0 a rms, 200 - 600 v to-225 case 077 style 5 1 2 3 rear view show tab x = 1, 3, 5 y = a, b y = year ww = work week g = pb-free package marking diagram yww 2n 607xyg 1. cathode 2. anode 3. gate preferred devices are recommended choices for future use and best overall value. see detailed ordering and shipping information in the package dimensions section on page 7 of this data sheet. ordering information
2n6071a/b series http://onsemi.com 2 maximum ratings (t j = 25 c unless otherwise noted) rating symbol value unit *peak repetitive off\state voltage (note 1) (t j =  40 to 110 c, sine wave, 50 to 60 hz, gate open) 2n6071a,b 2n6073a,b 2n6075a,b v drm, v rrm 200 400 600 v *on\state rms current (t c = 85 c) full cycle sine wave 50 to 60 hz i t(rms) 4.0 a *peak non-repetitive surge current (one full cycle, 60 hz, t j = +110 c) i tsm 30 a circuit fusing considerations (t = 8.3 ms) i 2 t 3.7 a 2 s *peak gate power (pulse width 1.0  s, t c = 85 c) p gm 10 w *average gate power (t = 8.3 ms, t c = 85 c) p g(av) 0.5 w *peak gate voltage (pulse width 1.0  s, t c = 85 c) v gm 5.0 v *operating junction temperature range t j -40 to +110 c *storage temperature range t stg -40 to +150 c mounting torque (6\32 screw) (note 2) - 8.0 in. lb. stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. v drm and v rrm for all types can be applied on a continuous basis. blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded. 2. torque rating applies with use of a compression washer . mounting torque in excess of 6 in. lb. does not appreciably lower case\to\sink thermal resistance. main terminal 2 and heatsink contact pad are common. thermal characteristics characteristic symbol max unit *thermal resistance, junction-to-case r  jc 3.5 c/w thermal resistance, junction-to-ambient r  ja 75 c/w maximum lead temperature for soldering purposes 1/8 from case for 10 seconds t l 260 c *indicates jedec registered data.
2n6071a/b series http://onsemi.com 3 electrical characteristics (t c = 25 c unless otherwise noted; electricals apply in both directions) characteristic symbol min typ max unit off characteristics *peak repetitive blocking current (v d = v drm = v rrm; gate open) t j = 25 c t j = 110 c i drm, i rrm - - - - 10 2  a ma on characteristics *peak on\state voltage (note 3) (i tm =  6.0 a peak) v tm - - 2 v *gate tri gger v oltage (continuous dc), all quadrants (main terminal voltage = 12 vdc, r l = 100  , t j = -40 c) v gt - 1.4 2.5 v gate non-tri gger v oltage, all quadrants (main terminal voltage = 12 vdc, r l = 100  , t j = 110 c) v gd 0.2 - - v *holding current (main terminal voltage = 12 vdc, gate open, initiating current =  1 adc) t j = -40 c t j = 25 c i h - - - - 30 15 ma turn\on time (i tm = 14 adc, i gt = 100 madc) t gt - 1.5 -  s quadrant (maximum value) type i gt @ t j i ma ii ma iii ma iv ma gate tri gger current (continuous dc) (main terminal voltage = 12 vdc, r l = 100  ) 2n6071a 2n6073a 2n6075a +25 c 5 5 5 10 -40 c 20 20 20 30 2n6071b 2n6073b 2n6075b +25 c 3 3 3 5 -40 c 15 15 15 20 dynamic characteristics critical rate of rise of commutation voltage @ v drm , t j = 85 c, gate open, i tm = 5.7 a, exponential waveform, commutating di/dt = 2.0 a/ms dv/dt(c) - 5 - v/  s 3. pulse test: pulse width 2.0 ms, duty cycle 2%. *indicates jedec registered data. trigger devices are recommended for gating on triacs. they provide: 1. consistent predictable turn\on points. 2. simplified circuitry. 3. fast turn\on time for cooler, more efficient and reliable operation. sample application: ttl\sensitive gate 4 ampere triac triggers in modes ii and iii 0 v -v ee v ee = 5.0 v mc7400 14 7 + 510  2n6071a load 4 115 vac 60 hz
2n6071a/b series http://onsemi.com 4 + current + voltage v tm i h symbol parameter v drm peak repetitive forward off state voltage i drm peak forward blocking current v rrm peak repetitive reverse off state voltage i rrm peak reverse blocking current voltage current characteristic of triacs (bidirectional device) i drm at v drm on state off state i rrm at v rrm quadrant 1 mainterminal 2 + quadrant 3 mainterminal 2 - v tm i h v tm maximum on state voltage i h holding current mt1 (+) i gt gate (+) mt2 ref mt1 (-) i gt gate (+) mt2 ref mt1 (+) i gt gate (-) mt2 ref mt1 (-) i gt gate (-) mt2 ref - mt2 negative (negative half cycle) mt2 positive (positive half cycle) + quadrant iii quadrant iv quadrant ii quadrant i quadrant definitions for a triac i gt - + i gt all polarities are referenced to mt1. with in-phase signals (using standard ac lines) quadrants i and iii are used. sensitive gate logic reference ic logic functions firing quadrant i ii iii iv ttl 2n6071a series 2n6071a series htl 2n6071a series 2n6071a series cmos (nand) 2n6071b series 2n6071b series cmos (buffer) 2n6071b series 2n6071b series operational amplifier 2n6071a series 2n6071a series zero voltage switch 2n6071a series 2n6071a series
2n6071a/b series http://onsemi.com 5 i t(av) , average on\state current (amp) 140 120 100 80 60 40 20 0 -20 -40 -60 0.3 0.5 0.7 1.0 2.0 2.0 3.0 0.5 0.3 0.7 1.0 120 3.0 -60 -40 -20 0 20 40 60 80 100 140 off\state voltage = 12 vdc all modes off\state voltage = 12 vdc all modes t j , junction temperature ( c) t j , junction temperature ( c) 120 90 30 dc 0 2.0 4.0 8.0 6.0 4.0 3.0 2.0 1.0 i t(rms) , rms on\state current (amp) 3.0 0 0 2.0 4.0 6.0 0 1.0 2.0 8.0 4.0 = 30 60 90 120 180 dc i t(av) , average on\state current (amp) 80 3.0 90 70 100 0 1.0 2.0 110 4.0 60 120 dc = conduction angle a a a = conduction angle a 70 80 3.0 100 0 1.0 2.0 90 a 110 120 180 dc 90 = 30 a a = conduction angle 4.0 i t(rms) , rms on\state current (amp) 180 = 30 90 = conduction angle 60 60 t , case temperature ( c) c t , case temperature ( c) c p , average power (watts) (av) v gt p , average power (watts) (av) i gt = 180 figure 1. average current derating figure 2. rms current derating figure 3. power dissipation figure 4. power dissipation figure 5. typical gate-trigger voltage figure 6. typical gate-trigger current , gate trigger voltage (normalized) , gate trigger current (normalized)
2n6071a/b series http://onsemi.com 6 , transient thermal impedance ( 40 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0.1 0 1.0 2.0 3.0 4.0 5.0 v tm , on\state voltage (volts) t j = 110 c t j = 25 c 3.0 2.0 1.0 0.7 0.5 0.3 -60 -40 -20 0 20 40 60 80 100 120 140 t j , junction temperature ( c) gate open applies to either direction 34 32 30 28 26 24 22 20 18 16 14 1.0 2.0 3.0 4.0 5.0 7.0 10 number of full cycles t j = -40 to +110 c f = 60 hz 0.2 0.1 0.5 1.0 2.0 5.0 10 20 50 100 200 500 1.0 k 2.0 k 5.0 k 10 k maximum typical 0.1 0.2 0.5 1.0 2.0 3.0 5.0 10 0.3 t, time (ms) i h , holding current (normalized) i tm , on\state current (amp) peak sine wave current (amp) z jc(t) c/w) 30 20 10 figure 7. maximum on-state characteristics figure 8. typical holding current figure 9. maximum allowable surge current figure 10. thermal response
2n6071a/b series http://onsemi.com 7 ordering information device package shipping ? 2n6071a to-225 500 units / box 2n6071ag to-225 (pb-free) 2n6071at to-225 50 units / tube 2000 units / box 2N6071ATG to-225 (pb-free) 50 units / tube 2000 units / box 2n6071b to-225 500 units / box 2n6071bg to-225 (pb-free) 2n6071bt to-225 50 units / tube 2000 units / box 2n6071btg to-225 (pb-free) 50 units / tube 2000 units / box 2n6073a to-225 500 units / box 2n6073ag to-225 (pb-free) 2n6073b to-225 2n6073bg to-225 (pb-free) 2n6075a to-225 2n6075ag to-225 (pb-free) 2n6075b to-225 2n6075bg to-225 (pb-free) ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
2n6071a/b series http://onsemi.com 8 package dimensions to-225 case 77-09 issue z notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 077-01 thru -08 obsolete, new standard 077-09. -b- -a- m k f c q h v g s d j r u 13 2 2 pl m a m 0.25 (0.010) b m m a m 0.25 (0.010) b m dim min max min max millimeters inches a 0.425 0.435 10.80 11.04 b 0.295 0.305 7.50 7.74 c 0.095 0.105 2.42 2.66 d 0.020 0.026 0.51 0.66 f 0.115 0.130 2.93 3.30 g 0.094 bsc 2.39 bsc h 0.050 0.095 1.27 2.41 j 0.015 0.025 0.39 0.63 k 0.575 0.655 14.61 16.63 m 5 typ 5 typ q 0.148 0.158 3.76 4.01 r 0.045 0.065 1.15 1.65 s 0.025 0.035 0.64 0.88 u 0.145 0.155 3.69 3.93 v 0.040 --- 1.02 ---  style 5: pin 1. mt 1 2. mt 2 3. gate on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. typical parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including typicals must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800-282-9855 toll free ?usa/canada europe, middle east and africa technical support: ?phone: 421 33 790 2910 japan customer focus center ?phone: 81-3-5773-3850 2n6071/d literature fulfillment : ?literature distribution center for on semiconductor ?p.o. box 5163, denver, colorado 80217 usa ? phone : 303-675-2175 or 800-344-3860 toll free usa/canada ? fax : 303-675-2176 or 800-344-3867 toll free usa/canada ? email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of 2N6071ATG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X