Part Number Hot Search : 
RP20342S 15KP20CA F0805 000WD X40420 MC78L MC78L C20T06Q
Product Description
Full Text Search
 

To Download 2N3904A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2002. 2. 1 1/5 semiconductor technical data 2N3904A epitaxial planar npn transistor revision no : 0 general purpose application. switching application. features low leakage current : i cex =50na(max.), i bl =50na(max.) @v ce =30v, v eb =3v. low saturation voltage : v ce(sat) =0.3v(max.) @i c =50ma, i b =5ma. low collector output capacitance : c ob =4pf(max.) @v cb =5v. complementary to 2n3906a. maximum rating (ta=25 ) to-92 dim millimeters a b c d f g h j k l 4.70 max 4.80 max 3.70 max 0.45 1.00 1.27 0.85 0.45 14.00 0.50 0.55 max 2.30 d 1 2 3 b a j k g h f f l e c e c m n 0.45 max m 1.00 n 1. emitter 3. collector 2. base + _ characteristic symbol rating unit collector-base voltage v cbo 60 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 6 v collector current i c 200 ma base current i b 50 ma collector power dissipation ta=25 p c 625 mw tc=25 1.5 w junction temperature t j 150 storage temperature range t stg -55 150
characteristic symbol test condition min. typ. max. unit collector cut-off current i cex v ce =30v, v eb =3v - - 50 na base cut-off current i bl v ce =30v, v eb =3v - - 50 na collector-base breakdown voltage v (br)cbo i c =10 a, i e =0 60 - - v collector-emitter breakdown voltage v (br)ceo i c =1ma, i b =0 40 - - v emitter-base breakdown voltage v (br)ebo i e =10 a, i c =0 6.0 - - v dc current gain * h fe (1) v ce =1v, i c =0.1ma 40 - - h fe (2) v ce =1v, i c =1ma 70 - - h fe (3) v ce =1v, i c =10ma 100 - 300 h fe (4) v ce =1v, i c =50ma 60 - - h fe (5) v ce =1v, i c =100ma 30 - 60 collector-emitter saturation voltage * v ce(sat) 1 i c =10ma, i b =1ma - - 0.2 v v ce(sat) 2 i c =50ma, i b =5ma - - 0.3 base-emitter saturation voltage * v be(sat) 1 i c =10ma, i b =1ma 0.65 - 0.85 v v be(sat) 2 i c =50ma, i b =5ma - - 0.95 transition frequency f t v ce =20v, i c =10ma, f=100mhz 300 - - mhz collector output capacitance c ob v cb =5v, i e =0, f=1mhz - - 4.0 pf input capacitance c ib v be =0.5v, i c =0, f=1mhz - - 8.0 pf input impedance h ie v ce =10v, i c =1ma, f=1khz 1.0 - 10 k voltage feedback ratio h re 0.5 - 8.0 x10 -4 small-signal current gain h fe 100 - 400 collector output admittance h oe 1.0 - 40 noise figure nf v ce =5v, i c =0.1ma rg=1k , f=10hz 15.7khz - - 5.0 db switching time delay time t d - - 35 ns rise time t r - - 35 storage time t stg - - 200 fall time t f - - 50 2002. 2. 1 2/5 revision no : 0 electrical characteristics (ta=25 ) 2N3904A * pulse test : pulse width 300 s, duty cycle 2%.
2002. 2. 1 3/5 2N3904A revision no : 0
2002. 2. 1 4/5 2N3904A revision no : 0
2002. 2. 1 5/5 2N3904A revision no : 0


▲Up To Search▲   

 
Price & Availability of 2N3904A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X