Part Number Hot Search : 
MIC2563A LC104B EMI9406 ICE13N65 SMAZ5919 M75057 TDB0157 2SK26
Product Description
Full Text Search
 

To Download 0309086 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/produkte/0309086 14.05.2012???page? 1 ?/? 11 component terminal block?-?urtk/s-ben?-?0309086 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) component terminal block, connection method:?screw connection, cross section: ? 0.5 mm2-?10 mm2, awg:20 -?10, width:?8.2 mm, mounting type:?ns 35/7.5,?ns 35/15,?ns 32, color:?gray product description component terminal block, connection method:?screw connection, cross section: ? 0.5 mm2-?10 mm2, awg:20 -?10, width:?8.2 mm, mounting type:?ns 35/7.5,?ns 35/15,?ns 32, color:?gray why buy this product ?easy and clear testing in current transformer secondary circuits can be performed using the test disconnect terminal blocks of the urtk/s range ?on both sides of the disconnect point, the terminal block has a test socket which can also be used to switch across to neighboring terminal blocks ? key commercial data packing unit 1 minimum order quantity 50 catalog page page 463 (cl1-2011) gtin weight per piece (including packing) 0.0 grm weight per piece (excluding packing) 31.64 grm country of origin germany technical data general number of levels 1 number of connections 2 color gray insulating material pa inflammability class according to ul 94 v0 dimensions length 61 mm width 8.2 mm
https://www.phoenixcontact.com/us/produkte/0309086 14.05.2012???page? 2 ?/? 11 component terminal block?-?urtk/s-ben?-?0309086 technical data dimensions height ns 35/7.5 58.5 mm height ns 35/15 66 mm height ns 32 63.5 mm technical data rated surge voltage 6 kv pollution degree 3 surge voltage category iii insulating material group i connection in acc. with standard iec 60947-7-1 nominal current in 41 a nominal voltage un 500 v connection data conductor cross section solid min. 0.5 mm2 conductor cross section solid max. 10 mm2 conductor cross section stranded min. 0.5 mm2 conductor cross section stranded max. 6 mm2 conductor cross section awg/kcmil min. 20 conductor cross section awg/kcmil max 8 conductor cross section stranded, with ferrule without plastic sleeve min. 0.5 mm2 conductor cross section stranded, with ferrule without plastic sleeve max. 6 mm2 conductor cross section stranded, with ferrule with plastic sleeve min. 0.5 mm2 conductor cross section stranded, with ferrule with plastic sleeve max. 4 mm2 2 conductors with same cross section, solid min. 0.5 mm2 2 conductors with same cross section, solid max. 2.5 mm2 2 conductors with same cross section, stranded min. 0.5 mm2 2 conductors with same cross section, stranded max. 6 mm2 2 conductors with same cross section, stranded, ferrules without plastic sleeve, min. 0.5 mm2 2 conductors with same cross section, stranded, ferrules without plastic sleeve, max. 4 mm2 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, min. 0.5 mm2 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, max. 4 mm2 cross section with insertion bridge, solid max. 10 mm2 cross section with insertion bridge, stranded max. 6 mm2 connection method screw connection stripping length 10 mm screw thread m4 tightening torque, min 1.5 nm
https://www.phoenixcontact.com/us/produkte/0309086 14.05.2012???page? 3 ?/? 11 component terminal block?-?urtk/s-ben?-?0309086 technical data connection data tightening torque max 1.8 nm classifications eclass eclass 4.0 27141126 eclass 4.1 27141126 eclass 5.0 27141127 eclass 5.1 27141127 eclass 6.0 27141127 etim etim 2.0 ec000902 etim 3.0 ec000902 etim 4.0 ec000902 unspsc unspsc 6.01 30211811 unspsc 7.0901 39121410 unspsc 11 39121410 unspsc 12.01 39121410 unspsc 13.2 39121410 approvals certificates certification csa / ul recognized / kema-keur / cul recognized / gost / dnv / rs / prs / cca / gost / culus recognized certification ex certification submitted approval details csa? ? ? mm2/awg/kcmil 26-10 nominal current in 40 a
https://www.phoenixcontact.com/us/produkte/0309086 14.05.2012???page? 4 ?/? 11 component terminal block?-?urtk/s-ben?-?0309086 approvals ? ? nominal voltage un 300 v ul recognized? ? ? mm2/awg/kcmil 26-8 nominal current in 50 a nominal voltage un 300 v kema-keur? ? ? mm2/awg/kcmil 6 nominal voltage un 500 v cul recognized? ? ? mm2/awg/kcmil 26-8 nominal current in 50 a nominal voltage un 300 v gost? dnv? rs? prs? cca? ? ? mm2/awg/kcmil 6 nominal voltage un 500 v gost? culus recognized? accessories accessories assembly
https://www.phoenixcontact.com/us/produkte/0309086 14.05.2012???page? 5 ?/? 11 component terminal block?-?urtk/s-ben?-?0309086 accessories din rail?-?ns 35/ 7,5 unperf 2000mm?-?0801681 din rail, material: steel, unperforated, height 7.5 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 35/ 7,5 cu unperf 2000mm?-?0801762 din rail, material: copper, unperforated, height 7.5 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 32 cu/120qmm unperf 2000mm?-?1201280 g-profile din rail, deep-drawn, material: copper, unperforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 35/15 unperf 2000mm?-?1201714 din rail, material: steel, unperforated, height 15 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 32 cu/35qmm unperf 2000mm?-?1201358 g-profile din rail, material: copper, unperforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 32 al unperf 2000mm?-?1201028 g rail 32 mm (ns 32) ? ?
https://www.phoenixcontact.com/us/produkte/0309086 14.05.2012???page? 6 ?/? 11 component terminal block?-?urtk/s-ben?-?0309086 accessories din rail?-?ns 32 unperf 2000mm?-?1201015 g-profile din rail, material: steel, unperforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 32 perf 2000mm?-?1201002 g-profile din rail, material: steel, perforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 35/15 cu unperf 2000mm?-?1201895 din rail, material: copper, unperforated, 1.5 mm thick, height 15 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 35/15-2,3 unperf 2000mm?-?1201798 din rail, material: steel, unperforated, 2.3 mm thick, height 15 mm, width 35 mm, length: 2 m ? ? din rail, unperforated?-?ns 35/15 al unperf 2000mm?-?1201756 din rail, deep drawn, high profile, unperforated, 1.5 mm thick, material: aluminum, height 15 mm, width 35 mm, length 2000 mm ? ?
https://www.phoenixcontact.com/us/produkte/0309086 14.05.2012???page? 7 ?/? 11 component terminal block?-?urtk/s-ben?-?0309086 accessories din rail perforated?-?ns 35/15 perf 2000mm?-?1201730 din rail, material: steel galvanized and passivated with a thick layer, perforated, height 15 mm, width 35 mm, length: 2000 mm ? ? din rail perforated?-?ns 35/ 7,5 perf 2000mm?-?0801733 din rail, material: steel galvanized and passivated with a thick layer, perforated, height 7.5 mm, width 35 mm, length: 2000 mm ? ? end clamp?-?clipfix 35?-?3022218 snap-on end bracket, for 35 mm ns 35/7.5 or ns 35/15 din rail, can be fitted with zack strip zb 8 and zb 8/27, terminal strip marker klm 2 and klm, width: 9.5 mm, color: gray ? ? end clamp?-?e/uk?-?1201442 end clamp, for assembly on ns 32 or ns 35/7.5 din rail ? ? end cover?-?d-urtk/s-ben?-?0308029 end cover, length:?61 mm, width:?2.2 mm, color:?gray ? ? separating plate?-?ts-rtk-ben?-?0308210 separating plate, length:?61 mm, width:?0.8 mm, color:?gray ? ?
https://www.phoenixcontact.com/us/produkte/0309086 14.05.2012???page? 8 ?/? 11 component terminal block?-?urtk/s-ben?-?0309086 accessories partition plate?-?ats-rtk-ben?-?0308223 partition plate, length:?61 mm, width:?0.8 mm, height:?58.5 mm, color:?gray ? ? bridges insertion bridge?-?eb 2- 8?-?0202154 insertion bridge, number of positions:?2, color:?gray ? ? insertion bridge?-?eb 3- 8?-?0202141 insertion bridge, number of positions:?3, color:?gray ? ? insertion bridge?-?eb 10- 8?-?0202138 insertion bridge, number of positions:?10, color:?gray ? ? switching lock?-?s?-?0308359 switching lock, length:?12 mm, width:?8.2 mm, color:?white ? ? marking
https://www.phoenixcontact.com/us/produkte/0309086 14.05.2012???page? 9 ?/? 11 component terminal block?-?urtk/s-ben?-?0309086 accessories zack marker strip?-?zb 8:so/cms?-?1050512 zack marker strip, white, for terminal block width: 8 mm ? ? marker cards?-?sbs 8:unbedruckt?-?1007235 marker cards, card, white, unlabeled, can be labeled with: plotter, mounting type: snap into tall marker groove, snap into flat marker groove, for terminal block width: 8.2 mm, lettering field: 6 x 8.1 mm ? ? plug/adapter short-circuit connector?-?kss 4- 8?-?0309549 short-circuit connector, number of positions:?4, color:?black ? ? screwdriver?-?szg 0,9x6,5 vde?-?1205134 screwdriver, bladed, graded, for test socket screws, size: 0.9 x 6.5 x 175 mm, 2-component grip, with non-slip grip ? ? drawings
https://www.phoenixcontact.com/us/produkte/0309086 14.05.2012???page? 10 ?/? 11 component terminal block?-?urtk/s-ben?-?0309086 circuit diagram a = open 1 = cover 2 = insertion bridge 9 = separating plate 10 = partition plate
https://www.phoenixcontact.com/us/produkte/0309086 14.05.2012???page? 11 ?/? 11 component terminal block?-?urtk/s-ben?-?0309086 schematic diagram simple current transformer test circuit a = normal operation b = measured value testing c = transformer short-circuit d = relay testing circuit diagram ? phoenix contact 2012 - all rights reserved http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of 0309086

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X