Part Number Hot Search : 
7C109V33 STK4793 567M0 GSS4565 H11D2300 ADP31 DDA123JK SM106
Product Description
Full Text Search
 

To Download VS-150-48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
     ? v-infinity, llc, 9615 sw allen blvd suite 103, beaverton, or 97005 www.v-infinity.com 1-866-372-1258 VS-150-48 metal enclosed switching power supply dc output voltage 48v output v. tolerance 1% output rated current 3.2a output current range 0-3.2a ripple & noise 240mvp-p line regulation 0.2% load regulation 0.2% dc output power 153.6w efficiency 87% dc voltage adj. 43-53v ( 10% rated output voltage) input voltage range 88~132vac / 176~264vac selected by switch 47~63hz; 248~370vdc ac current 3.2a/115v 1.6a/230v inrush current cold start 35a leakage current <3.5ma/240vac overload protection 105%~150% shutoff, ac recycle to restart over voltage protection 115%~135% over temp. protection --- temperature coefficient 0.03% / c (0~50c) set up, rise, hold up time 100ms, 50ms, 20ms vibration 10~500hz, 2g 10min./1cycle (1 hour each axes) withstand voltage i/p-o/p:3kvac, i/p-fg:1.5kvac, o/p-fg:0.5kvac, for 1 min. isolation resistance i/p-o/p, i/p-fg, o/p-fg:500vdc / 100m ohms min. working temp., humidity -10c~+60% (refer to output derating curve), 20%-90% rh storage temp., humidity -20oc~+85oc, 10%~95% rh dimensions 7.83x4.33x1.97 inches (199x110x50 mm) weight 1.76 lbs (0.8 kg) safety standards ul1950, tuv en60950, ul 1012 emc standards cispr22 (en55022), iec1000-4-2,3,4,5 iec1000-3-2 notes: 1. all parameters are specified at 230vac input, rated load, 25c 70% rh ambient 2. tolerance includes set up tolerance, line regulation, load regulation 3. ripple & noise are measured at 20mhz by using a 12? twisted pair terminated with a 0.1uf & 47 uf capacitor 4. line regulation is measured from low line to high line at rated load 5, load regulation is measure from 0% to 100% rated load *v-infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise cus- tomers to verify the most up-to-date product information before placing orders. v-infinity assumes no liability or responsibili ty for cus- tomer?s applications using v-infinity products other than repair or replacing (at v-i?s option) v-infinity products not meeting v-i?s pub- lished specifications. nothing will be covered outside of standard product warranty. features ac input range selectable by switch short circuit, overload, over-voltage protected cooling by free air convection 100% full load burn-in test fixed switching frequency at 25khz 2 year warranty
   ? v-infinity, llc, 9615 sw allen blvd suite 103, beaverton, or 97005 www.v-infinity.com 1-866-372-1258 VS-150-48 metal enclosed switching power supply block diagram output derating static characteristics dimensions (mm)


▲Up To Search▲   

 
Price & Availability of VS-150-48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X