|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
transistors with built-in resistor 1 publication date: december 2003 sjh00010ced unr221x series (un221x series) silicon npn epitaxial planar transistor for digital circuits features ? costs can be reduced through downsizing of the equipment and reduction of the number of parts. ? mini type package allowing easy automatic insertion through tape packing and magazine packing resistance by part number marking symbol (r 1 )(r 2 ) ? unr2210 (un2210) 8l 47 k ?? ? unr2211 (un2211) 8a 10 k ? 10 k ? ? unr2212 (un2212) 8b 22 k ? 22 k ? ? unr2213 (un2213) 8c 47 k ? 47 k ? ? unr2214 (un2214) 8d 10 k ? 47 k ? ? unr2215 (un2215) 8e 10 k ?? ? unr2216 (un2216) 8f 4.7 k ?? ? unr2217 (un2217) 8h 22 k ?? ? unr2218 (un2218) 8i 0.51 k ? 5.1 k ? ? unr2219 (un2219) 8k 1 k ? 10 k ? ? unr221d (un221d) 8m 47 k ? 10 k ? ? unr221e (un221e) 8n 47 k ? 22 k ? ? unr221f (un221f) 8o 4.7 k ? 10 k ? ? unr221k (un221k) 8p 10 k ? 4.7 k ? ? unr221l (un221l) 8q 4.7 k ? 4.7 k ? ? UNR221M (un221m) el 2.2 k ? 47 k ? ? unr221n (un221n) ex 4.7 k ? 47 k ? ? unr221t (un221t) ez 22 k ? 47 k ? ? unr221v (un221v) fd 2.2 k ? 2.2 k ? ? unr221z (un221z) ff 4.7 k ? 22 k ? absolute maximum ratings t a = 25 c b r 1 r 2 c e internal connection unit: mm 1: base 2: emitter 3: collector eiaj: sc-59 mini3-g1 package 0.40 +0.10 ?0.05 (0.65) 1.50 +0.25 ?0.05 2.8 +0.2 ?0.3 2 1 3 (0.95) (0.95) 1.9 0.1 2.90 +0.20 ?0.05 0.16 +0.10 ?0.06 0.4 0.2 5? 10? 0 to 0.1 1.1 +0.2 ?0.1 1.1 +0.3 ?0.1 note) the part numbers in the parenthesis show conventional part number. parameter symbol rating unit collector-base voltage (emitter open) v cbo 50 v collector-emitter voltage (base open) v ceo 50 v collector current i c 100 ma total power dissipation p t 200 mw junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c
unr221x series 2 sjh00010ced electrical characteristics t a = 25 c 3 c parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = 10 a, i e = 050v collector-emitter voltage (base open) v ceo i c = 2 ma, i b = 050v collector-base cutoff current (emitter open) i cbo v cb = 50 v, i e = 0 0.1 a collector-emitter cutoff current (base open) i ceo v ce = 50 v, i b = 0 0.5 a emitter-base unr2210/2215/2216/2217 i ebo v eb = ? 6 v, i c = 0 0.01 ma cutoff current unr2213 0.1 (collector open) unr2212/2214/221d/ 0.2 221e/221m/221n/221t unr221z 0.4 unr2211 0.5 unr221f/221k 1.0 unr2219 1.5 unr2218/221l/221v 2.0 forward current unr221v h fe v ce = 10 v, i c = 5 ma 6 20 ? transfer ratio unr2218/221k/221l 20 unr2219/221d/221f 30 unr2211 35 unr2212/221e 60 unr221z 60 200 unr2213/2214/221m 80 unr221n/221t 80 400 unr2210 * /2215 * /2216 * /2217 * 160 460 collector-emitter saturation voltage v ce(sat) i c = 10 ma, i b = 0.3 ma 0.25 v unr221v i c = 10 ma, i b = 1.5 ma output voltage high-level v oh v cc = 5 v, v b = 0.5 v, r l = 1 k ? 4.9 v output voltage low-level v ol v cc = 5 v, v b = 2.5 v, r l = 1 k ? 0.2 v unr2213/221k v cc = 5 v, v b = 3.5 v, r l = 1 k ? unr221d v cc = 5 v, v b = 10 v, r l = 1 k ? unr221e v cc = 5 v, v b = 6 v, r l = 1 k ? transition frequency f t v cb = 10 v, i e = ? 2 ma, f = 200 mhz 150 mhz input resistance unr2218 r 1 ? 30% 0.51 + 30% k ? unr2219 1.0 UNR221M/211v 2.2 unr2216/221f/221l/ 4.7 221n/221z unr2211/2214/2215/221k 10 unr2212/2217/221t 22 unr2210/2213/221d/221e 47 rank q r s no-rank h fe 160 to 260 210 to 340 290 to 460 160 to 460 note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * : rank classification unr221x series 3 sjh00010ced electrical characteristics (continued) t a = 25 c 3 c parameter symbol conditions min typ max unit resistance ratio UNR221M r 1 /r 2 0.047 ? unr221n 0.1 unr2218/2219 0.08 0.10 0.12 unr221z 0.21 unr2214 0.17 0.21 0.25 unr221t 0.47 unr221f 0.37 0.47 0.57 unr221v 1.0 unr2211/2212/2213/221l 0.8 1.0 1.2 unr221k 1.70 2.13 2.60 unr221e 1.70 2.14 2.60 unr221d 3.7 4.7 5.7 i c ? v ce v ce(sat) ? i c h fe ? i c common characteristics chart p t ? t a characteristics charts of unr2210 0 50 100 150 200 250 0 40 80 120 160 ambient temperature t a ( c ) total power dissipation p t ( mw ) note) measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 012 210 48 6 0 60 50 40 30 20 10 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = 10 v t a = 75 c 25 c ? 25 c unr221x series 4 sjh00010ced i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o characteristics charts of unr2211 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 i c / i b = 10 t a = 75 c 25 c ? 25?c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 100 200 300 400 10 100 1 000 v ce = 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c (ma) 0 0.1 6 5 4 3 2 1 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c unr221x series 5 sjh00010ced i c ? v ce v ce(sat) ? i c h fe ? i c i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr2212 characteristics charts of unr2213 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.9 ma 0.8 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c unr221x series 6 sjh00010ced c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr2214 0 0.1 6 5 4 3 2 1 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c unr221x series 7 sjh00010ced i c ? v ce v ce(sat) ? i c h fe ? i c i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr2215 characteristics charts of unr2216 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma i b = 1.0 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c unr221x series 8 sjh00010ced c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr2217 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 012 210 48 6 0 120 100 80 60 40 20 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1 .0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0 0.1 6 5 4 3 2 1 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 v o = 5 v t a = 25 c output current i o ( a) input voltage v in (v) 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c unr221x series 9 sjh00010ced i c ? v ce v ce(sat) ? i c h fe ? i c i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr2218 characteristics charts of unr2219 012 210 48 6 0 240 200 160 120 80 40 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 40 80 120 160 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 012 210 48 6 0 240 200 160 120 80 40 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 40 80 120 160 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c unr221x series 10 sjh00010ced c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr221d 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 012 210 48 6 0 30 25 20 15 10 5 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 40 80 120 160 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 1.5 10 10 2 10 3 10 4 4.0 3.5 3.0 2.5 2.0 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c unr221x series 11 sjh00010ced i c ? v ce v ce(sat) ? i c h fe ? i c i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr221e characteristics charts of unr221f 012 210 48 6 0 60 50 40 30 20 10 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 40 80 120 160 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1mhz i e = 0 t a = 25 c 1 1.5 10 10 2 10 3 10 4 4.0 3.5 3.0 2.5 2.0 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 012 210 48 6 0 240 200 160 120 80 40 t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma collector-emitter voltage v ce (v) collector current i c (ma) 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 40 80 120 160 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c unr221x series 12 sjh00010ced c ob ? v cb i o ? v in v in ? i o c ob ? v cb v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr221k 0 0.1 6 5 4 3 2 1 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 012 210 48 6 0 240 200 160 120 80 40 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.2 ma 0.2 ma 0.4 ma 0.6 ma 0.8 ma 1.0 ma 0.01 1 0.1 1 10 100 10 100 1 000 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 240 200 160 120 80 40 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0 1 6 5 4 3 2 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c unr221x series 13 sjh00010ced i c ? v ce v ce(sat) ? i c h fe ? i c i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb v in ? i o characteristics charts of unr221l characteristics charts of UNR221M 012 210 48 6 0 240 200 160 120 80 40 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.2 ma 0.4 ma 0.6 ma 0.8 ma 0.01 1 0.1 1 10 100 10 100 1 000 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 240 200 160 120 80 40 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0 1 6 5 4 3 2 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 0 012 210 48 6 240 200 160 120 80 40 t a = 25 c i b = 1.0 ma 0.2 ma 0.1 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma collector-emitter voltage v ce (v) collector current i c (ma) 0.001 1 0.01 0.1 1 10 10 100 1 000 i c / i b = 10 t a = 75 c 25 c ? 25?c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 100 200 300 500 400 10 100 1 000 v ce = 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c (ma) unr221x series 14 sjh00010ced c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr221n 0 0.1 5 4 3 2 1 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 v o = 5 v t a = 25 c output current i o ( a) input voltage v in (v) 0.01 0.1 0.1 1 10 100 1 10 100 v o = 0.2 v t a = 25 c input voltage v in (v) output current i o (ma) 012 210 48 6 0 40 120 80 160 i b = 1.0 ma 0.2 ma 0.4 ma 0.8 ma 0.7 ma 0.6 ma t a = 25 c 0.9 ma 0.5 ma 0.3 ma 0.1 ma collector-emitter voltage v ce (v) collector current i c (ma) 0.01 0.1 1 10 1 10 100 1 000 i c / i b = 10 25 c ? 25 c t a = 75 c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 480 400 320 240 160 80 1 10 100 1 000 v ce = 10 v 25 c ? 25 c t a = 75 c forward current transfer ratio h fe collector current i c (ma) 1 10 100 0 6 5 4 3 2 1 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 1.2 1.0 0.4 0.6 0.8 1.4 v o = 5 v t a = 25 c 1 10 10 2 10 3 10 4 output current i o ( a) input voltage v in (v) 0.01 0.1 1 10 100 0.1 1 10 100 v o = 0.2 v t a = 25 c input voltage v in (v) output current i o (ma) unr221x series 15 sjh00010ced i c ? v ce v ce(sat) ? i c h fe ? i c i o ? v in i o ? v in v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr221t characteristics charts of unr221v 0 012 210 48 6 40 120 80 160 t a = 25 c i b = 1.0 ma 0.7 ma 0.8 ma 0.9 ma 0.6 ma 0.5 ma 0.4 ma 0.3 ma 0.2 ma 0.1 ma collector-emitter voltage v ce (v) collector current i c (ma) 0.01 1 0.1 1 10 10 100 1 000 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 480 400 320 240 160 80 10 100 1 000 v ce = 10 v t a = 75 c ? 25 c 25 c forward current transfer ratio h fe collector current i c (ma) 0 1 6 5 4 3 2 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 v o = 5 v t a = 25 c output current i o ( a) input voltage v in (v) 0.01 0.1 0.1 1 10 100 1 10 100 v o = 0.2 v t a = 25 c input voltage v in (v) output current i o (ma) 0 012 210 48 6 40 120 80 160 t a = 25 c i b = 1.0 ma 0.7 ma 0.8 ma 0.9 ma 0.6 ma 0.5 ma 0.4 ma 0.3 ma 0.2 ma collector-emitter voltage v ce (v) collector current i c (ma) 0.01 1 0.1 1 10 10 100 1 000 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 240 200 160 120 80 40 10 100 1 000 v ce = 10 v t a = 75 c ? 25 c 25 c forward current transfer ratio h fe collector current i c (ma) unr221x series 16 sjh00010ced c ob ? v cb i o ? v in v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr221z 0 1 6 5 4 3 2 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 v o = 5 v t a = 25 c output current i o ( a) input voltage v in (v) 0.01 0.1 0.1 1 10 100 1 10 100 v o = 0.2 v t a = 25 c input voltage v in (v) output current i o (ma) 0 012 210 48 6 40 120 80 160 t a = 25 c i b = 1.0 ma 0.7 ma 0.8 ma 0.9 ma 0.6 ma 0.5 ma 0.4 ma 0.3 ma 0.2 ma 0.1 ma collector-emitter voltage v ce (v) collector current i c (ma) 0.01 1 0.1 1 10 10 100 1 000 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 480 400 320 240 160 80 10 100 1 000 v ce = 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c (ma) 0 1 6 5 4 3 2 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 v o = 5 v t a = 25 c output current i o ( a) input voltage v in (v) 0.01 0.1 0.1 1 10 100 1 10 100 v o = 0.2 v t a = 25 c input voltage v in (v) output current i o (ma) request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep |
Price & Availability of UNR221M |