Part Number Hot Search : 
C2510 TC90A67F 1A101 0402C TIC225S ATRO420 STA472A TYPETE
Product Description
Full Text Search
 

To Download UD04N65 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  C 1 2011-03-14 - 1 - 1 UD04N65 n-ch 650v fast switching mosfets symbol parameter rating units v ds drain-source voltage 650 v v gs gate-sou r ce voltage 30 v i d @t c =25 continuous drain current, v gs @ 10v 1 4 a i d @t c =100 continuous drain current, v gs @ 10v 1 2.6 a i dm pulsed drain current 2 8 a eas single pulse avalanche energy 3 26.2 mj i as avalanche current 7 a p d @t c =25 total power dissipation 4 62.5 w t stg storage temperature range -55 to 150 t j operating junction temperature range -55 to 150 symbol parameter typ. max. unit r ja thermal resistance junction-ambient (steady state) 1 --- 62 /w r jc thermal resistance junction-case 1 --- 2 /w id 650v 2.6 ? 4a the UD04N65 is the highest performance n-ch mosfets with extreme high cell density , which provide excellent rdson and gate charge for most of the synchronous buck converter applications . the UD04N65 meet the rohs and green product requirement , 100% eas guaranteed with full function reliability approved. z super low gate charge z excellent cdv/dt effect decline z 100% eas guaranteed z green device available general description features applications z high efficient switched mode power supplies z electronic lamp ballast z lcd tv/ monitor z adapter absolute maximum ratings thermal data to252 pin configuration product summery bv dss r ds(on) bv dss r ds(on)
C 2 2011-03-14 - 2 - 2 n-ch 650v fast switching mosfets symbol parameter conditions min. typ. max. unit bv dss drain-source breakdown voltage v gs =0v , i d =250ua 650 --- --- v bv dss / t j bv dss temperature coefficient reference to 25 , i d =1ma --- 0.69 --- v/ r ds(on) static drain-source on-resistance 2 v gs =10v , i d =2a --- 2.1 2.6 v gs(th) gate threshold voltage v gs =v ds , i d =250ua 2 --- 5 v v gs(th) v gs(th) temperature coefficient --- -8.2 --- mv/ i dss drain-source leakage current v ds =520v , v gs =0v , t j =25 --- --- 2 ua i gss gate-source leakage current v gs = 30v , v ds =0v --- --- 100 na gfs forward transconductance v ds =15v , i d =2a --- 3 --- s r g gate resistance v ds =0v , v gs =0v , f=1mhz --- 3.4 6.8 q g total gate charge (10v) v ds =520v , v gs =10v , i d =1a --- 18 --- nc q gs gate-source charge --- 4.9 --- q gd gate-drain charge --- 6.1 --- t d(on) turn-on delay time v dd =300v , v gs =10v , r g =10 , i d =1a --- 11.2 --- ns t r rise time --- 18.8 --- t d(off) turn-off delay time --- 29.2 --- t f fall time --- 29.2 --- c iss input capacitance v ds =25v , v gs =0v , f=1mhz --- 775 --- pf c oss output capacitance --- 56 --- c rss reverse transfer capacitance --- 3.8 --- symbol parameter conditions min. typ. max. unit eas single pulse avalanche energy 5 v dd =50v , l=1mh , i as =4a 8.6 --- --- mj symbol parameter conditions min. typ. max. unit i s continuous source current 1,6 v g =v d =0v , force current --- --- 4 a i sm pulsed source current 2,6 --- --- 8 a v sd diode forward voltage 2 v gs =0v , i s =1a , t j =25 --- --- 1 v t rr reverse recovery time if=1a , di/dt=100a/s , t j =25 --- 195 --- ns q rr reverse recovery charge --- 580 --- nc note : 1.the data tested by surface mounted on a 1 inch 2 fr-4 board with 2oz copper. 2.the data tested by pulsed , pulse width Q 300us , duty cycle Q 2% 3.the eas data shows max. rating . the test condition is v dd =50v,v gs =10v,l=1mh,i as =7a 4.the power dissipation is limited by 150 junction temperature 5.the min. value is 100% eas tested guarantee. 6.the data is theoretically the same as i d and i dm , in real applications , should be limited by total power dissipation. electrical characteristics (t j =25 , unless otherwise noted) guaranteed avalanche characteristics diode characteristics UD04N65
C 3 2011-03-14 - 3 - 3 n-ch 650v fast switching mosfets 1.5 2.5 3.5 4.5 5.5 46810 v gs (v) r dson ( ? ) i d =2a 0 0.5 1 1.5 2 2.5 3 0.00 0.25 0.50 0.75 1.00 v sd , source-to-drain voltage (v) i s source current(a) t j =150 t j =25 0.2 0.6 1 1.4 1.8 -50 0 50 100 150 t j ,junction temperature ( ) normalized v gs(th) (v) 0.4 1.0 1.6 2.2 2.8 -50 0 50 100 150 t j , junction temperature ( ) normalized on resistance typical characteristics fig.1 typical output characteristics fig.2 on-resistance vs. g-s voltage fig.3 forward characteristics of reverse fig.4 gate-charge characteristics fig.5 normalized v gs(th) vs. t j fig.6 normalized r dson vs. t j UD04N65
C 4 2011-03-14 - 4 - 4 n-ch 650v fast switching mosfets 1 10 100 1000 10000 1 5 9 13172125 v ds , drain to source voltage (v) capacitance (pf) f=1.0mhz ciss coss crss 0.01 0.10 1.00 10.00 0.1 1 10 100 1000 10000 v ds (v) i d (a) 10us 100us 10ms 100ms dc t c =25 single pulse 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r jc ) 0.01 0.05 0.1 0.2 duty=0.5 single p dm d = t on /t t jpeak = t c +p dm xr jc t on t 0.02 fig.8 safe operating area fig.9 normalized maximum transient thermal impedance fig.7 capacitance fig.10 switching time waveform fig.11 unclamped inductive switching waveform UD04N65


▲Up To Search▲   

 
Price & Availability of UD04N65

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X