Part Number Hot Search : 
PD0250 E000913 NSC5136D 2SC3545 SC65D02 EKLDL160 NH15FE M104I
Product Description
Full Text Search
 

To Download UD0018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 UD0018 n-ch 100v fast switching mosfets symbol parameter rating units v ds drain-source voltage 100 v v gs gate-sou r ce voltage 20 v i d @t c =25 continuous drain current, v gs @ 10v 1 45 a i d @t c =100 continuous drain current, v gs @ 10v 1 28 a i d @t a =25 continuous drain current, v gs @ 10v 1 6.6 a i d @t a =70 continuous drain current, v gs @ 10v 1 5.3 a i dm pulsed drain current 2 100 a eas single pulse avalanche energy 3 98 mj i as avalanche current 41 a p d @t c =25 total power dissipation 4 90 w p d @t a =70 total power dissipation 4 2 w t stg storage temperature range -55 to 150 t j operating junction temperature range -55 to 150 symbol parameter typ. max. unit r ja thermal resistance junction-ambient 1 --- 62 /w r jc thermal resistance junction-case 1 --- 1.4 /w id 100v 22m ? 45a the UD0018 is the highest performance trench n-ch mosfets with extreme high cell density , which provide excellent rdson and gate charge for most of the synchronous buck converter applications . the UD0018 meet the rohs and green product requirement , 100% eas guaranteed with full function reliability approved. z advanced high cell density trench technology z super low gate charge z excellent cdv/dt effect decline z 100% eas guaranteed z green device available general description features applications z high frequency point-of-load synchronous buck converter z networking dc-dc power system z led tv back light absolute maximum ratings thermal data to252 pin configuration product summery bv dss r ds(on) bv dss r ds(on)
2 n-ch 100v fast switching mosfets symbol parameter conditions min. typ. max. unit bv dss drain-source breakdown voltage v gs =0v , i d =250ua 100 --- --- v bv dss / t j bv dss temperature coefficient reference to 25 , i d =1ma --- 0.096 --- v/ r ds(on) static drain-source on-resistance 2 v gs =10v , i d =30a --- 18 22 m v gs(th) gate threshold voltage v gs =v ds , i d =250ua 2.5 --- 4.5 v v gs(th) v gs(th) temperature coefficient --- -5.5 --- mv/ i dss drain-source leakage current v ds =80v , v gs =0v , t j =25 --- --- 1 ua v ds =80v , v gs =0v , t j =55 --- --- 5 i gss gate-source leakage current v gs = 20v , v ds =0v --- --- 100 na gfs forward transconductance v ds =5v , i d =30a --- 27 --- s r g gate resistance v ds =0v , v gs =0v , f=1mhz --- 1.9 3.8 q g total gate charge (10v) v ds =80v , v gs =10v , i d =30a --- 27.6 38.6 nc q gs gate-source charge --- 11.4 16 q gd gate-drain charge --- 7.9 11.1 t d(on) turn-on delay time v dd =50v , v gs =10v , r g =3.3 , i d =30a --- 15.6 31.2 ns t r rise time --- 17.2 31 t d(off) turn-off delay time --- 16.8 33.6 t f fall time --- 9.2 18.4 c iss input capacitance v ds =15v , v gs =0v , f=1mhz --- 1890 2645 pf c oss output capacitance --- 268 375 c rss reverse transfer capacitance --- 67 94 symbol parameter conditions min. typ. max. unit eas single pulse avalanche energy 5 v dd =25v , l=0.1mh , i as =30a 53 --- --- mj symbol parameter conditions min. typ. max. unit i s continuous source current 1,6 v g =v d =0v , force current --- --- 45 a i sm pulsed source current 2,6 --- --- 100 a v sd diode forward voltage 2 v gs =0v , i s =1a , t j =25 --- --- 1.2 v t rr reverse recovery time i f =30a , di/dt=100a/s , t j =25 --- 34 --- ns q rr reverse recovery charge --- 47 --- nc note : 1.the data tested by surface mounted on a 1 inch 2 fr-4 board with 2oz copper. 2.the data tested by pulsed , pulse width Q 300us , duty cycle Q 2% 3.the eas data shows max. rating . the test condition is v ds =25v,v gs =10v,l=0.1mh,i as =41a 4.the power dissipation is limited by 150 junction temperature 5.the min. value is 100% eas tested guarantee. 6.the data is theoretically the same as i d and i dm , in real applications , should be limited by total power dissipation. electrical characteristics (t j =25 , unless otherwise noted) guaranteed avalanche characteristics diode characteristics UD0018
3 n-ch 100v fast switching mosfets typical characteristics fig.1 typical output characteristics fig.2 on-resistance v.s gate-source fig.3 forward characteristics of reverse fig.4 gate-charge characteristics fig.5 normalized v gs(th) v.s t j fig.6 normalized r dson v.s t j UD0018
4 n-ch 100v fast switching mosfets 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r jc ) p dm d = t on /t t j peak = t c + p dm x r jc t on t 0.02 0.01 0.05 0.1 0.3 duty=0.5 single pulse fig.8 safe operating area fig.9 normalized maximum transient thermal impedance fig.7 capacitance fig.10 switching time waveform fig.11 unclamped inductive switching waveform UD0018


▲Up To Search▲   

 
Price & Availability of UD0018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X