Part Number Hot Search : 
FM260 0100S ANTX1N66 2SC5968 7282AP 74HC533 RB202 LPS122
Product Description
Full Text Search
 

To Download TC74ACT14FT12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc74act14p/f/ft 2012-02-29 1 toshiba cmos digital integrat ed ci rcuit silicon monolithic tc74act14p,tc74act14f, tc74act14ft hex schmitt inverter the tc74act14 is an advanced high speed cmos schmitt inverter fabricated with silicon gate and double-layer metal wiring c 2 mos technology. it achieves the high speed op eration similar to equivalent bipolar schottky ttl while main taining the cmos low power dissipation. this device may be used as a level converter for interfacing ttl or nmos to high speed cmos . the inputs are compatible with ttl, nmos and cmos output voltage levels. pin configuration and function are the same as the tc74act04 but the inputs have hysteresis and with its schmitt trigger function, the tc74act14 can be used as a line receivers which will receive sl ow input signals. all inputs are equipped with prot ection circuits against static discharge or transi ent excess voltage. features ? high speed: t pd = 6.5 ns (typ.) at v cc = 5 v ? low power dissipation: i cc = 4 a (max) at ta = 25c ? compatible with ttl outputs: v il = 0.8 v (max) v ih = 2.0 v (min) ? symmetrical output impedance: |i oh | = i ol = 24 ma (min) capability of driving 50 ? transmission lines. ? balanced propagation delays: t plh ? t phl ? wide operating voltage range: v cc (opr) = 2 v to 5.5 v ? pin and function compatible with 74f14 tc74act14p tc74act14f tc74act14ft weight dip14-p-300-2.54 : 0.96 g (typ.) sop14-p-300-1.27a : 0.18 g (typ.) tssop14-p-0044-0.65a : 0.06 g (typ.)
tc74act14p/f/ft 2012-02-29 2 pin assignment iec logic symbol truth table a y l h h l system diagram, waveform absolute maximum ratings (note 1) characteristics symbol rating unit supply voltage range v cc ? 0.5 to 7.0 v dc input voltage v in ? 0.5 to v cc + 0.5 v dc output voltage v out ? 0.5 to v cc + 0.5 v input diode current i ik 20 ma output diode current i ok 50 ma dc output current i out 50 ma dc v cc /ground current i cc 150 ma power dissipation p d 500 (dip) (note 2)/180 (sop/tssop) mw storage temperature t stg ? 65 to 150 c note 1: exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in ic performance or even destruction. using continuously under heavy loads (e.g. the app lication of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temper ature/current/voltage, etc. ) are within the absolute maximum ratings and the operating ranges. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 2: 500 mw in the range of ta = ? 40c to 65c. from ta = 65c to 85c a derating factor of ? 10 mw/c should be applied up to 300 mw. 1a 2a 3a 4a 5a 6a (1) (3) (5) (9) (11) (13) 1y 2y 3y 4y 5y 6y (2) (4) (6) (8) (10) (12) v cc 9 6a 6y 5a 8 14 13 12 11 10 1a 1 2 3 4 5 6 7 2y 3a 3y gnd 5y 4a 4y (top view) 1y 2a v n v h y v p a v in (a) v out (y)
tc74act14p/f/ft 2012-02-29 3 operating ranges (note) characteristics symbol rating unit supply voltage v cc 4.5 to 5.5 v input voltage v in 0 to v cc v output voltage v out 0 to v cc v operating temperature t opr ? 40 to 85 c note: the operating ranges must be maintained to ensure the normal oper ation of the device. unused inputs must be tied to either vcc or gnd. electrical characteristics dc characteristics test condition ta = 25c ta = ? 40 to 85c characteristics symbol v cc (v) min typ. max min max unit positive threshold voltage v p D 4.5 D D 2.0 D 2.0 v negative threshold voltage v n D 4.5 0.8 D D 0.8 D v hysteresis voltage v h D 4.5 0.4 D 1.2 0.4 1.2 v high-level output voltage v oh v in = v il i oh = ? 50 a i oh = ? 24 ma i oh = ? 75 ma (note) 4.5 4.5 5.5 4.4 3.94 D 4.5 D D D D D 4.4 3.80 3.85 D D D v low-level output voltage v ol v in = v ih i ol = 50 a i ol = 24 ma i ol = 75 ma (note) 4.5 4.5 5.5 D D D 0.0 D D 0.1 0.36 D D D D 0.1 0.44 1.65 v input leakage current i in v in = v cc or gnd 5.5 D D 0.1 D 1.0 a i cc v in = v cc or gnd 5.5 D D 4.0 D 40.0 a quiescent supply current i c per input: v in = 3.4 v other input: v cc or gnd 5.5 D D 1.35 D 1.5 ma note: this spec indicates the capability of driving 50 ? transmission lines. one output should be tested at a ti me for a 10 ms maximum duration. ac characteristics (c l = 50 pf, r l = 500 ?, input: t r = t f = 3 ns) test condition ta = 25c ta = ? 40 to 85c characteristics symbol v cc (v) min typ. max min max unit propagation delay time t plh t phl D 5.0 0.5 D 7.2 11.4 1.0 13.0 ns input capacitance c in D D 5 10 D 10 pf power dissipation capacitance c pd (note) D 30 D D D pf note: c pd is defined as the value of the internal equivalent capacitance which is ca lculated from the operating current consumption without load. average operating current can be obtained by the equation: i cc (opr) = c pd v cc f in + i cc /6 (per gate)
tc74act14p/f/ft 2012-02-29 4 package dimensions weight: 0.96 g (typ.)
tc74act14p/f/ft 2012-02-29 5 package dimensions weight: 0.18 g (typ.)
tc74act14p/f/ft 2012-02-29 6 package dimensions weight: 0.06 g (typ.)
tc74act14p/f/ft 2012-02-29 7 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduc tion is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and condi tions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) eval uating and determining the applicability of any info rmation contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted fo r use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific appl ications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic si gnaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nse quential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitat ion, the japanese foreign exchange and foreign trade law and t he u.s. export administration regulations. export and re-export of pr oduct or related software or technology are strictly prohibit ed except in compliance with all appl icable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TC74ACT14FT12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X