Part Number Hot Search : 
00400 XR2208CP MC680 1H105K 1UNB1 B3665 100000 SPP2319
Product Description
Full Text Search
 

To Download T-13224G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  name: sheet: date: rhombus p/n: cust p/n: 15801 chemical lane, huntington beach, ca 92649 phone: (714) 898-0960 fax: (714) 896-0971 rhombus transformers & magnetic products industries inc. www.rhombus-ind.com 1 of 1 7/2/96 T-13224G u interface transformer (2b1q coding applications) designed for use with national tp 3410 parameter min. max. units primary inductance (line side) 25.4 28.6 mh pins 4 to 2 with 1 & 5 shorted. primary dc resistance 20 ohms secondary dc resistance 3.0 ohms isolation (hi-pot) 3000 v rms dc bias 60 ma return loss 10khz & 25 khz 20 db longitudinal balance (281 hz to 40 khz) 55 db turns ratio ( + 3 % ) (line : chip) 1.50 : 1 note: operating temp. range -40 0 c to +85 0 c primary is line side (pins 1,2,4,5) secondary is chip side (pins 7,8,9) surge voltage capability metallic voltage: 800 v peak, 10/560 m s longitudinal voltage: 2400 v peak, 10/700 m s notch indicates pin #1 10 9 8 7 6 1 2 3 4 5 .920 ( 23.37 ) max. .470 ( 11.94 ) max. .040 ( 1.02 ) typ. .150 ( 3.81 ) typ. .900 ( 22.86 ) ref. 1.070 ( 27.18 ) ref. .570 ( 14.48 ) max. .090 ( 2.29 ) typ. 1.10 ( 27.94 ) 1.04 ( 26.42 ) top view .180 ( 4.57 ) .150 ( 3.81 ) 1.19 ( 30.23 ) .080 ( 2.03 ) flammability: materials used in the production of these units meet requirements of ul94-vo and iec 695-2-2 needle flame test. reinforced insulation schematic diagram sec device pri line physical dimensions inches (mm)


▲Up To Search▲   

 
Price & Availability of T-13224G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X