Part Number Hot Search : 
E000983 R36MF2 68HC70 XMXXX TFA98 2N1147C 68HC70 SMD100
Product Description
Full Text Search
 

To Download T-13224 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  name: sheet: date: rhombus p/n: cust p/n: 15801 chemical lane, huntington beach, ca 92649 phone: (714) 898-0960 fax: (714) 896-0971 rhombus transformers & magnetic products industries inc. www.rhombus-ind.com 1 of 1 7/2/96 T-13224 u interface transformer (2b1q coding applications) designed for use with national tp 3410 schematic diagram parameter min. max. units primary inductance (line side) 25.4 28.6 mh pins 4 to 2 with 1 & 5 shorted. primary dc resistance 20 ohms secondary dc resistance 3.0 ohms isolation (hi-pot) 3000 v rms dc bias 60 ma return loss 10khz & 25 khz 20 db longitudinal balance (281 hz to 40 khz) 55 db turns ratio ( + 3 % ) (line : chip) 1.50 : 1 notch indicates pin #1 physical dimensions inches (mm) note: operating temp. range -40 0 c to +85 0 c primary is line side (pins 1,2,4,5) secondary is chip side (pins 7,8,9) surge voltage capability metallic voltage: 800 v peak, 10/560 m s longitudinal voltage: 2400 v peak, 10/700 m s sec device pri line a surface mount version of this part is available add suffix "g" to part number flammability: materials used in the production of these units meet requirements of ul94-vo and iec 695-2-2 needle flame test. reinforced insulation


▲Up To Search▲   

 
Price & Availability of T-13224

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X