Part Number Hot Search : 
BZW04P12 DTA124 2SC6034 SPD54151 13D1E2 CONTROLS 79L09 W0603
Product Description
Full Text Search
 

To Download T-13223 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  name: sheet: date: rhombus p/n: cust p/n: 15801 chemical lane, huntington beach, ca 92649 phone: (714) 898-0960 fax: (714) 896-0971 rhombus transformers & magnetic products industries inc. www.rhombus-ind.com 1 of 1 7/2/96 T-13223 u interface transformer (2b1q coding applications) designed for use with motorola mc145472 sec device pri line schematic diagram parameter min. max. units primary inductance (line side) 25.4 28.6 mh pins 1 to 5 with 2 & 4 shorted. primary dc resistance 11.6 ohms secondary dc resistance 6.4 ohms isolation (hi-pot) 3000 v rms dc bias 60 ma return loss 10khz & 25 khz 20 db longitudinal balance (281 hz to 40 khz) 55 db turns ratio ( + 3 % ) (line : chip) 2.00 : 1 notch indicates pin #1 physical dimensions inches (mm) note: operating temp. range -40 0 c to +85 0 c primary is line side (pins 1,2,4,5) secondary is chip side (pins 7,8,9) surge voltage capability metallic voltage: 800 v peak, 10/560 m s longitudinal voltage: 2400 v peak, 10/700 m s a surface mount version of this part is available add suffix "g" to part number flammability: materials used in the production of these units meet requirements of ul94-vo and iec 695-2-2 needle flame test. reinforced insulation


▲Up To Search▲   

 
Price & Availability of T-13223

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X