Part Number Hot Search : 
LVC1G1 1N5401 2N5209 1N5257 SAA7146A EL152605 Z5234 S0104
Product Description
Full Text Search
 

To Download T-13222G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  name: sheet: date: rhombus p/n: cust p/n: 15801 chemical lane, huntington beach, ca 92649 phone: (714) 898-0960 fax: (714) 896-0971 rhombus transformers & magnetic products industries inc. www.rhombus-ind.com 1 of 1 7/2/96 T-13222G u interface transformer (2b1q coding applications) designed for use with siemens peb 2091 parameter min. max. units primary inductance (line side) 14.5 16.4 mh pins 1 to 5 with 2 & 4 shorted. primary dc resistance 6.0 ohms secondary dc resistance 3.5 ohms isolation (hi-pot) 3000 v rms dc bias 60 ma return loss 10khz & 25 khz 20 db longitudinal balance (281 hz to 40 khz) 55 db turns ratio ( + 3 % ) (line : chip) 1.65 : 1 note: operating temp. range -40 0 c to +85 0 c primary is line side (pins 1,2,4,5) secondary is chip side (pins 7,8,9) surge voltage capability metallic voltage: 800 v peak, 10/560 m s longitudinal voltage: 2400 v peak, 10/700 m s flammability: materials used in the production of these units meet requirements of ul94-vo and iec 695-2-2 needle flame test. reinforced insulation notch indicates pin #1 10 9 8 7 6 1 2 3 4 5 .920 ( 23.37 ) max. .470 ( 11.94 ) max. .040 ( 1.02 ) typ. .150 ( 3.81 ) typ. .900 ( 22.86 ) ref. 1.070 ( 27.18 ) ref. .570 ( 14.48 ) max. .090 ( 2.29 ) typ. 1.10 ( 27.94 ) 1.04 ( 26.42 ) top view .180 ( 4.57 ) .150 ( 3.81 ) 1.19 ( 30.23 ) .080 ( 2.03 ) physical dimensions inches (mm) schematic diagram sec device pri line


▲Up To Search▲   

 
Price & Availability of T-13222G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X