Part Number Hot Search : 
5KP30A IRFF113R LV320ML ST92F124 STM32F RDS6T B81BA1 MHW930
Product Description
Full Text Search
 

To Download STB15NM60N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  may 2007 rev 1 1/18 18 STB15NM60N - stf/i15nm60n stp15nm60n - stw15nm60n n-channel 600v - 0.270 ? - 14a - d 2 /i 2 pak - to-220/fp - to-247 second generation mdmesh? power mosfet features 100% avalanche tested low input capacitance and gate charge low gate input resistance description this series of devices implements the second generation of mdmesh? technology. this revolutionary power mosfet associates a new vertical structure to the company?s strip layout to yield one of the world?s lowest on-resistance and gate charge. it is therefore suitable for the most demanding high efficiency converters application switching applications internal schematic diagram type v dss (@tjmax) r ds(on) i d STB15NM60N 650v < 0.299 ? 14a sti15nm60n 650v < 0.299 ? 14a stf15nm60n 650v < 0.299 ? 14a (1) 1. limited only by maximum temperature allowed stp15nm60n 650v < 0.299 ? 14a stw15nm60n 650v < 0.299 ? 14a to-220 to-220fp i2pak 1 2 3 1 2 3 1 2 3 to-247 d2pak 1 3 www.st.com order codes part number marking package packaging STB15NM60N b15nm60n d2pak tape & reel sti15nm60n i15nm60n i2pak tube stf15nm60n f15nm60n to-220fp tube stp15nm60n p15nm60n to-220 tube stw15nm60n w15nm60n to-247 tube
contents STB15NM60N - stf/i15nm6 0n - stp15nm60n - stw15nm60n 2/18 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
STB15NM60N - stf/i15nm60n - stp15nm60n - stw15nm60n electrical ratings 3/18 1 electrical ratings table 1. absolute maximum ratings symbol parameter value unit d2pak/i2pak to-220/to-247 to-220fp v ds drain-source voltage (v gs =0) 600 v v gs gate-source voltage 25 v i d drain current (continuous) at t c = 25c 14 14 (1) 1. limited only by maximu m temperature allowed a i d drain current (continuous) at t c = 100c 9 9 (1) a i dm (2) 2. pulse width limited by safe operating area drain current (pulsed) 56 56 (1) a p tot total dissipation at t c = 25c 125 30 w dv/dt (3) 3. i sd 14a, di/dt 400a/s, v dd = 80% v (br)dss peak diode recovery voltage slope 15 v/ns v iso insulation withstand voltage (rms) from all three leads to external heat sink (t=1s;t c =25c) -- 2500 v t j t stg operating junction temperature storage temperature -55 to 150 c table 2. thermal data symbol parameter d2pak/i2pak to-220/to-247 to-220fp unit rthj-case thermal resistance junction-case max 1 4.2 c/w rthj-amb thermal resistance junction-amb max 62.5 c/w t l maximum lead temperature for soldering purposes 300 c table 3. avalanche characteristics symbol parameter max value unit i as avalanche current, repetitive or not-repetitive (pulse width limited by tj max) 6a e as single pulse avalanche energy (starting tj=25c, i d =i as , v dd = 50v) 300 mj
electrical characteristics STB15NM60N - s tf/i15nm60n - stp15nm60n - stw15nm60n 4/18 2 electrical characteristics (t case =25c unless otherwise specified) table 4. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 1ma, v gs = 0 600 v dv/dt (1) 1. value measured at turn off under inductive load drain-source voltage slope v dd = 480v,i d = 14a, v gs = 10v 30 v/ns i dss zero gate voltage drain current (v gs = 0) v ds = max rating, v ds = max rating,@125c 1 100 a a i gss gate body leakage current (v ds = 0) v gs = 20v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250a 234v r ds(on) static drain-source on resistance v gs = 10v, i d = 7a 0.270 0.299 ? table 5. dynamic symbol parameter test conditions min. typ. max. unit g fs (1) 1. pulsed: pulse duration = 300s, duty cycle 1.5% forward transconductance v ds =15v, i d = 7a 10 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 50v, f =1mhz, v gs = 0 1250 100 10 pf pf pf c oss eq. (2) 2. c oss eq. is defined as a constant equi valent capacitance giving t he same charging time as c oss when v ds increases from 0 to 80% v dss equivalent output capacitance v gs = 0, v ds = 0v to 480v 137 pf rg gate input resistance f=1mhz gate dc bias=0 test signal level=20mv open drain 6.0 ? q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 480v, i d = 14a v gs = 10v (see figure 18) 37 6 18 nc nc nc
STB15NM60N - stf/i15nm60n - stp15nm60n - stw15nm60n electrical characteristics 5/18 table 6. switching times symbol parameter test co nditions min typ max unit t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd = 300v, i d = 7a, r g = 4.7 ?, v gs = 10v (see figure 17) 12 14 80 30 ns ns ns ns table 7. source drain diode symbol parameter test co nditions min typ max unit i sd i sdm (1) 1. pulse width limited by safe operating area source-drain current source-drain current (pulsed) 14 56 a a v sd (2) 2. pulsed: pulse duration = 300s, duty cycle 1.5% forward on voltage i sd = 14a, v gs =0 1.3 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd =14a, di/dt =100a/s, v dd = 100v, tj = 25c (see figure 19) 390 5 25 ns c a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current v dd = 100v di/dt =100a/s, i sd = 14a tj = 150c (see figure 19) 500 7 25 ns c a
electrical characteristics STB15NM60N - s tf/i15nm60n - stp15nm60n - stw15nm60n 6/18 2.1 electrical characterist ics (curves) figure 1. safe operating area for to-220 / d2pak / i2pak figure 2. thermal impedance for to-220 / d2pak / i2pak figure 3. safe operating area for to-220fp figure 4. thermal impedance for to-220fp figure 5. safe operating area for to-247 figure 6. thermal impedance for to-247
STB15NM60N - stf/i15nm60n - stp15nm60n - stw15nm60n electrical characteristics 7/18 figure 7. output characteristics figure 8. transfer characteristics figure 9. transconductance figure 10. static drain-source on resistance figure 11. gate charge vs gate-source voltage figure 12. capacitance variations
electrical characteristics STB15NM60N - s tf/i15nm60n - stp15nm60n - stw15nm60n 8/18 figure 13. normalized gate threshold voltage vs temperature figure 14. normalized on resistance vs temperature figure 15. source-drain diode forward characteristics figure 16. normalized b vdss vs temperature
STB15NM60N - stf/i15nm60n - stp15nm60n - stw15nm60n test circuit 9/18 3 test circuit figure 17. switching times test circuit for resistive load figure 18. gate charge test circuit figure 19. test circuit for inductive load switching and diode recovery times figure 20. unclamped inductive load test circuit figure 21. unclamped inductive wavefo rm figure 22. switching time waveform
package mechanical data STB15NM60N - s tf/i15nm60n - stp15nm60n - stw15nm60n 10/18 4 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect. the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com
STB15NM60N - stf/i15nm60n - stp15nm60n - stw15nm60n package mechanical data 11/18 to-220 mechanical data dim mm inch min typ max min typ max a 4.40 4.60 0.17 3 0.1 8 1 b 0.61 0. 88 0.024 0.0 3 4 b 1 1.14 1.70 0.044 0.066 c0.4 9 0.70 0.01 9 0.027 d 15.25 15.75 0.6 0.62 d1 1.27 0.050 e 10 10.40 0. 393 0.40 9 e 2.40 2.70 0.0 9 4 0.106 e1 4. 9 5 5.15 0.1 9 4 0.202 f1.2 3 1. 3 2 0.04 8 0.051 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.0 9 4 0.107 l1 3 14 0.511 0.551 l1 3 .50 3 . 93 0.1 3 7 0.154 l20 16.40 0.645 l 3 02 8 . 9 0 1.1 3 7 ? p 3 .75 3 . 8 5 0.147 0.151 q2.65 2. 9 5 0.104 0.116
package mechanical data STB15NM60N - s tf/i15nm60n - stp15nm60n - stw15nm60n 12/18 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 l5 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 .0385 0.417 l5 2.9 3.6 0.114 0.141 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 to-220fp mechanical data
STB15NM60N - stf/i15nm60n - stp15nm60n - stw15nm60n package mechanical data 13/18 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 a1 2.40 2.72 0.094 0.107 b 0.61 0.88 0.024 0.034 b1 1.14 1.70 0.044 0.066 c 0.49 0.70 0.019 0.027 c2 1.23 1.32 0.048 0.052 d 8.95 9.35 0.352 0.368 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 e 10 10.40 0.393 0.410 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l2 1.27 1.40 0.050 0.055 to-262 (i 2 pak) mechanical data
package mechanical data STB15NM60N - s tf/i15nm60n - stp15nm60n - stw15nm60n 14/18 to-247 mechanical data 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r0.4 0.015 v2 0o 4o d 2 pak mechanical data 3
STB15NM60N - stf/i15nm60n - stp15nm60n - stw15nm60n package mechanical data 15/18 dim. mm. inch min. typ max. min. typ. max. a 4.85 5.15 0.19 0.20 a1 2.20 2.60 0.086 0.102 b 1.0 1.40 0.039 0.055 b1 2.0 2.40 0.079 0.094 b2 3.0 3.40 0.118 0.134 c 0.40 0.80 0.015 0.03 d 19.85 20.15 0.781 0.793 e 15.45 15.75 0.608 0.620 e5.45 0.214 l 14.20 14.80 0.560 0.582 l1 3.70 4.30 0.14 0.17 l2 18.50 0.728 ?p 3.55 3.65 0.140 0.143 ?r 4.50 5.50 0.177 0.216 s5.50 0.216 to-247 mechanical data
packaging mechanical data STB15NM60N - stf/i15nm60n - stp15nm60n - stw15nm60n 16/18 5 packaging mechanical data tape and reel shipment d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data
STB15NM60N - stf/i15nm60n - stp15nm60n - stw15nm60n revision history 17/18 6 revision history table 8. revision history date revision changes 03-may-2007 1 first release
STB15NM60N - stf/i15nm60n - stp15nm60n - stw15nm60n 18/18 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2007 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STB15NM60N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X