Part Number Hot Search : 
81250 0MKKS3 MJ10001 0512K 109723 HN3C13F 6N137 PC817X1
Product Description
Full Text Search
 

To Download SPS3012FT2R2M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2. configuration & dimensions : superworld electronics (s) pte ltd pg. 1 (f) (d) (e) (b) (c) (a) 1. part no. expression : (c) powder coating type (a) series code (b) dimension code (f) tolerance code : m=20%, n=30% 1.2 max. a b c 1.2 typ de 0.9 typ 3.00.2 3.00.2 unit:m/m (d) taping package (e) inductance code : 2r2= 2.2uh (g) 11~99 : internal controlled number (g) 1.2 3.0 standard pattern 1.0 1.0 s p s 3 0 1 2 f t 2 r 2 m - ?? 20.03.2012 sps3012ft series low profile power inductors a b powder coating c d e e 3. materials : (a) core : ferrite (b) wire : polyurethane enamelled copper wire (c) solder : m35e (d) coating : powder coating note : specifications subject to change without notice. please check our website for latest information. marking (black)
4. general specification : c) rated dc current: the less value which is idc1 or idc2. b) idc2 : based on temperature rise (t: 40c typ.) a) idc1 :based on inductance change ( ? l/lo:-30%) @ ambient temp. 25c f) resistance to solder heat : 260c 10secs e) operating temp. : -40c to +105c ( include self temp. rise ) d) storage temp. : -40c to +105c superworld electronics (s) pte ltd pg. 2 5. electrical characteristics : part no. SPS3012FT2R2M inductance 2.220% ( uh ) 0.1v/1m ( hz ) frequency test rdc (  ) resistance 96m rated dc current idc1(a) idc2(a) 1.30 1.45 20.03.2012 low profile power inductors note : specifications subject to change without notice. please check our website for latest information. marking e sps3012ft4r7m 4.720% 0.1v/1m 0.18 0.90 1.00 i sps3012ft6r8m 6.820% 0.1v/1m 0.252 0.70 0.80 k sps3012 ft100m 1020% 0.1v/1m 0.348 0.64 0.72 m sps3012ft series 70 min. (mhz) srf 48 40 32 max. typ. 80m 0.15 0.21 0.29 max. typ. typ. 1.70 1.30 1.10 0.85
superworld electronics (s) pte ltd pg. 3 6. reliability & test condition : resistance to soldering heat vibration substrate bending item (a total of 6 hours) the condition shown in the above profile for 1 time. 130~150c and after it has been immersed to a depth 0.5mm with new solder smoothly when the sample is taken out of the specimen shall be stored at standard atmospheric conditions for 1 hour, after which the measurement shall there shall be no damage or problems. the specimen shall be passed through the reflow oven with the solder bath. more than 90% of the electrode sections shall be cowered a temperature of 2455c. below for 30.2 seconds fully in molten solder m705 with then be preheated for about 2 minutes in a temperature of flux (rosin, isopropyl alcohol{jis-k-1522}) shall be coated over the whole of the sample before hard, the sample shall be applied to the 3 directions (x,y,z) for 2 hours each. a frequency of from 10 to 55hz/1 minute repeated should there shall be no mechanical damage. ? l/lo10% there shall be no mechanical damage or the sample shall be soldered onto the printed circuit board and when a vibration having an amplitude of 1.52mm and performance test condition electrical damage. the sample shall be soldered onto the printed circuit board in figure 1 and a load applied unt il the figure in the arrow direction is made approximately 3mm.(keep time 30 secs) pressure rod figure-1 solderability new solder more than 90% mechanical (reflow soldering) be made. 100 40 2 20 50 20 30 30 20 t = 1.6 ?4.5 452 452 20 10 r5 r340 bending test board ? l/lo10% 300 250 200 150 100 50 2 min. 10 sec 2 min. or more 150~ 180c 30 sec min. (230c max.) soldering (peak temperature 2603c 10sec) slow cooling (stored at room temperature) pre-heating soldering temperature (c) 20.03.2012 low profile power inductors note : specifications subject to change without notice. please check our website for latest information. sps3012ft series
superworld electronics (s) pte ltd pg. 4 6. reliability & test condition : temperature characteristics dielectric withstand voltage item the sample shall be left for 964 hours in an atmosphere the sample has been left in a normal temperature and with a temperature of -253c. upon completion of the tes t, the measurement shall be normal humidity for 1 hour. upon completion of the measurement shall be made after the sample shall be left for 964 hours in an atmosphere with a temperature of 852c and a normal humidity. temperature and normal humidity shall be ? l/l20c10%. calculated based on the value applicable in a normal 0~2000 ppm/c ? l/l20c10% the test shall be performed after the sample has stabilized in an ambient temperature of -20 to +85c,and the value performance test condition ac 100v voltage shall be applied for 1 minute across the top surface and the terminal of this sample high temperature storage electrical characteristics test made after the sample has been left in a normal temperature there shall be no damage or problems. there shall be no mechanical damage. there shall be no mechanical damage. and normal humidity for 1 hour. change of temperature moisture storage there shall be no other damage of problems there shall be no mechanical damage. the sample shall be subject to 5 continuous cycles, such as shown in the table 2 below and then it shall be subjected to standard atmospheric conditions for 1 hour, after which measurement shall be made. duration 852c 4 2 3 1 (thermostat no.1) 5 sec. or less -253c temperature 30 min. no.1 : no.2 5 sec. or less no.2 : no.1 30 min. (thermostat no.2) standard atmospheric standard atmospheric the sample shall be left for 964 hours in a temperature of 402c and a humidity(rh) of 90~95%. upon completion of the tes t, the measurement shall be made after the sample has been left in a normal temperature and normal humidity more than 1 hour. ? l/lo10% ? l/lo10% low temperature storage ? l/lo10% ? l/lo10% 20.03.2012 low profile power inductors note : specifications subject to change without notice. please check our website for latest information. sps3012ft series
superworld electronics (s) pte ltd pg. 5 7. packaging information : 7-1. reel dimension (mm) 100 18 2.2 7-2 carrier tape dimensions (mm) 17.3 13.2 330 13 120 7-3 taping dimensions (mm) 12mm w 3.35mm 3.5mm 1.55mm ao ko bo t p 0.3mm 8.0mm 7-4 quantity 3000pcs/reel the products are packaged so that no damage will be sustained. 8mm 4 mm start end leader no component 200mm min. components trailer no component 400mm min. user direction of feed t 4.00 2.000.05 ao p a a ko w 5.50 1.75 ?1.5+0.1/-0.0 1.5 e bo e e e 20.03.2012 low profile power inductors note : specifications subject to change without notice. please check our website for latest information. sps3012ft series


▲Up To Search▲   

 
Price & Availability of SPS3012FT2R2M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X