Part Number Hot Search : 
MSM6368 BAV20 54125 NJU3715A AME8845 IZ1242C 4850A BC558
Product Description
Full Text Search
 

To Download SIMB-M22-2G2S0A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semi-industrial motherboards features simb-m22 ? the latest amd g-series apu supports 40 nm process technology ? supports amd controller hub a55e ? fanless design ? amd radeontm hd 6250 graphics engine supports hdmi 1.3a, directx 11, opengl 4.0, dedicated hardware (uvd 3.0) for h.264, vc-1, mpeg-2 and divx decoder ? one ddr3 1066 sodimm, up to 4 gb ? multiple display i/o supports versatile dual display functions: hdmi, vga, 18-bit single channel lvds, edp (optional) ? realtek alc892 supports 5.1 + 2 channel hd audio ? dual realtek rtl8111dl gigabit lan ? 1 pcie x4 gen.2, 1 mini pcie ? 5 sata iii (6 gb/s) with raid 0, 1, 5, 10 ? 4 com (2 powered com), 8 usb 2.0 specifcations processor system cpu amd single core t40r core number 1 max. speed 1.0 ghz l2 cache 512 kb chipset amd a55e controller hub bios ami 16mbit, spi expansion slots pci - pcie x4 1 gb/s per direction, 1 slot pcie x1 - full-size mini pcie 1 memory technology ddr3 1066/1333 mhz max. capacity 4 gb socket 1 x 204-pin dimm graphics controller amd radeon hd 6250 vram shared system memory up to 2 gb sdram vga 1, supports up to 1920 x 1200 lvds 1, single channel 18-bit lvds supports max resolution 1400 x 1050 hdmi 1, hdmi 1.3 supports max resolution 1920 x 1080 edp optional dual display vga + lvds, vga + hdmi, lvds + hdmi ethernet interface 10/100/1000 mbps controller gbe-lan1: realtek rtl8111dl , gbe-lan2: realtek rtl8111dl connector rj-45 x 2 sata max data transfer rate 600 mb/s channel 5 ssd cfast optional rear i/o vga 1 display port - hdmi 1 ethernet 2 usb 4 (usb 2.0) audio 3 (line-out, line-in, mic-in) serial 2 (rs-232) ps/2 2 (1 x keyboard and 1 x mouse) internal connectors lvds & inverter 1 dvi - usb 4 (usb 2.0) serial 2 (rs-232) ide - sata 5 (sata iii) cfast optional parallel - gpio 8-bit (4-bit di and 4-bit do) watchdog timer output system reset interval programmable 1~ 255 sec/min power requirements power on +12 v +5 v +3.3 v 5 vsb -12 v 0.73 a 1.46 a 0.44 a 0.07 a 0.06 a environment temperature operating non-operating 0 ~ 50 c (32 ~ 122 f) -20 ~ 70 c (-4 ~ 158 f) physical characteristics dimensions 170 x 170 mm (6.69" x 6.69") amd mobile g-series single core mini-itx with vga/lvds/hdmi, 4 com and dual lan rohs compliant 2002/95/ec all product specifications are subject to change without notice last updated : 11-jun-2012
www.advantech.com/products online download block diagram board diagram simb-m22 ordering information p/n vga gbe usb com sata SIMB-M22-2G2S0A1E 1 2 8 (4 rear, 4 internal) 4 rs-232 (2 rear, 2 internal) 5 sata iii note: minimum order quantity is 200 pieces i/o view mouse 2 com 2 lan keyboard hdmi mic-in line-out line-in vga 4 usb optional accessories part number description 1700003195 usb cable with two ports, 17.5 cm 1700002204 usb cable with two ports, 27 cm 1700008461 usb cable with two ports, 30.5 cm packing list description quantity sata cable kit (sata/power) 1 i/o shield 1 startup maual 1 (per 20 units) driver cd 1 (per 20 units) m ini c ar d c onnec t or hd a udio 8 x usb 2.0 por ts spi r om sa t a iii channel a r ealt ek al c892 usb 2.0 spi usb 2.0 pcie x1 ddr3 1066mh z pcie x4 g en 2 pcie x4 slot hd t p in header (d ebug) a md g-s er ies sc/5.5w pcie x1 pcie x1 lan 1 r ealt ek r tl8111dl lan 2 r ealt ek r tl8111dl 5 x sa t a iii por ts a md a55e 18-bit l vds d -sub r gb hdmi 1.3a a udio a mp tp a3005 2 x rs -232 por ts f in t ek 81216ad w inbond 83627dhg-p tmds (l tdp1) edp (optional) umi 6gb/s l tdp0 lpc 2 x rs -232 por ts , 2 x ps/2 kb/ms, h/w m onit or , 8-bit gpio t40r 1.0 ghz


▲Up To Search▲   

 
Price & Availability of SIMB-M22-2G2S0A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X