Part Number Hot Search : 
56000 LC630Z 2N3773 16138 70061 2SB757 VS9ARH NJU6465
Product Description
Full Text Search
 

To Download SD520S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. SD520S thru sd5100s to-252(dpak) dimensions in inches and (millimeters) rectifier specialists r dc components co., ltd. technical specifications of surface mount schottky barrier diode voltage range - 20 to 100 volts current - 5.0 amperes features mechanical data * metal to silicon rectifier majority carrier conduction * low power loss, high efficiency * high current capability * low forward voltage drop * high surge capacity * for use in low voltage high frequency inverters, free wheeling, and polarity protection applications note : 1. mounted on pc board with 14mm2(0.013mm thick) copper pad areas. 2. measured at 1 mhz and applied reverse voltage of 4.0 volts . maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t c =75 o c peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (note1) typical junction capacitance (note 2) symbol v rrm v dc i fsm c j t j , t stg v rms units volts volts volts amps 5.0 100 amps storage operating temperature range r q ja i o -55 to + 125 pf maximum dc reverse current at rated dc blocking voltage mamps maximum instantaneous forward voltage at 5.0a dc 2.0 50 @t a = 25 o c @t a = 100 o c 80 550 30 21 30 0.55 volts 0 c/w 0 c SD520S sd530s v f i r * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * terminals: solder plated, solderable per mil-std-750, method 2026 * mounting position: any * weight: 0.4 grams approx. sd540s sd550s sd560s sd580s sd5100s 20 14 20 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 0.75 0.85 no suffix 2 3 "y" suffixed 2 3 1 .268(6.8) .252(6.4) .217(5.5) .205(5.2) .024(0.6) .018(0.5) .022(0.6) .018(0.5) .063(1.6) .055(1.4) .228(5.8) .213(5.4) .110(2.8) .087(2.2) .091 (2.3) typ .035 (0.9) max .032 (0.8) max .077(2.0) .065(1.7) .059(1.5) .035(0.9) 1 2 3 2
0 20 40 60 80 100 120 140 rating and characteristic curves (SD520S thru sd5100s) r dc components co., ltd. 0 20 40 0.001 0.01 1.0 10 0.1 60 80 100 120 percent of rated peak reverse voltage, (%) reverse current, (ma) fig. 4 - typical reverse characteristics fig. 1 - typical forward current derating curve case temperature, ( oc) average forward current, (a) 0.2 0.4 0.6 0.8 1.0 0.1 1.0 10 50 fig. 2 - typical instantaneous forward characteristics instantaneous forward voltage, (v) instantaneous forward current, (a) 5.0 4.0 2.0 0 single phase half wave 60hz resistive or inductive load 1.0 3.0 tj = 25ocf = 1.0mhz vsig = 50mvp-p sd550s~sd560s SD520S~sd540s tj = 25oc tj = 75oc tj = 100oc 140 1 10 0 20 60 80 100 40 100 number of cycles at 60hz peak forward surge current, (a) fig. 5 - maximum non-repetitive forward surge current 120 1.0 10 0.1 10 100 1000 10000 100 reverse voltage, (v) junction capacitance, (pf) fig. 3 - typical junction capacitance tj = 25ocf = 1.0mhz vsig = 50mvp-p sd580s~sd5100s


▲Up To Search▲   

 
Price & Availability of SD520S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X