Part Number Hot Search : 
BD87A29 BT412 SST124 62LV1024 MA22D39 STV93 E005003 4053B
Product Description
Full Text Search
 

To Download PF2472 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-9901 (626) 284-1704 www.riedon.com 11/10 pf2470 series ? to-247 housing ? rated power to 140 watts ? resistances from 0.01 to 51k ohms ? high stability film resistance elements ? resistance tolerance to 0.05% ? low inductance ( <50nh ) ? isolated back plate specifications 1 power rating based on 25c flange temperature 2 power rating based on 25c ambient temperature 3 consult factory for higher or lower values specifcation value maximum current 25a temperature range -55c to +155c dielectric strength 2000 vac max. operating voltage 500 v insulation resistance >1000 meg-ohm environmental performance d r test conditions load life 1% + 0.05 w 25c, 90 min on, 30 min off, 1000 hr humidity resistance 1% + 0.05 w 40c, 90-95% rh, dc 0.1w, 1000 hr temperature cycle 0.25% + 0.05 w -55c for 30 min, +155c for 30 min, 1000 hr solder heat 0.1% + 0.05 w +350c, 3s vibration 0.25% + 0.05 w iec60068-2-6 type power rating heatsink 1 free air 2 thermal resistance resistance range 3 min max tolerances temperature coeffcients pf2473 140w 5w 0.9c/w 0.01 w 51k w 1% ( r 0.10 w ) 5% 50ppm/c ( r 10 w ) 100ppm/c ( 0.1 w r < 10 w ) 250ppm/c ( r < 0.1 w ) PF2472 100w 3w 1.3c/w 0.01 w 51k w 1% ( r 0.10 w ) 5% 50ppm/c ( r 10 w ) 100ppm/c ( 0.1 w r < 10 w ) 250ppm/c ( r < 0.1 w ) to-247 power film resistors
riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-9901 (626) 284-1704 www.riedon.com 11/10 specifications (continued) power rating notes - the pf2470 series foil resistors must be attached to a suitable heatsink. the maximum internal resistor temperature is 155c (120c for the pf2201). to specify an appropriate heatsink use the following formula : r q h = t max - ( p x r q r ) - t a p where: r q h = thermal resistance of heatsink ( c/w ) r q r = thermal resistance of resistor ( c/w ) t max = maximum temperature of resistor t a = ambient temperature of heatsink ( c ) p = power through resistor ( w ) -25 0 25 50 75 100 125 150 175 0 20 40 60 80 100 120 power ( % ) ambient temperature (c) power derating curve mounting notes - the pf2470 series film resistors must be attached to a suit - able heatsink. mount resistor using thermal grease to a clean, fat surface. use a compression washer to provide 150 to 300 pounds ( 665 to 1330n ) of mounting force. torque mounting screw to 8 in-lbs ( 0.9 n-m ). back plate is isolated from both pins. pf2470 series to-247 power film resistors part number - resistance - tolerance - tcr example: PF2472 10 ohm 1% 50ppm ordering information


▲Up To Search▲   

 
Price & Availability of PF2472

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X