Part Number Hot Search : 
AON7230 D200ED UPD70 AON7230 AON7230 Z5241B SMBJ360 AON7230
Product Description
Full Text Search
 

To Download PEMA10Q-5-AC4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications subject to change without notice. dimensions (mm). chassis mount, multi-stage emi/rfi appliance filter pema series features the pema series offers high performance emi filters. this series offers multiple stages of filtration over a frequencyrange of 10khz to 30mhz. it is best suited for suppression of noise and transients entering system from line. the series also offers filters that offer exceptional performance in the systems where the load impedance is low. applications major appliances, measuring & control equipment, switching power supplies. technical data ? rated voltage: 115/250vac ? rated current: 4a, 5a, 6a, 8a, 10a, 15a ? power line frequency: 50/60hz ? max. leakage current each line to ground: @ 115vac 60hz: 0.5ma @ 250vac 50hz: 1.0ma ? hipot rating (one minute) line to ground: 2250vdcline to line: 1450vdc ? temperature range: -25c to +85c (unit: mm) mechanical dimensions c2 c4 c9 52.8 38.6 19.0 49.0 40.0 69.8 25.0 50.6 30.0 50.0 2x 4.8 84.4 74.7 65.5 l n l' n' 28.6 g 133.5 144.0 152.0 162.9 2x 5.0 l n l' n' g g 90.0 99.5 109.0 119.4 l n l' n' 47 145 algonquin parkway, whippany, nj 07981 ? 973-560-0019 ? fax: 973-560-0076 e-mail: filtersales@powerdynamics.com ? www.powerdynamics.com
pema series non-medical applications schematic 1 non-medical applications insertion loss in db (50 ohm circuit) pdi r cx 1,2,3 cy l 1,2,3 comm. mode (l-g) in mhz diff. mode (l-l) in mhz p/n (ohms) (uf) (pf) (mh x 2) .15 .5 1 5 10 30 .15 .5 1 5 10 30 pema04q-1-ac2 1.4 9400 24 80 94 82 67 60 43 59 77 76 74 52 18 pema06q-1-bc2 2.04 9400 22 86 65 59 48 38 26 66 77 76 51 18 26 pema06q-1-cc2 1.68 9400 22 78 86 81 67 60 32 73 79 76 80 49 22 pema05q-2-ac2 0.66 5080 13 51 76 89 72 60 39 41 48 53 54 54 25 pema08q-4-ac2 1.15 7960 5 41 78 76 76 60 42 84 83 79 73 47 24 pema06q-1-ac9 330k 6.6 6600 44 62 49 46 45 40 40 90 84 80 65 38 28 pema06q-4-ac9 3.2 7960 24 49 75 89 68 56 39 86 89 95 68 46 24 pema10q-2-ac4 6.6 7960 21 83 85 97 64 53 33 81 88 103 58 37 26 pema06q-3-ac4 8.8 7960 45 84 84 93 64 52 32 89 88 100 60 39 27 pema06q-4-ac4 1.15 7960 8.5 58 78 76 66 53 42 86 85 79 62 38 29 pema06q-4-ac4 3.2 7960 24 49 76 88 69 57 40 85 87 96 69 45 29 pema15q-4-ac4 3.2 7960 6 49 87 81 63 51 33 81 87 95 58 38 26 PEMA10Q-5-AC4 50k 3.67 9400 20.6 85 91 84 72 62 50 88 89 86 75 52 16 l mh l mh load l' n' c 1 g line l n l1 c 3 2 cy cy r l mh l mh c l2 schematic 2 l mh l mh load l' n' c 1 g line l n l1 c 3 2 cy cy r l mh l mh c l2 cy cy schematic 3 l mh l mh load l' n' c 1 l1 c 3 2 cy cy l mh l mh c l2 cy cy r g line l n schematic 4 schematic 5 l mh l mh r l1 l mh l mh l3 g line l n c 1 l mh l mh l2 cy cy load l' n' c 2 cy cy g line l mh l mh l n l c 1 2 c 2 l mh l mh r l1 cy cy c 3 l l mh l mh l 4 l mh l mh load l' n' c 4 3 current rating (a) 4 66 5 8 6 6 10 66 6 15 10 48 145 algonquin parkway, whippany, nj 07981 ? 973-560-0019 ? fax: 973-560-0076 e-mail: filtersales@powerdynamics.com ? www.powerdynamics.com


▲Up To Search▲   

 
Price & Availability of PEMA10Q-5-AC4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X