Part Number Hot Search : 
MPC563 LC040 2SDXX N121D M57762 1H821 28F160 2SC3459
Product Description
Full Text Search
 

To Download NES-20012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nes-200-5 nes-200-7.5 nes-200-12 nes-200-3.3 nes-200-15 nes-200-24 nes-200-27 nes-200-48 hold up time 1000ms, 50ms/230vac 1000ms,50ms/115vac at full load 20ms/230vac 16ms/115vac at full load specification model dc voltage rated current current range rated power output voltage adj. range line regulation load regulation setup, rise time voltage range note.4 frequency range efficiency (typ.) input inrush current (max.) leakage current safety withstand voltage isolation resistance working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over load over voltage over temperature ac current 90 ~ 132vac / 180 ~ 264vac by switch 254 ~ 370vdc 47 ~ 63hz 79% 82% 85% 75% 85% 87% 88% 89% 4.5a/115vac 2.5a/230vac 40a/115vac 55a/230vac <3.5ma / 240vac 105 ~ 150% rated output power 5.75 ~ 7.0v 95 5 (3.3v);100 5 (5v); 90 5 (7.5v);85 5 (12~24v);80 5 (27~36v) ;75 5 (48v) (tsw1) detect on case 9.4 ~ 10.9v 13.8 ~ 16.2v 3.8 ~ 4.9v 18 ~ 21v 27.6 ~ 32.4v 33.7 ~ 39.2v 57.6 ~ 67.2v protection type : shut down o/p voltage, recovers automatically aft er temperature goes down i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh -20 ~ +50 (refer to output load derating curve) 20 ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03%/ (0 ~ 50 10 ~ 500hz, 3g 10min./1cycle, 60min. each along x, y, z axes 215*115*50mm (l*w*h) 0.93kg; 12pcs/12kg/0.92cuft 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. please connect positive pole of input voltage with mark ?n? of terminal bl ock, connect negative pole of input voltage with mark ?l? of terminal block, using dc voltage for input voltage. 5v 7.5v 12v 3.3v 15v 24v 27v 48v 40a 27a 17a 40a 14a 8.8a 7.8a 4.4a 0 ~ 40a 0 ~ 27a 0 ~ 17a 0 ~ 40a 0 ~ 14a 0 ~ 8.8a 0 ~ 7.8a 0 ~ 4.4a 200w 202.5w 204w 132w 210w 211.2w 210.6w 211.2w 150mvp-p 150mvp-p 150mvp-p 150mvp-p 150mvp-p 150mvp-p 200mvp-p 240mvp-p 4.5 ~ 5.6v 6 ~ 9v 10 ~ 13.5v 2.97 ~ 3.7v 13.5 ~ 18v 20 ~ 26.4v 26 ~ 32v 41 ~ 56v 2.0% 2.0% 1.0% 2.0% 1.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 1.0% 1.0% 0.5% 1.5% 0.5% 0.5% 0.5% 0.5% safety standards ul60950-1 approved 271.9k hrs min. mil-hdbk-217f (25 ) 200w single output switching power supply n e s - 2 0 0 s e r i e s features : environment protection ripple & noise (max.) note.2 voltage tolerance note.3 protection type :shut down o/p voltage, re-power on to recover protection type : constant current limiting, recovers automatical ly after fault condition is removed file name:nes-200-spec 2012-02-28 nes-200-36 89% 36v 5.9a 0 ~ 5.9a 212.4w 240mvp-p 32 ~ 40v 1.0% 0.5% 0.5% 41.4 ~ 46.8v ac input range selectable by switch protections: short circuit / overload / over voltage/ over temperature cooling by free air convection withstand 300vac surge input for 5 second built-in constant current limiting circuit 100% full load burn-in test led indicator for power on fixed switching frequency at 90khz low cost,high reliability 2 years warranty
mechanical specification derating curve static characteristics case no. 912e unit:mm terminal pin number assignment : pin no. pin no. 1 4~6 3 2 7~9 assignment assignment ac/l dc output -v fg ac/n dc output +v 117.5 135 215 32.5 32.5 27.5 82 8 1 9.5 53 4 6 7 +v adj. 9 led 9 50 5 115 50 25 6-m4 l=6mm 150 c l 50.5 10 5-m3 l=3mm 32.5 15 16 4-m4 l=5mm 177.5 150 200w single output switching power supply n e s - 2 0 0 s e r i e s file name:nes-200-spec 2012-02-28 12 max. fosc : 90khz block diagram pwm circuit detection o.l.p. emi filter rectifiers active inrush current limiting 230 115 & filter power switching filter & rectifiers +v -v i/p control o.v.p. o.t.p. fg ambient temperature ( ) load (%) 20 40 50 60 75 80 100 -20 0 10 20 30 40 50 60 (horizontal) load (%) 90 100 80 70 60 50 40 90 180 100 190 132 264 15 ~ 48v 3.3 ~ 12v 3.3~5v 7.5~48v


▲Up To Search▲   

 
Price & Availability of NES-20012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X