.050" staggered cl male on board connector thru hole straight with kinked pins & polarizing peg mi c r o - 07 s erie s 26 aug 10 major league electronics .0 50" staggered cl male on board connector - thru hole recommended p.c. board layout tolerance 0.05 a0.30 0.100" [2.54]0.10 b0.20 0.059" [1.50] 0.081" [2.05] 0.197" [5.00]0.15 a a 0.050" [1.27] 0.272" [6.90]0.15 0.041" [1.05] 0.100" [2.54]0.20 0.130" [3.30] 0.050" [1.27] 0.42x0.40 [.017x. 016] 0.024" [0.60] 0.134" [3.40] 0.114" [2.90]0.20 0.100" [2.54] 0.100" [2.54] ?0.031" [?0.80] 0.050" [1.27] section a-a 10 2 1 9 0.40x0.65 [.016x. 026] 0.069" [1.75] polarizing peg micro xx ordering information pins per row 02, 03, 04, 05, 06, 07, 08, 09, 10 lf lead free 07 4235 earnings way, new albany, indiana, 47150, usa 1-800-782-3486 (usa/canada/mexico) tel: 812-944-7244 fax: 812-944-7268 e-mail: mle@mlelectronics.com web: www.mlelectronics.com specification electrical: rated current: 1.0amp contact resistance: 20m ? max withstand voltage: 500v ac/dc insulation resistance: 1000m ? min operation temperature: -40c to +105c material: contact material: phosphor bronze contact plating: sn over ni insulator material: pbt+15%gf(ul94v-0), red packing: tube without pick and place pad termination: pcb pins per row dimension qt'y / tube ab 2 7.20 2.54 71 3 9.74 5.08 54 4 12.28 7.62 44 5 14.82 10.16 37 6 17.63 12.70 31 7 19.90 15.24 28 8 22.44 17.78 25 9 24.98 20.32 22 10 27.52 22.86 20 products cut to specific sizes are uncancellable/nonreturnable parts are subject to change without notice mates with: micro-01 (board to board), micro-02 (board to board), micro-03 (board to board)
.050" staggered cl male on board connector thru hole straight with kinked pins & polarizing peg mi c r o - 07 s erie s 26 aug 10 revisions revision b - (12th may 2011) amendment to part numb er for entire series, total pins has been changed to pins per row. therefore micro-xx- 04 is now micro-xx- 02 (4 total pins now equals 2 pins per row in part number). was: total pins 04, 06, 08, 10, 12, 14, 16, 18, 20 now: pins per row 02, 03, 04, 05, 06, 07, 08, 09, 10 4235 earnings way, new albany, indiana, 47150, usa 1-800-782-3486 (usa/canada/mexico) tel: 812-944-7244 fax: 812-944-7268 e-mail: mle@mlelectronics.com web: www.mlelectronics.com products cut to specific sizes are uncancellable/nonreturnable parts are subject to change without notice
|