Part Number Hot Search : 
1N5234 M5106 B120K MX565 DC25V MX565 1C471MCL GRM155R7
Product Description
Full Text Search
 

To Download MICRO-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  .050" staggered cl female on board connector thru hole straight with kinked pins & latch option with polarization MICRO-03 series 26 aug 10 major league electronics .050 " staggered cl female on board connector - thru hole recommended p.c. board layout tolerance 0.05 ?0.071" [?1.80] 0.071" [1.80] 0.053" [1.35] 0.050" [1.27] 0.100" [2.54] ?0.031" [?0.80] 0.100" [2.54] 0.100" [2.54]0.10 0.154" [3.90]0.10 0.050" [1.27]0.10 b0.20 a0.30 0.197" [5.00]0.15 0.100" [2.54]0.15 0.140" [3.55]0.25 0.050" [1.27]0.10 0.157" [4.00]0.15 c0.20 10 9 1 2 0.050" [1.27]0.10 0.197" [5.00]0.15 0.098" [2.50] 0.100" [2.54]0.15 0.140" [3.55]0.25 0.050" [1.27]0.10 b0.20 a0.30 c0.20 0.154" [3.90]0.10 0.100" [2.54]0.10 0.075" [1.90] 0.138" [3.50] 0.157" [4.00]0.15 10 9 1 2 without latch version 0.098" [2.50] with latch version provides latched connection in wire to board application with micro-05 cable connector xx ordering information x locking type 2 = without latch (standard) 1 = with latch pins per row 02, 03, 04, 05, 06, 07, 08, 09, 10 lf lead free micro 03 4235 earnings way, new al bany, indiana, 47150, usa 1-800-782-3486 (usa/canada/mexico) tel: 812-944-7244 fax: 812-944-7268 e-mail: mle@mlelectronics.com web: www.mlelectronics.com specification electrical: rated current: 1.0amp contact resistance: 20m ? max withstand voltage: 500v ac/dc insulation resistance: 1000m ? min operation temperature: -40c to +105c material: contact material: phosphor bronze contact plating: sn over ni insulator material: high temperature plastic pa46 (ul94v-0), red packing: tube without pick and place pad termination: pcb polarized by pcb cutout polarization achieved by peg on male connector and hole in pcb. ? orientation of connector on pcb is irrelevant with latch version without latch version pins per row dimension qt'y / tube pins per row dimension qt'y / tube ab c ab c 2 9.70 3.81 5.60 59 2 7.00 3.81 5.60 82 3 12.24 6.35 8.14 47 3 9.54 6.35 8.14 60 4 14.78 8.89 10.68 39 4 12.08 8.89 10.68 48 5 17.32 11.43 13.22 33 5 14.62 11.43 13.22 39 6 19.86 13.97 15.76 29 6 17.16 13.97 15.76 33 7 22.40 16.51 18.30 25 7 19.70 16.51 18.30 29 8 24.94 19.05 20.84 23 8 22.24 19.05 20.84 26 9 27.48 21.59 23.38 21 9 24.78 21.59 23.38 23 10 30.02 24.13 25.92 19 10 27.32 24.13 25.92 21 latch function does not work in board to board applications, not for use with micro 06 and 07 products cut to specific sizes are uncancellable/nonreturnable parts are subject to change without notice mates with: micro-05 (wire to board), micro-06 (board to board), micro-07 (board to board)
.050" staggered cl female on board connector thru hole straight with kinked pins & latch option with polarization MICRO-03 series 26 aug 10 revisions revision b - (12th may 2011) amendment to part number for entire series, total pins has been ch anged to pins per row. therefore micro-xx- 04 is now micro-xx- 02 (4 total pins now equals 2 pins per row in part number). was: total pins 04, 06, 08, 10, 12, 14, 16, 18, 20 now: pins per row 02, 03, 04, 05, 06, 07, 08, 09, 10 4235 earnings way, new al bany, indiana, 47150, usa 1-800-782-3486 (usa/canada/mexico) tel: 812-944-7244 fax: 812-944-7268 e-mail: mle@mlelectronics.com web: www.mlelectronics.com products cut to specific sizes are uncancellable/nonreturnable parts are subject to change without notice


▲Up To Search▲   

 
Price & Availability of MICRO-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X