Part Number Hot Search : 
1N5352B MM3093H 29LV008 BAS28 90121 IRF5851 DTA11 CMPT5089
Product Description
Full Text Search
 

To Download MC74HCT241A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 december, 2009 ? rev. 8 1 publication order number: MC74HCT241A/d MC74HCT241A octal 3-state noninverting buffer/line driver/ line receiver with lsttl-compatible inputs high ? performance silicon ? gate cmos the MC74HCT241A is identical in pinout to the ls241. this device may be used as a level converter for interfacing ttl or nmos outputs to high ? speed cmos inputs. the hct241a is an octal noninverting buffer/line driver/line receiver designed to be used with 3 ? state memory address drivers, clock drivers, and other bus ? oriented systems. the device has non ? inverted outputs and two output enables. enable a is active ? low and enable b is active ? high. the hct241a is similar in function to the hct244. see also hct240. features ? output drive capability: 15 lsttl loads ? ttl/nmos compatible input levels ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 4.5 to 5.5 v ? low input current: 1.0  a ? in compliance with the requirements defined by jedec standard no. 7a ? chip complexity: 118 fets or 29.5 equivalent gates ? pb ? free packages are available* *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. http://onsemi.com soic ? 20w dw suffix case 751d tssop ? 20 dt suffix case 948e 1 1 pdip ? 20 n suffix case 738 1 see detailed ordering, shipping information, and marking information in the package dimensions section on page 6 of this data sheet. ordering information
MC74HCT241A http://onsemi.com 2 logic diagram data inputs a1 a2 a3 a4 b1 b2 b3 b4 17 15 13 11 8 6 4 218 16 14 12 9 7 5 3 yb4 yb3 yb2 yb1 ya4 ya3 ya2 ya1 noninverting outputs pin 20 = v cc pin 10 = gnd output enables enable a enable b 1 19 pin assignment a3 a2 yb4 a1 enable a gnd yb1 a4 yb2 yb3 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 ya2 b4 ya1 enable b v cc b1 ya4 b2 ya3 b3 function table inputs output enable a a ya lll lhh hxz inputs output enable b b yb hll hhh lxz z = high impedance x = don?t care
MC74HCT241A http://onsemi.com 3 maximum ratings* symbol parameter value unit v cc dc supply voltage (referenced to gnd) ? 0.5 to + 7.0 v v in dc input voltage (referenced to gnd) ? 0.5 to v cc + 0.5 v v out dc output voltage (referenced to gnd) ? 0.5 to v cc + 0.5 v i in dc input current, per pin 20 ma i out dc output current, per pin 35 ma i cc dc supply current, v cc and gnd pins 75 ma p d power dissipation in still air, plastic or ceramic dip? soic package? 750 500 mw t stg storage temperature ? 65 to + 150  c t l lead temperature, 1 mm from case for 10 seconds (plastic dip or soic package) (ceramic dip) 260 300  c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. ?derating ? plastic dip: ? 10 mw/  c from 65  to 125  c ceramic dip: ? 10 mw/  c from 100  to 125  c soic package: ? 7 mw/  c from 65  to 125  c recommended operating conditions ???? ??????????????? ??? ?? ??? ???? ???? v cc ??????????????? ??????????????? ??? ??? ?? ?? ??? ??? ???? ???? ??????????????? ??????????????? ??? ??? ?? ?? ??? ??? ???? ???? ??????????????? ??????????????? ??? ??? ?? ?? ??? ???  c ???? ???? ??????????????? ??????????????? ??? ??? ?? ?? ??? ??? dc electrical characteristics (voltages referenced to gnd) symbol parameter test conditions v cc v guaranteed limit unit ? 55 to 25  c  85  c  125  c v ih minimum high ? level input voltage v out = 0.1 v or v cc ? 0.1 v |i out |  20 a 4.5 5.5 2 2 2 2 2 2 v v il maximum low ? level input voltage v out = 0.1 v or v cc ? 0.1 v |i out |  20 a 4.5 5.5 0.8 0.8 0.8 0.8 0 8 0.8 v v oh minimum high ? level output voltage v in = v ih or v il |i out |  20 a 4.5 5.5 4.4 5.4 4.4 5.4 4.4 5.4 v v in = v ih or v il |i out |  6 ma 4.5 3.98 3.84 3.7 v ol maximum low ? level output voltage v in = v ih or v il |i out |  20 a 4.5 5.5 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v ih or v il |i out |  6 ma 4.5 0.26 0.33 0.4 i in maximum input leakage current v in = v cc or gnd 5.5 0.1 1.0 1.0 a i oz maximum three ? state leakage current output in high ? impedance state v in = v il or v ih v out = v cc or gnd 5.5 0.5 5.0 10 a i cc maximum quiescent supply current (per package) v in = v cc or gnd i out = 0 a 5.5 4 40 160 a i cc additional quiescent supply current v in = 2.4 v, any one input v in = v cc or gnd, other inputs l out = 0 a 5.5 ? 55  c 25  c to 125  c ma 2.9 2.4 1. total supply current = i cc + ? i cc . this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
MC74HCT241A http://onsemi.com 4 ac electrical characteristics (v cc = 5.0 v 10%, c l = 50 pf, input t r = t f = 6 ns) symbol parameter guaranteed limit unit ? 55 to 25  c  85  c  125  c t plh , t phl maximum propagation delay, a to ya or b to yb (figures 1 and 3) 23 29 35 ns t plz , t phz maximum propagation delay, output enable to ya or yb (figures 2 and 4) 30 38 45 ns t pzl , t pzh maximum propagation delay, output enable to ya or yb (figures 2 and 4) 26 33 39 ns t tlh , t thl maximum output transition time, any output (figures 1 and 3) 12 15 18 ns c in maximum input capacitance 10 10 10 pf c out maximum three ? state output capacitance (output in high ? impedance state) 15 15 15 pf c pd power dissipation capacitance (per enabled output)* typical @ 25 c, v cc = 5.0 v pf 55 * used to determine the no ? load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . switching waveforms figure 1. figure 2. *includes all probe and jig capacitance c l * test point device under test output figure 3. test circuit *includes all probe and jig capacitance c l * test point device under test output figure 4. test circuit connect to v cc when testing t plz and t pzl . connect to gnd when testing t phz and t pzh . 1 k enable a enable b output y output y 3 v gnd 3 v gnd high impedance high impedance v ol v oh 1.3 v 1.3 v 1.3 v 1.3 v 90% 10% t pzl t plz t pzh t phz 3 v gnd t f t r input a or b output ya or yb 0.3 v 1.3 v 2.7 v 10% 1.3 v 90% t tlh t plh t phl t thl
MC74HCT241A http://onsemi.com 5 logic detail input a output enables to three other ?b? buffers two of 8 buffers ya v cc input b yb v cc enable a to three other ?a? buffers enable b
MC74HCT241A http://onsemi.com 6 ordering information device package shipping ? MC74HCT241Ang pdip ? 20 (pb ? free) 18 units / rail MC74HCT241Adwg soic ? 20 (pb ? free) 38 units / rail MC74HCT241Adwr2g soic ? 20 (pb ? free) 1000 / tape & reel MC74HCT241Adtg tssop ? 20* 75 units / rail MC74HCT241Adtr2g tssop ? 20* 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *these packages are inherently pb ? free. marking diagrams pdip ? 20 soic ? 20w tssop ? 20 a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb ? free package (note: microdot may be in either location) 1 20 hct 241a alyw   20 1 hct241a awlyywwg 1 20 MC74HCT241An awlyywwg
MC74HCT241A http://onsemi.com 7 package dimensions pdip ? 20 n suffix plastic dip package case 738 ? 03 issue e notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimension b does not include mold flash. m l j 20 pl m b m 0.25 (0.010) t dim min max min max millimeters inches a 25.66 27.17 1.010 1.070 b 6.10 6.60 0.240 0.260 c 3.81 4.57 0.150 0.180 d 0.39 0.55 0.015 0.022 g 2.54 bsc 0.100 bsc j 0.21 0.38 0.008 0.015 k 2.80 3.55 0.110 0.140 l 7.62 bsc 0.300 bsc m 0 15 0 15 n 0.51 1.01 0.020 0.040   e 1.27 1.77 0.050 0.070 1 11 10 20 ? a ? seating plane k n f g d 20 pl ? t ? m a m 0.25 (0.010) t e b c f 1.27 bsc 0.050 bsc soic ? 20w dw suffix case 751d ? 05 issue g 20 1 11 10 b 20x h 10x c l 18x a1 a seating plane  h x 45  e d m 0.25 m b m 0.25 s a s b t e t b a dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 12.65 12.95 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7 notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of b dimension at maximum material condition. 
MC74HCT241A http://onsemi.com 8 package dimensions tssop ? 20 dt suffix case 948e ? 02 issue c 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint dim a min max min max inches 6.60 0.260 millimeters b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.27 0.37 0.011 0.015 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? . 110 11 20 pin 1 ident a b ? t ? 0.100 (0.004) c d g h section n ? n k k1 jj1 n n m f ? w ? seating plane ? v ? ? u ? s u m 0.10 (0.004) v s t 20x ref k l l/2 2x s u 0.15 (0.006) t detail e 0.25 (0.010) detail e 6.40 0.252 --- --- s u 0.15 (0.006) t
MC74HCT241A http://onsemi.com 9 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. MC74HCT241A/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74HCT241A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X