Part Number Hot Search : 
SDA113C CGY121A TEVAL OFMS22MI TLMO3101 11P24 DHR200C5 035PT
Product Description
Full Text Search
 

To Download MBRF10200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2008. 5. 13 1/2 semiconductor technical data MBRF10200CT schottky barrier type diode revision no : 1 switching type power supply application. converter & chopper application. features average output rectified current : i o =10a. repetitive peak reverse voltage : v rrm =200v. fast reverse recovery time : t rr =35ns. maximum rating (ta=25 ) to-220is (1) a a b b c c d d e e f f g g h h 1.47 max 1.47 max j j k k l m l n nn o o q 1. anode 2. cathode 3. anode r q r 123 m dim millimeters 10.16 0.2 + _ 15.87 0.2 + _ 2.54 0.2 + _ 0.8 0.1 + _ 3.18 0.1 + _ 0.5 0.1 + _ 3.23 0.1 + _ 13.0 0.5 + _ 2.54 0.2 + _ 4.7 0.2 + _ 6.68 0.2 + _ 2.76 0.2 + _ 3.3 0.1 + _ 12.57 0.2 + _ characteristic symbol rating unit repetitive peak reverse voltage v rrm 200 v average output rectified current (tc=118 ) (note) i o 10 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 100 a junction temperature t j -40 150 storage temperature range t stg -55 150 note : average forward current of centertap full wave connection. 3 1 2 electrical characteristics (ta=25 ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =5a - - 0.95 v repetitive peak reverse current (note) i rrm v rrm =rated - - 150 reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 3 /w note : a value of one cell
2008. 5. 13 2/2 MBRF10200CT revision no : 1 average forward current i f(av) (a) average forward current i f(av) (a) p f(av) (w) average forward current i f(av) (a) p f(av) - i f(av) average forward power dissipation reverse current i r ( a) reverse voltage v r (v) i r - v r i f - v f forward voltage v f (v) forward current i f (a) i f - t c i f - t a case temperature tc ( c) ambient temperature t a ( c) 0 0 0 0 0 0 0.1 0.2 0.4 0.6 0.8 1 1 10 50 100 150 0.1 1 10 100 110 120 130 140 150 4 2 6 dc 40 80 120 160 2 8 10 4 6 12 rated voltage applied ja ja r =16 c/w r =60 c/w (no heat sink) dc dc 2468 2 8 dc 4 6 8 10 12 10 12 10 200 rated voltage r = 3 c/w jc applied j t =25 c t j =25 c


▲Up To Search▲   

 
Price & Availability of MBRF10200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X