Part Number Hot Search : 
MAX1682 S1033 90000 S1608 MC12015 2SK22 GR3GB E222M
Product Description
Full Text Search
 

To Download LP56-425 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. configuration & dimensions : 3. electrical characteristics ( @ 25c ) : superworld electronics (s) pte ltd 2. schematic : LP56-425 (f) series power transformer pg. 1 note : specifications subject to change without notice. please check our website for latest information. 10.06.2008 indicates polarity 1 115/230v 4 2 primaries 3 5 8 6 7 b b 48.20 (1.898) pcb pattern size 24 l wh b a unit : mm (inch) gram 425.24 (2.224) 56.50 (2.756) 70.00 31.80 (1.252) (0.591) 15.00 49.20 (1.937) 50/60hz a. primary voltage ac 115/230 v 50/60 hz . b. no load primary current input ac 115v 60hz . less than 70ma . input ac 230v 50hz . less than 70ma . c. secondary voltage ( 5%) series ac - v . parallel ac - v . d. secondary load current series 425ma . parallel 850ma . e. full load primary current input ac 115v 60hz . less than - ma . input ac 230v 50hz . less than - ma . f. full load secondary voltage (5%) series 56.00v . pin 3-4 pin 1-2 g. dc resistance = 62 ohm . primary = 62 ohm . parallel 28.00v . pin 5-6 pin 7-8 h. insulation resistance i. withstand voltage (hi-pot) secondary = - ohm . = - ohm . dc 500v 100meg ohm of more . ac 1500v 60hz 1 minutes . less than 60 deg c . ui-43 x 14.50 m/m . j. temperature rise k. core size pc terminal plug-in mounting b 3 4 2 1 7 8 6 5 1.00 (0.041) 6.00 (0.236) ref. a b h max. w 13.70 (0.539) l


▲Up To Search▲   

 
Price & Availability of LP56-425

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X