Part Number Hot Search : 
2SC5856 W134MSQC 84C30 ICX249AL 9C512 68200 274J100 FHR020
Product Description
Full Text Search
 

To Download LA75665M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  overview the LA75665M is a vif/sif ic that supports pal and ntsc multisound and that adopts a semi-adjustment-free system. to simplify adjustment, the vif block adopts a technique in which aft adjustment is no longer required by vco adjustment. the sif block supports audio multi- detection by adopting a pll detection technique. the sif block provides 4 inputs with ic internal switching for easy design of multi-sound systems. additionally, these switches can also be used for video system sound trap switching. the la7566 also includes a buzz canceller that suppresses nyquist buzz to achieve improved audio quality. features no coils are used in the aft and sif blocks, making these circuits adjustment free. pal / ntsc multisound system can be constructed easily. built-in buzz canceller for excellent audio performance functions [vif block] ?vif amplifier ?pll detector ?bnc ?rf agc ?eq amplifier ?aft ?if agc ?buzz canceller [first sif block] ?first sif amplifier ?first sif detector ?agc [sif block] ?multiple input switch ?limiter amplifier ?pll fm detector package dimensions unit: mm 3112-mfp24s monolithic linear ic n3099th (ot) no. 6227-1/12 sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan vif/sif if signal-processing circuit with tv/vcr pal and ntsc multisound support LA75665M ordering number : enn6227a any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft? control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. 112 24 13 12.6 0.8 1.0 0.15 0.35 5.4 6.35 7.6 0.625 1.8max 1.5 0.1 sanyo: mfp24s [LA75665M]
no. 6227-2/12 LA75665M 100 0 200 300 400 420 500 600 700 720 800 ?0 0 20 40 60 70 80 100 pd max ? ta ambient temperature, ta ?? allowable power dissipation, pd max ?mw parameter symbol conditions ratings unit maximum supply voltage v cc max 6v circuit voltage v7, v10, v cc v i1 ? ma circuit current i13 ? ma i18 ?0 ma allowable power dissipation pd max ta 50?, independent ic 420 mw when mounted on a printed circuit board * 720 mw operating temperature topr ?0 to +70 ? storage temperature tstg ?5 to +150 ? specifications maximum ratings at ta = 25? parameter symbol conditions ratings unit recommended supply voltage v cc 5v operating supply voltage range v cc op 4.6 to 5.5 v operating conditions at ta = 25? note: * size: 65 72 1.6 mm 3 , material: paper/phenol composite independent ic with substrate (65 72 1.6 mm 3)
no. 6227-3/12 LA75665M parameter symbol conditions ratings unit min typ max [vif block] circuit current i3 39 46 53 ma maximum rf agc voltage v9h 4.5 4.9 v minimum rf agc voltage v9l 0 0.5 v input sensitivity v in s1 = off 29 35 41 db? agc range g r 45 50 db maximum allowable input v in max 95 100 db? no-signal video output voltage v13 3.2 3.5 3.8 v sync tip voltage v13 tip 0.8 1.0 1.2 v video output level v o 1.75 2.1 2.42 vp-p black noise threshold voltage v bth 0.3 0.6 0.9 v black noise clamp voltage v bcl 1.5 1.8 2.1 v video signal-to-noise ratio s/n 48 52 db c-s beat ic-s 44 49 db frequency characteristics f c 6 mhz ? ?.5 db differential gain dg 38% differential phase dp 3 8 deg aft voltage with no input signal v10 4 4.5 5.0 v maximum aft voltage v10h 4.2 4.8 5.0 v minimum aft voltage v10l 0 0.1 0.2 v aft detection sensitivity sf 19 25 32 mv/khz vif input resistance ri 38.9 mhz 1.5 k vif input capacitance ci 38.9 mhz 3 pf apc pull-in range (u) f pu 1.0 1.5 mhz apc pull-in range (l) f pl ?.5 ?.8 mhz aft tolerance frequency 1 dfa1 ?00 0 +200 khz vco 1 maximum variability range (u) dfu 1.3 1.5 mhz vco 1 maximum variability range (l) dfl ?.5 ?.75 mhz vco control sensitivity b 1.25 2.3 5.0 khz/mv drift when the aft switch is on drift 3s [first sif block] conversion gain vg 28 31 34 db 5.5 mhz output level s o 125 177 251 mvrms maximum first sif input s in max 500 1000 mvrms first sif input resistance r in (sif) 33.4 mhz 2 k first sif input capacitance c in (sif) 33.4 mhz 3 pf [sif block] limiting sensitivity vii(lim) 36 42 db? fm detector output voltage v o (fm) 5.5 mhz 30 khz 450 570 720 mvrms am rejection ratio amr 50 60 db total harmonic distortion thd 0.2 1.5 % sif s/n s/n (fm) 55 60 db fm detector output dc voltage fmdc 1.9 2.2 2.5 v [sif switch block] switches a, b, and c: h = open, l = ground ntsc mode 6-db amplifier ntsw 5 6 7 db sif crosstalk 21 ct21 51 57 db sif crosstalk 22 ct22 51 57 db sif crosstalk 23 ct23 51 57 db sif crosstalk 24 ct24 51 57 db switch threshold low-level voltage sw (l) 1.0 1.5 2.0 v operating characteristics at ta = 25?, v cc = 5 v, fp = 38.9 mhz
pin assignment no. 6227-4/12 LA75665M 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 fm det out sif filter v cc gnd vif in vif in ifagc 1st sif in rfagc out aft out vco coil vco coil video out eq filter pal video in nt video in apc comp out 1st sif out fm filter sif in (4.5mhz) sif in (5.5mhz) sif in (6.0mhz) sif in (6.5mhz) /rfagc vr a12481 LA75665M top view application circuit diagram h : open l : gnd 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 + + + + 0.01 f 1 f 100 f 0.01 f 0.022 f 0.01 f 30 k 150 2.2 k 2.2 k 5.1 k 2.2 k 150 560 330 330 15 h 8.2 h 4.5 mhz 4.5 mhz 330 5.5 mhz 330 6.0 mhz 330 6.5 mhz 5.5 mhz, 6.0 mhz, 6.5 mhz 0.01 f 0.47 f 1 f 30 pf 47 h 0.01 f 0.01 f 0.01 f 100 k 100 k 3 k 2.2 k audio out rfagc out aft out video out c b a v cc saw(p) saw (s) a12482 fm det aft vco rf agc if agc f video det lim amp vif 1st sif det eq amp input sw 1st amp switch 5.5 mhz 6.0 mhz 6.5 mhz 4.5 mhz abc hhh l l hhl l l hlh l l hll l l lhh l l l l l l lll l l l l l l l l lhl l l l l llh l l l l
internal equivalent circuit diagram no. 6227-5/12 LA75665M 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 + + + + 0.01 f 1 f 100 f 0.01 f 0.022 f 0.01 f 30 k 150 2.2 k 2.2 k 1 k 2 k 2 k 1 k 1 k 2 k 200 200 1 k 1 k 1 k 1 k 2 k 1.5 k 2.5 k 15 k 15 k 15 k 15 k 100 100 28 k 100 28 k 28 k 100 28 k 3.6 v 1.5 k 2.2 k 5.1 k 150 560 330 330 330 330 2 k 1 k 1 k 100 1 k 1.2 k 1.2 k 2.5 k 9.2 k 1 k 2 pf 15 pf 10 k 1 k 2 k 330 15 h 8.2 h 4.5 mhz 4.5 mhz 5.5 mhz 6.0 mhz 6.5 mhz 5.5 mhz, 6.0 mhz, 6.5 mhz 0.01 f 0.47 f 1 f 47 h 30 pf 0.01 f 0.01 f 0.01 f 50 k -b 100 k 100 k 3 k 2.2 k audio out rfagc out vco coil aft out video out c b a v cc saw (p) saw (s) a12483
ac characteristics test circuit diagram no. 6227-6/12 LA75665M 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 + + + 0.01 f (m) 1 f 100 f 0.01 f 51 5.1 k 51 30 k gnd vif in 1st sif in v cc gnd ma6389 rfagc out (f) video out (a) 1st sif out (c) 2nd sif in aft out (b) if agc 0.022 f 100 k s1 330 330 0.01 f 0.01 f 150 560 51 0.47 f + 1 f 0.01 f 0.01 f 0.01 f 0.01 f 100 k 100 k fm det out (d) swa swb swc a12484 fm det aft vco rf agc if agc f video det lim amp vif amp 1st sif det eq amp input sw 1st amp 0.01 f 0.01 f 1000 pf 51 51 51 rf vr 20k-b input impedance test circuit diagram (vif and first sif input impedance) 1 24 23 22 21 20 19 18 17 16 15 14 13 2 3 4 5 6 7 8 9 10 11 12 + 0.01 f 0.01 f 0.01 f 0.01 f 0.01 f 0.01 f 0.01 f 100 f 0.01 f 100k 100k 330 330 10k 0.01 f 0.01 f 0.01 f vif in v cc 1st sif in a12485 LA75665M impedance analyzer
no. 6227-7/12 LA75665M pin no. symbol pin function equivalent circuit pin functions 1 fm det out audio fm detector output this circuit includes an internal 300 resistor in series with the emitter-follower output. stereo applications the input impedance may be reduced according to the applications that input this signal to a stereo decoder. this can result in distortion in the left and right signals and a degradation of the stereo characteristics. if this problem occurs, add a resistor between pin 24 and ground. r1 3 5.1 k mono applications forms an external deemphasis circuit. t = cr2 a12486 r2 300 10 k c r1 1 2 sif filter connection for a filter that holds the fm detector output dc voltage at a fixed level. normally, a 1-? electrolytic capacitor is used. to improve the low band (around 50 hz) frequency characteristics, increase the value of this capacitor (c1). the fm detector output level can be reduced and the fm dynamic range increased by inserting this resistor in series with the capacitor. 2 + 1 k 1 k c1 r a12487 5 6 vif in vif amplifier input. the input circuit is constructed as a balanced input, and the input has the following impedance characteristics: r 1.5 k c 3 pf 5 6 1 k 1 k a12488 continued on next page.
no. 6227-8/12 LA75665M continued from preceding page. pin no. symbol pin function equivalent circuit 7 if agc if agc filter connection. the agc voltage is created at pin 7 from the signal to which peak detection was applied by the internal agc detector. additionally, the ic includes an internal second agc filter (a lag-lead filter) used to create a dual time constant. a 0.022 ? capacitor is used as the external capacitor. the value of this capacitor must be adjusted according to measurement of the sag, agc speed, and other circuit aspects. 7 c1 2 k 1 k 10 k a12489 8 1st sif in first sif input. a dc cut capacitor must be inserted in the input to this circuit. when a saw filter is used: the first sif sensitivity can be increased by inserting an inductor between the saw and the ic to match the saw output and ic input capacitances. when an intercarrier system is used: this pin must be connected to ground through a capacitor. 8 a12490 2 k 2 k 9 rf agc out rf agc output. this output controls the tuner rf agc. this is an open- collector output with an inserted 100- protective resistor. determine the value of the external bleeder resistor to match the tuner specifications. 9 a12491 v cc 100 3 pf 500 10 aft out aft output. the aft center voltage is created with an external bleeder resistor. the aft gain increases as the value of this bleeder resistor increases. the value of this resistor must not exceed 390 k . this circuit includes a control function that controls the aft voltage to be equal to the center voltage in weak field reception conditions. 10 1 k a12492 continued on next page.
no. 6227-9/12 LA75665M continued from preceding page. pin no. symbol pin function equivalent circuit 11 12 vco vco tank circuit used for video detection. see the separately provided documentation for the tank circuit coil (inductor) specifications. 12 11 1.2 k 1.2 k a12493 13 14 video out eq filter equalizer circuit. this circuit corrects the video signal frequency characteristics. notes on equalizer amplifier design: the equalizer amplifier is designed as a voltage follower amplifier with a gain of about 2.3 db. when the frequency characteristics are corrected, connect an inductor, a capacitor, and a resistor in series between pin 14 and ground. the equalizer amplifier gain is given by: r1 av = + 1 z here, r1 is an ic internal resistor with a value of 1 k . select z according to the desired characteristics. however, care is required to prevent distortion at the resonant point determined by z, where the gain is maximum. 13 14 2 k 1 k 9.2 k c z l r a12494 15 16 pal video in nt video in equalizer amplifier inputs. pin 15 is for pal, and pin 16 for ntsc format signals. these inputs are linked to and switched by the sif switches. 15 16 200 200 a12495 17 apc filter pll detector apc filter connection. the apc time constants are switched internally in the ic. when locked, the vco is controlled over the path a, and the loop gain is reduced. when unlocked and during weak field reception, the vco is controlled over the path b, thus increasing the loop gain. we recommend values of: r = 150 to 390 , and c = 0.47 ? for the loop filter constants. 17 a12496 fro apc a b 1 k 1 k 1 k continued on next page.
no. 6227-10/12 LA75665M continued from preceding page. pin no. symbol pin function equivalent circuit 18 comp out output for the video signal that includes the sif carrier. a resistor must be inserted between pin 18 and ground to acquire an adequate drive capability. r 3 470 18 a12497 1.5 k 2 k 2pf 1 k 15pf 19 1st sif out first sif output the signal output from this pin is passed through a bandpass filter and input to the sif circuit. this is an emitter-follower output. 19 1 k a12498 20 fm filter the fm detector signal-to-noise ratio can be improved by inserting a filter in the fm detector bias line. c1 should have a value of 0.47 ? or greater, and 1 ? is recommended . if the fm detector is not used, pin 20 must be connected to ground through a 2-k resistor. this stops the fm detector vco circuit. 20 + a12499 c1 2.5 k 1.5 k 21 22 23 24 sif in (4.5 mhz) sif in (5.5 mhz) sif in (6.0 mhz) sif in (6.5 mhz) rf agc vr sif inputs. four input pins are provided to support multi-side systems, and a switching function is also included. since buzzing and bass beating can occur if interference signals, such as the video signal or the chrominance signal, enter these pins, extra care must be taken in designing the input circuit pattern layout. note that pin 24 also functions as the rf agc adjustment pin. this pin sets the tuner rf agc operating point. also, the fm output and the video output can be muted at the same time by setting this pin to the ground level. 21 22 23 24 28 k 4.5meg swa swb swc v cc vbgz=3.6 5.5meg 6.0meg 6.5meg 30 k 12 k 30 k 28 k 15 k 11 k 11 k 11 k 15 k 100 100 100 100 28 k 30 k 28 k a12500 switch 5.5 mhz 6.0 mhz 6.5 mhz 4.5 mhz abc hhh l l hhl l l hlh l l hll l l lhh l l l l l l lll l l l l l l l l lhl l l l l llh l l l l
notes on sanyo saw filters there are two types of saw filters, which differ in the piezoelectric substrate material, as follows: 1. lithium tantalate (litao3) saw filter tsf11 n n n n japan tsf12 n n n n us although lithium tantalate saw filters have the low temperature coefficient of ?8 ppm/?, they suffer from a large insertion loss. however, it is possible, at the cost of increasing the number of external components required, to minimize this insertion loss by using a matching circuit consisting of coils and other components at the saw filter output. at the same time as minimizing insertion loss, this technique also allows the frequency characteristics, level, and other aspects to be varied, and thus provides increased circuit design flexibility. also, since the saw filter reflected wave level is minimal, the circuit can be designed with a small in-band ripple level. 2. lithium niobate (linbo3) saw filter tsf52 n n n n us tsf53 n n n n pal although lithium niobate saw filters have the high temperature coefficient of ?2 ppm/?, they feature an insertion loss about 10 db lower than that of lithium tantalate saw filters. accordingly, there is no need for a matching circuit at the saw filter output. although the in-band ripple is somewhat larger than with lithium tantalate saw filters, since they have a low impedance and a small field slew, they are relatively immune to influences from peripheral circuit components and the geometry of the printed circuit board pattern. this allows stable out-of-band trap characteristics to be acquired. due to the above considerations, lithium tantalate saw filters are used in applications for the us and japan that have a high if frequency, and lithium niobate saw filters are used in pal and us applications that have a low if frequency. notes on saw filter matching in saw filter input circuit matching, rather than matching the if frequency, flatter video band characteristics can be acquired by designing the tuning point to be in the vicinity of the audio carrier rather than near the chrominance carrier. the situation shown in figure on the right makes it easier to acquire flat band characteristics than that in figure on the left . no. 6227-11/12 LA75665M a12501 frequency tokyo parts industrial co., ltd. 236 hinode machi isesaki shi, gunma prefecture japan tel: +81-270-23-3731 coil specifications japan f = 58.75 mhz us f = 45.75 mhz pal f = 38.9 mhz vco coils test production no. 16991a test production no. 16687a test production no. 16686a tokyo parts industrial co., ltd. tokyo parts industrial co., ltd. tokyo parts industrial co., ltd. picture picture picture saw filters (split) tsf1137u tsf1241 tsf5315 sound sound sound saw filters (inter) tsf5220 tsf5321 tsf5221 tsf5344 s t = 5 t 0.12 c = 27 pf a12502 s t = 6 t 0.12 c = 39 pf a12503 s t = 7 t 0.12 c = 39 pf a12504 saw filter characteristics the high-band is reduced the high-band is extended frequency with the tuning set to the if frequency with the tuning set to the vicinity of s and c
ps no. 6227-12/12 LA75665M notes on vco tank circuits 1. built-in capacitor vco tank circuits when the power is turned on, the heat generated by the ic is transmitted through the printed circuit board to the vco tank circuit. at this point, the vco coil frame functions as a heat sink and the ic heat is dissipated. as a result, it becomes more difficult to transmit heat to the vco tank cricuit's built-in capacitor, and the influence of drift at power on is reduced. therefore, it suffices to design the circuit so that the coil and capacitor thermal characteristics cancel. ideally, it is better to use a coil with a core material that has low temperature coefficient characteristics. 2. external capacitor vco tank circuits when an external capacitor is used, heat generated by the ic is transmitted through the printed circuit board directly to the vco tank circuit external capacitor. while this capacitor is heated relatively early after the power is turned on, the coil is not influenced as much by this heat, and as a result the power-on drift is increased. accordingly, a coil whose core material has low temperature coefficient characteristics must be used. it is also desirable to use a capacitor with similarly low temperature coefficient characteristics. note: applications that use an external capacitor here must use a chip capacitor. if an ordinary capacitor is used, problems such as the oscillator frequency changing with the capacitor orientation may occur. this catalog provides information as of november, 1999. specifications and information herein are subject to change without notice. specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer? products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer? products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products (including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co., ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the ?elivery specification for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.


▲Up To Search▲   

 
Price & Availability of LA75665M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X