Part Number Hot Search : 
200LT44 EVALZ 70M10V6 MAX40 DZ255 AD711 D115500 L6599AD
Product Description
Full Text Search
 

To Download JANTXV1N6510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a microsemi company 580 pleasant st. phone: 617-924-9280 watertown, ma 02472 fax : 617-924-1235 diode array product specification monolithic air isolated diode array features: qualified parts listing: mil-prf-19500/474 bv > 75v at 5ua ir < 100na at 40v c < 4.0 pf absolute maximum ratings: symbol parameter limit unit vbr(r) *1 *2 reverse breakdown voltage 75 vdc io *1 * 3 continuous forward current 300 madc ifsm *1 peak surge current (tp= 1/120 s) 500 madc pt1 *4 power dissipation per junction @ 25c 400 mw pt2 *4 power dissipation per package @ 25c 500 mw top operating junction temperature range -65 to +150 c tstg storage temperature range -65 to +200 c note 1: each diode note 2: pulsed: pw = 100ms max.; duty cycle < 20% note 3: derate at 2.4ma/c above +25 c note 4: derate at 4.0mw/c above +25 c symbol parameter conditions min max unit vf1 forward voltage if = 100madc *1 1 vdc ir1 reverse current vr = 40 vdc 0.1 uadc ir2 reverse current vr = 20 vdc 25 nadc ct capacitance (pin to pin) vr = 0 vdc ; f = 1 mhz 4.0 pf tfr forward recovery time if = 100madc 15 ns trr reverse recovery time if = ir = 10madc, irr = 1 madc, rl = 100 ohms 10 ns vf5 forward voltage match if = 10 ma 5 mv note 1: pulsed: pw = 300us +/- 50us, duty cycle < 2%, 90us after leading edge sertech reserves the right to make changes to any product design, specification or other information at any time without prior notice. msc1009.pdf rev - 11/24/98 electrical characteristics (per diode) @ 25c unless otherwise specified 1n6510 jantx, jantxv package outline 1 2 3 4 5 6 7 14 13 12 11 10 9 8 15 16 .400 .370 .020 max .015 max .050 bsc .019 .015 .085 .060 .015 max .040 .025 .370 .250 .370 .250 .260 .245 .008 .003


▲Up To Search▲   

 
Price & Availability of JANTXV1N6510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X